PART |
Description |
Maker |
UTV080 |
8 Watts, 26.5 Volts, Class A UHF Television - Band IV & V
|
Electronic Theatre Controls, Inc. GHZTECH[GHz Technology]
|
0405SC-1000M MICROSEMIPOWERPRODUCTSGROUP-0405SC-10 |
SiC UHF: 400-450MHz, Class AB, Common Gate-Pulsed; P(out) (W): 1000; P(in) (W): 180; Gain (dB): 8; Vcc (V): 125; Pulse Width (µsec): 300; Duty Cycle (%): 10; Case Style: 55KT FET-1 UHF BAND, Si, N-CHANNEL, RF POWER, JFET 1000Watts, 125 Volts, Class AB 406 to 450 MHz Silicon Carbide SIT
|
Microsemi, Corp. Microsemi Corporation
|
0405-1000M1 |
1000 Watts - 40 Volts, 300楼矛s, 10% UHF Pulsed Radar 400 - 450 MHz 1000 Watts - 40 Volts, 300μs, 10% UHF Pulsed Radar 400 - 450 MHz
|
Microsemi Corporation
|
S175-50 |
175 Watts, 50 Volts, Class AB Milcom 1.5 - 30 MHz 175 Watts 50 Volts Class AB Milcom 1.5 - 30 MHz
|
ETC[ETC]
|
10AM05 |
5.0 Watts, 20 Volts, Class A Linear to 1000 MHz
|
GHZTECH[GHz Technology]
|
1014-6A |
6 Watts, 28 Volts, Class C Microwave 1000 - 1400 MHz
|
Advanced Power Technology Ltd. ADPOW[Advanced Power Technology]
|
UMIL100 |
100 Watts, 28 Volts, Class AB Defcom 225 - 400 MHz
|
GHZTECH[GHz Technology]
|
VAM80 |
TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 8.5A I(C) | SOT-121VAR 80 Watts, 27 Volts, Class AB Defcom 100 - 150 MHz
|
GHZTECH[GHz Technology]
|
10A015 |
1.5 W, 20 V, 1000 MHz common emitter transistor 1.5 Watts, 20 Volts, Class A Linear to 1000 MHz
|
GHZTECH[GHz Technology]
|
23A003 |
0.3 W, 15 V, 2300 MHz common emitter transistor 0.3 Watts, 15 Volts, Class A Linear to 2300 MHz
|
GHZTECH[GHz Technology]
|
23A005 |
0.5 W, 20 V, 2300 MHz common emitter transistor 0.5 Watts, 20 Volts, Class A Linear to 2300 MHz
|
GHZTECH[GHz Technology]
|
|