PART |
Description |
Maker |
TC1037 TC1037CECT TC1039 TC1038 TC1039CECH TC1038C |
The TC1037/1038/1039 are single, low-power comparators designed for low-power applications. These comparators are specifically designed for operation from a single supply. However, operation from dual supplies also is possible, and power s Linear Building Block . Single Comparator in SOT Packages
|
MICROCHIP[Microchip Technology] Microchip Technology Inc.
|
NE5531079A-T1 NE5531079A-T1-A NE5531079A-T1A-A |
7.5 V OPERATION SILICON RF POWER LDMOS FET FOR UHF-BAND 10 W TRANSMISSION AMPLIFIERS SILICON POWER MOS FET
|
California Eastern Labs
|
SPF-2086T |
Low Noise pHEMT GaAs FET 0.1 - 12 GHz Operation
|
SIRENZA[SIRENZA MICRODEVICES]
|
BZT52C10 BZT52C10-7 BZT52C11 BZT52C11-7 BZT52C12 B |
SURFACE MOUNT ZENER DIODE Low Current Operation at 250 锛?ow Reverse Leakage,Low Noise Zener Diode Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 3.3 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 3.9 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 2.7 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 7.5 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Dual Negative-Edge-Triggered J-K Flip-Flop With Clear And Preset 16-TSSOP -40 to 85 12 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 250 的低电流运算,低反向泄露,低噪声稳压二极 Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 36 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 20 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 4.7 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????)
|
Diodes, Inc. Diodes Inc. DIODES[Diodes Incorporated]
|
SPF-2000 |
Low Noise High Linearity pHEMT GaAs FET 0.1 - 12 GHz Operation
|
SIRENZA[SIRENZA MICRODEVICES]
|
M5238AFP M5238AL M5238AP M5238P M5238FP |
DUAL LOW-NOISE J-FET INPUT OPERATIONAL AMPLIFIERS 双路低噪声J - FET输入运算放大 DUAL LOW NOISE JFET INPUT OPERATIONAL AMPLIFIERS CRYSTAL 30.000 MHZ 10PF SMD 双低噪声JFET输入运算放大 Dual Low Noise J-Fet Input Operational Amplifier
|
MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
TL062_07 TL062ACN TL062AID TL062AIN TL062AMN TL062 |
LOW POWER J-FET DUAL OPERATIONAL AMPLIFIERS
|
STMICROELECTRONICS[STMicroelectronics]
|
UPC4062 UPC4062C UPC4062G2 |
DUAL J-FET INPUT LOW-POWER OPERATIONAL AMPLIFIER 双J - FET输入的低功耗运算放大器
|
NEC, Corp. NEC[NEC]
|
TDB0157 TDB0155 TDB0156 |
(TDB0155 - TDB0158) Low Power Dual Bi-FET Operational Amplifiers
|
ST Microelectronics
|
WMS512K8BV-20E WMS512K8BV-17E WMS512K8BV-17DEMEA W |
20ns; low voltage operation: 3.3V -10% power supply; 512K x 8 monolithic SRAM 17ns; low voltage operation: 3.3V -10% power supply; 512K x 8 monolithic SRAM 15ns; low voltage operation: 3.3V -10% power supply; 512K x 8 monolithic SRAM 512K X 8 STANDARD SRAM, 17 ns, CDSO32 512Kx8 Monolithic SRAM(512Kx8单片静态RAM(BiCMOS,存取时间17ns 512Kx8 Monolithic SRAM(512Kx8单片静态RAM(BiCMOS,存取时间20ns
|
White Electronic Designs Corporation
|
STPS5L40RL STPS5L40 |
Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode POWER SCHOTTKY RECTIFIER
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|