PART |
Description |
Maker |
LB1231 LB1233 LB1232 LB1234 |
High-Voltage, Large Current Darligton Transistor Array High-Voltage, High- Current Darlington Transistor Array PERIPHERAL DRIVER,7 DRIVER,BIPOLAR,DIP,16PIN,PLASTIC Septuple Peripheral Driver From old datasheet system High-Voltage / High- Current Darlington Transistor Array
|
SANYO[Sanyo Semicon Device] Sanyo Semiconductor Corp Sanyo Electric Co.,Ltd.
|
BY329X1500 BY329X-1500S BY329X-1500 BY329X-1500S12 |
Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:1000V; On State RMS Current, IT(rms):8A; Gate Trigger Current (QI), Igt:50mA; Current, It av:8A; Gate Trigger Current Max, Igt:50mA RoHS Compliant: Yes Damper diode fast, high-voltage Damper diode fast/ high-voltage Damper diodes fast, high-voltage - I<sub>FRM</sub>: 16 A; I<sub>O (AV)</sub>: 10 A; V<sub>RRM</sub>: 1500 V; Package: SOD113 (TO-220F); Container: Horizontal, Rail Pack
|
http:// NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
S4KW12KA-3 S4KW4KA-1 S4KW24KA-6 S4KW8KA-2 |
High Voltage,High Current,Standard Recovery Rectifier Assembly(反向电压12000V,高压,大电流,标准恢复整流器部 高电压,大电流,标准恢复整流大会(反向电2000V,高压,大电流,标准恢复整流器部件) High Voltage,High Current,Standard Recovery Rectifier Assembly(反向电压8000V,高压,大电流,标准恢复整流器部 STANDARD RECOVERY HIGH VOLTAGE, HIGH CURRENT RECTIFIER
|
Semtech Corporation
|
2SC4738 |
High voltage and high current:VCE=50V,IC=150mA(Max.) High hFE: =120 to 700
|
TY Semiconductor Co., L...
|
MSK600-15 MSK600B |
Ultra Low Quiescent Current - ±15mA for High Voltage WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER
|
M.S. Kennedy Corporatio... Anaren Microwave
|
MAX6457 MAX6457UKD-T MAX6458 MAX6458UKD-T MAX6459 |
150 ms, high-voltage, low-current voltage monitor in SOT package " High-Voltage, Low-Current Over Voltage/ Under Voltage Monitor in SOT Package" " High-Voltage, Low-Current Voltage Monitors in SOT Packages" High-Voltage / Low-Current Voltage Monitors in SOT Packages
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
SCPNP10 SCPNP15 SCPND10 SCPND15 SCPND5 SCPNN10 SCP |
STANDARD RECOVERY HIGH VOLTAGE DOUBLER AND CENTER TAPS High Voltage,High Current, Standard Recovery Center Tap Rectifier(反向电压5000V,温5℃时平均整流电流11A,高压,大电流,标准恢复正中心抽头整流器)
|
Semtech Corporation
|
XC6404 XC6404DE82MR XC6404DE86MR XC6404CE81MR XC64 |
From old datasheet system High Current, High Speed LDO Regulators, Voltage Detector Function High Current/ High Speed LDO Regulators/ Voltage Detector Function
|
TOREX[Torex Semiconductor]
|
XC6413 |
High Current, High Speed LDO Regulators, Voltage Detector Function
|
Torex Semiconductor
|
SS10PH10-M3-86A SS10PH10-M3-87A SS10PH10HM3-86A SS |
High Current Density Surface Mount High Voltage Schottky Rectifiers
|
Vishay Siliconix
|