PART |
Description |
Maker |
230_1 230 |
5x20 mm MINIATURE FUSES
|
Littelfuse, Inc. LITTELFUSE[Littelfuse]
|
230 |
MINIATURE FUSES - 5x20 mm
|
Littelfuse
|
5HFP630-R 5HFP12-R 5HFP125-R 5HFP500-R 5HF160-R 5H |
Quick-acting Fuse Series(High-Breaking Capacity) Fuses, RoHS 800mA 250V F IEC CERM 5X20 VERY FAST BLOW ELECTRIC FUSE, 0.8A, 250VAC, 1500A (IR), INLINE/HOLDER Fuses, RoHS 8A 250V F IEC CERM 5X20 VERY FAST BLOW ELECTRIC FUSE, 8A, 250VAC, 1500A (IR), INLINE/HOLDER Fuses, RoHS 315mA 250V F IEC CERM LEAD VERY FAST BLOW ELECTRIC FUSE, 0.315A, 250VAC, 1500A (IR), THROUGH HOLE Fuses, RoHS 3.15A 250V F IEC CERM 5X20 VERY FAST BLOW ELECTRIC FUSE, 3.15A, 250VAC, 1500A (IR), INLINE/HOLDER Fuses, RoHS 4A 250V F IEC CERM 5X20 VERY FAST BLOW ELECTRIC FUSE, 4A, 250VAC, 1500A (IR), INLINE/HOLDER Fuses, RoHS 6.3A 250V F IEC CERM LEAD Fuses, RoHS 100mA 250V F IEC CERM LEAD Fuses, RoHS 1A 250V F IEC CERM LEAD
|
Bel Fuse Inc. http:// Bel Fuse, Inc.
|
5VT2 |
Fuses, 2A 250V T IEC GLASS 5X20 TIME LAG BLOW ELECTRIC FUSE, 2A, 250VAC, 35A (IR), INLINE/HOLDER
|
Bel Fuse, Inc.
|
5ET4-R 5ET3.15-R |
Fuses, RoHS 4A 250V T IEC GLASS 5X20 TIME LAG BLOW ELECTRIC FUSE, 4A, 250VAC, 150A (IR), INLINE/HOLDER Fuses, RoHS 3.15A 250V T IEC GLASS 5X20 TIME LAG BLOW ELECTRIC FUSE, 3.15A, 250VAC, 150A (IR), INLINE/HOLDER
|
Bel Fuse, Inc.
|
MJTP1122A MJTP1122B MJTP1137 MJTP1137A MJTP1194 MJ |
FUSEHOLDER'8A W/5X20 FST SMD MJTP SERIES ULTRA-MINIATURE TACT SWITCHES MJTP系列超微型轻触开
|
List of Unclassifed Manufacturers Electronic Theatre Controls, Inc.
|
5MF8-R 5MFP8-R 5MF1.5-R 5MFP4-R 5MFP300-R 5MFP125- |
Fuses, RoHS 8A 125V F UL GLASS 5X20 FAST BLOW ELECTRIC FUSE, 8A, 125VAC, 10000A (IR), INLINE/HOLDER Fuses, RoHS 8A 125V F UL GLASS LEAD FAST BLOW ELECTRIC FUSE, 8A, 125VAC, 10000A (IR), THROUGH HOLE Fuses, RoHS 1.5A 250V F UL GLASS 5X20 FAST BLOW ELECTRIC FUSE, 1.5A, 250VAC, 200A (IR), INLINE/HOLDER Fuses, RoHS 4A 125V F UL GLASS LEAD FAST BLOW ELECTRIC FUSE, 4A, 125VAC, 10000A (IR), THROUGH HOLE Fuses, RoHS 300mA 250V F UL GLASS LEAD FAST BLOW ELECTRIC FUSE, 0.3A, 250VAC, 200A (IR), THROUGH HOLE Fuses, RoHS 125mA 250V F UL GLASS LEAD FAST BLOW ELECTRIC FUSE, 0.125A, 250VAC, 200A (IR), THROUGH HOLE FAST BLOW ELECTRIC FUSE, 0.4A, 250VAC, 200A (IR), THROUGH HOLE Fuses, RoHS 3.5A 125V F UL GLASS LEAD
|
Bel Fuse, Inc. BEL FUSE INC
|
DIN415711 202250 202500 DIN41571_1 201P |
MINIATURE FUSES 5x20mm Surface Mount Fuses Subminiature Surface Mount & Dip Types
|
LITTELFUSE[Littelfuse]
|
5VT6.3-R 5VT3.15-R 5VTP3.15-R |
Fuses, RoHS 6.3A 250V T IEC GLASS 5X20 TIME LAG BLOW ELECTRIC FUSE, 6.3A, 250VAC, 35A (IR), INLINE/HOLDER Fuses, RoHS 3.15A 250V T IEC GLASS 5X20 TIME LAG BLOW ELECTRIC FUSE, 3.15A, 250VAC, 35A (IR), INLINE/HOLDER TIME LAG BLOW ELECTRIC FUSE, 3.15A, 250VAC, 35A (IR), THROUGH HOLE
|
Bel Fuse, Inc. BEL FUSE INC
|
241 24106 |
5x25mm MINIATURE FUSES
|
Littelfuse, Inc.
|
2010063043 2010080040 2010800040 2010080000 201008 |
miniature fuses Fuse 保险
|
Wickmann by Littelfuse 3M Company Molex, Inc.
|
0213001.TX832 02133.15TX832 02131.25TX832 021302.5 |
SICHERUNG 5X20 TRAEG GLASROHR 1.0A 10ST SICHERUNG 5X20 TRAEG GLASROHR 3.15A 10ST SICHERUNG 5X20 TRAEG GLASROHR 1.25A 10ST SICHERUNG 5X20 TRAEG GLASROHR 2.5A 10ST SICHERUNG 5X20 TRAEG GLASROHR 1.6A 10ST SICHERUNG 5X20 TRAEG GLASROHR 4A 10ST SICHERUNG 5X20 TRAEG GLASROHR 2.0A 10ST SICHERUNG 5X20 TRAEG GLASROHR 2.0安培10ST
|
ITW Switches
|
|