PART |
Description |
Maker |
GLT6100L08LL-100ST GLT6100L08LL-100TS GLT6100L08LL |
100ns; Ultra low power 128k x 8 CMOS SRAM 55ns; Ultra low power 128k x 8 CMOS SRAM 70ns; Ultra low power 128k x 8 CMOS SRAM 85ns; Ultra low power 128k x 8 CMOS SRAM
|
G-LINK Technology
|
IDT71T024L200PZI IDT71T024 IDT71T024L150PZ IDT71T0 |
LOW POWER 2V CMOS SRAM 1 MEG (128K x 8-BIT) 128K X 8 STANDARD SRAM, 150 ns, PDSO32
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
IC62C1024AL IC62C1024ALNEW IC62C1024AL-35QI IC62C1 |
55ns; 5V; 128K x 8 low power CMOS static RAM 128K X 8 LOW POWER CMOS SRAM From old datasheet system ASYNCHRONOUS STATIC RAM, Low Speed A.SRAM
|
ICSI[Integrated Circuit Solution Inc]
|
V62C1801024LL-85B V62C1801024LL-85T V62C1801024LL- |
LCD Displays 15.0 inch (38.0 cm) LVDS Ultra Low Power 128K x 8 CMOS SRAM 128K的超低功耗8 CMOS SRAM
|
Mosel Vitelic Corp Mosel Vitelic Corp MOSEL[Mosel Vitelic, Corp] Mosel Vitelic, Corp.
|
LP62S1024BM-55LLT LP62S1024BM-70LLT LP62S1024B-T L |
55ns; operating current:30mA; standby current:5uA; 128K x 8bit low voltage CMOS SRAM 128K X 8 BIT LOW VOLTAGE CMOS SRAM
|
AMICC[AMIC Technology]
|
P4C1023-55CC P4C1023-55CI P4C1023-55CJC P4C1023-55 |
LOW POWER 128K x 8 SINGLE CHIP ENABLE CMOS STATIC RAM 128K X 8 STANDARD SRAM, 70 ns, CDIP32 LOW POWER 128K x 8 SINGLE CHIP ENABLE CMOS STATIC RAM 128K X 8 STANDARD SRAM, 70 ns, CDSO32 LOW POWER 128K x 8 SINGLE CHIP ENABLE CMOS STATIC RAM 128K X 8 STANDARD SRAM, 55 ns, CDIP32
|
Pyramid Semiconductor C... Pyramid Semiconductor Corporation Pyramid Semiconductor, Corp.
|
UT621024SC-70L UT621024SC-70LL UT621024SC-35L UT62 |
128K X 8 BIT LOW POWER CMOS SRAM 128K的8位低功耗CMOS SRAM GT 8C 8#12 PIN PLUG
|
Rochester Electronics, LLC Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC] UTRON Technology
|
IC62C1024L IC62C1024L-35Q IC62C1024L-35QI IC62C102 |
ASYNCHRONOUS STATIC RAM, Low Speed A.SRAM From old datasheet system 55ns; 5V; 128K x 8 low power CMOS static RAM 35ns; 5V; 128K x 8 low power CMOS static RAM
|
ICSI[Integrated Circuit Solution Inc]
|
AS7C31025B AS7C31025B-20TJIN AS7C31025B-10JC AS7C3 |
SRAM - 3.3V Fast Asynchronous 128 x 64 pixel format, LED or EL Backlight available 8-Bit Parallel-Load Shift Registers 16-TVSOP -40 to 85 8-Bit Parallel-Load Shift Registers 16-SSOP -40 to 85 8-Bit Parallel-Load Shift Registers 16-SOIC -40 to 85 3.3V 128K X 8 CMOS SRAM (Center power and ground) 128K X 8 STANDARD SRAM, 15 ns, PDSO32 3.3V 128K X 8 CMOS SRAM (Center power and ground) 128K X 8 STANDARD SRAM, 10 ns, PDSO32
|
Alliance Semiconductor ... ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp.
|
AS7C33128FT32_36B AS7C33128FT36B-80TQIN AS7C33128F |
3.3V 128K x 32/36 Flow Through Synchronous SRAM 3.3 128K的x 32/36流通过同步SRAM 3.3V 128K x 32/36 Flow Through Synchronous SRAM 128K X 36 STANDARD SRAM, 8 ns, PQFP100 3.3V 128K x 32/36 Flow Through Synchronous SRAM 128K X 32 STANDARD SRAM, 10 ns, PQFP100 3.3V 128K x 32/36 Flow Through Synchronous SRAM 128K X 32 STANDARD SRAM, 7.5 ns, PQFP100 3.3V 128K x 32/36 Flow Through Synchronous SRAM 128K X 32 STANDARD SRAM, 6.5 ns, PQFP100 3.3V 128K x 32/36 Flow Through Synchronous SRAM 128K X 36 STANDARD SRAM, 6.5 ns, PQFP100 128K X 32 STANDARD SRAM, 10 ns, PQFP100 14 X 20 MM, TQFP-100 LM3876 Overture™ Audio Power Amplifier Series High-Performance 56W Audio Power Amplifier w/Mute; Package: ISOLATED TO220; No of Pins: 11; Qty per Container: 20; Container: Rail LM3880/LM3880Q Power Sequencer; Package: SOT-23; No of Pins: 6; Qty per Container: 3000; Container: Reel LM3880/LM3880Q Power Sequencer; Package: SOT-23; No of Pins: 6; Qty per Container: 1000; Container: Reel Sync SRAM - 3.3V
|
Alliance Semiconductor, Corp. Integrated Silicon Solution, Inc. ALSC[Alliance Semiconductor Corporation]
|
BS616LV2015 BS616LV2015TI BS616LV2015AC BS616LV201 |
Very Low Power/Voltage CMOS SRAM 128K X 16 bit Plug-In Relay; Contacts:SPST-NO; Contact Carry Current:30A; Coil Voltage AC Max:24V; Relay Mounting:Plug-In; Relay Terminals:Screw; Coil Resistance:11.5ohm; Coil Power VAC:9.5VA RoHS Compliant: Yes 非常低功电压CMOS SRAM28K的16 Very Low Power/Voltage CMOS SRAM 128K X 16 bit 非常低功电压CMOS SRAM28K的16
|
BRILLIANCE SEMICONDUCTOR, INC. BSI[Brilliance Semiconductor] Brilliance Semiconducto...
|