PART |
Description |
Maker |
AS6UA5128 AS6UA5128-BC AS6UA5128-BI |
2.3V to 3.6V 512K x 8 Intelliwatt low-power CMOS SRAM 2.3V to 3.6V 512K Intelliwatt low-power CMOS SRAM 2.3V.6V的为512k Intelliwatt低功耗CMOS SRAM 2.3V to 3.6V 512K×8 Intelliwatt Low-Power CMOS SRAM(2.3V 3.6V 512K×8 Intelliwatt 低功CMOS 静态RAM) 2.3V to 3.6V 512K8 Intelliwatt low-power CMOS SRAM 2.3V to 3.6V 512K】8 Intelliwatt low-power CMOS SRAM
|
Alliance Semiconductor Corporation SEMICOA[Semicoa Semiconductor]
|
IS62WV51216BLL-55BLI IS62WV51216ALL-70XI IS62WV512 |
512K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM 512K X 16 STANDARD SRAM, 45 ns, PBGA48 512K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM 12k × 16低电压,超低功耗的CMOS静态RAM 512K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM 512K X 16 STANDARD SRAM, 55 ns, PDSO44
|
Integrated Silicon Solution, Inc.
|
BS616LV8017 BS616LV8017FIP70 BS616LV8017EC BS616LV |
Very Low Power/Voltage CMOS SRAM 512K X 16 bit Asynchronous 8M(512Kx16) bits Static RAM Very Low Power/Voltage CMOS SRAM 512K X 16 bit 非常低功电压CMOS SRAM的为512k × 16
|
Brilliance Semiconducto... BSI[Brilliance Semiconductor] BRILLIANCE SEMICONDUCTOR, INC.
|
CY7C1380C-200AC CY7C1380C-200BGC CY7C1380C-167AC C |
Memory : Sync SRAMs PUSHBUTTON, METAL, FLAT, 22MM 5A; Switch function type:NC/NO Mom; Voltage, contact AC max:250V; Temp, op. max:55(degree C); Temp, op. min:-20(degree C); Diameter, panel cut-out:22.2mm; Length / Height, external:32mm; Dielectric RoHS Compliant: Yes 18-Mb (512K x 36/1M x 18) Pipelined SRAM 1M X 18 CACHE SRAM, 2.8 ns, PBGA165 18-Mb (512K x 36/1M x 18) Pipelined SRAM 1M X 18 CACHE SRAM, 2.6 ns, PBGA165 18-Mb (512K x 36/1M x 18) Pipelined SRAM 512K X 36 CACHE SRAM, 2.8 ns, PBGA165 18-Mb (512K x 36/1M x 18) Pipelined SRAM 512K X 36 CACHE SRAM, 3 ns, PQFP100 18-Mb (512K x 36/1M x 18) Pipelined SRAM 512K X 36 CACHE SRAM, 2.8 ns, PQFP100 18-Mb (512K x 36/1M x 18) Pipelined SRAM 512K X 36 CACHE SRAM, 3.4 ns, PQFP100
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
AS5C4009ECJ-85L_883C AS5C4009ECJ-85L_IT AS5C4009EC |
512K x 8 SRAM Ultra Low Power SRAM 512K X 8 STANDARD SRAM, 100 ns, CDIP32 512K X 8 STANDARD SRAM, 85 ns, CDSO32 512K X 8 STANDARD SRAM, 70 ns, CDSO32 512K X 8 STANDARD SRAM, 55 ns, CDSO32
|
MICROSS COMPONENTS AUSTIN SEMICONDUCTOR INC
|
AS6C4008 |
512K X 8 BIT LOW POWER CMOS SRAM
|
Alliance Semiconductor Corporation
|
LY6251216 LY6251216E LY6251216GL LY6251216GV LY625 |
512K X 16 BIT LOW POWER CMOS SRAM
|
Lyontek Inc.
|
LY6251316 LY6251316GL LY6251316GV LY6251316LL LY62 |
512K X 16 BIT LOW POWER CMOS SRAM
|
Lyontek Inc.
|
IS62WV5128CLL |
512K x 16 Low Voltage / Ultra Low Power CMOS SRAM
|
Integrated Silicon Solution
|
AT60142FT-DS17ESCC AT60142FT-DC17M-E AT60142FT-DS1 |
Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
|
ATMEL Corporation
|