PART |
Description |
Maker |
TW30SX |
Features of the TW30SX UV Sensor
|
List of Unclassifed Manufacturers ETC[ETC]
|
D5003MC22P0 1171-1061 D1004MC22P0 |
Sens-A-Coil Temperature Sensor
|
Spectrum Microwave, Inc.
|
SW960330 |
INVERSEURS DE SENS DE ROTATION MOTOR REVERSER
|
celduc-relais
|
AT91R40008 AT91FR40161 AT91FR40162 AT91FR4042 AT91 |
The AT91R40807 features 136K bytes of on-chip SRAM, an External Bus Interface, a 3-channel Timer/Counter, 2 USARTs, a Watchdog Timer and advanced power-saving features. The AT91R40008 features 256K bytes of on-chip SRAM, an External Bus Interface, a 3-channel Timer/Counter, 2 USARTs, a Watchdog Timer and advanced power-saving features.The AT91X408XX Series does not feature Boundary-scan cells on digital p The AT91M40800 features 8K bytes of on-chip SRAM, an External Bus Interface, a 3-channel Timer/Counter, 2 USARTs, a Watchdog Timer and advanced power-saving features. The AT91FR4042 features 256K bytes of on-chip SRAM, 512K bytes of Flash, an External Bus Interface, a 3-channel Timer/Counter, 2 USARTs, a Watchdog Timer and advanced power-saving features.The AT91X408XX Series does not feature Boundary-sc The AT91FR40162 features 256K bytes of on-chip SRAM, 2M bytes of Flash, an External Bus Interface, a 3-channel Timer/Counter, 2 USARTs, a Watchdog Timer and advanced power-saving features.The AT91X408XX Series does not feature Boundary-sca The AT91FR40161 features 136 K bytes of on-chip SRAM, 2M bytes of Flash, an External Bus Interface, a 3-channel Timer/Counter, 2 USARTs, a Watchdog Timer and advanced power-saving features.The AT91x40 Series does not feature boundary-scan AT91 ARM Thumb Microcontrollers
|
ATMEL Corporation
|
AT73C204 AT73C204-EK AT73C204-EK2 AT73C204-EK1 |
From old datasheet system Power Management for Mobiles (PM) The AT73C204 provides an integrated power management solution for the add-on features in new-generation mobile phones. These features include a camera module, sound system for polyphonic ringing tones, memory module for downloaded MP3 file
|
Atmel Corp. 聚兴科技股份有限公司 ATMEL[ATMEL Corporation]
|
MC908GZ60CFUE |
Standard features, Features of the CPU08 Standard features, Features of the CPU08
|
Freescale Semiconductor, Inc Freescale Semiconductor...
|
SAK-C164CI-8EM SAF-C164CI-8E25MD-STEP SAF-C164CI-8 |
Compact Microcontrollers for Motor-Drive applications 16-Bit Microcontrollers - 64 K OTP, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 25 MHz 16-Bit Microcontrollers - 64 K OTP, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - 64 K OTP, 2 K RAM, CAN, Drive Control Unit, 20 MHz 16-Bit Microcontrollers - 64 K ROM, 4 K RAM, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - 64 K ROM, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - ROMless, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - 64 K ROM, 4 K RAM, CAN, enh. Power Saving features, 20 MHz 48Kbyte ROM; 20 (25MHz) MHz; V(dd): -0.5to 6.5V; V(in): -0.5 to 0.5V; 10mA; 1.5W; 16-bit single chip microcontoller
|
Infineon
|
GMRC6 |
Giant Magneto Resistive Position Sensor(磁场传感 巨磁电阻位置传感器(磁场传感器) From old datasheet system Giant Magneto Resistive Position Sens...
|
Infineon Technologies AG
|
GMRS6 |
Giant Magneto Resistive Position Sensor 巨磁电阻位置传感 Giant Magneto Resistive Position Sens...
|
INFINEON[Infineon Technologies AG]
|
AMIS30623C6239G AMIS30623C623ARG AMIS30623C623BRG |
Stepper Motor Driver and Controller with LIN Bus, Micro-stepping Features and Stall Detection; Package: SOIC-20 Wide Body; No of Pins: 20; Container: Rail; Qty per Container: 38 STEPPER MOTOR CONTROLLER, 0.8 A, PDSO20 Stepper Motor Driver and Controller with LIN Bus, Micro-stepping Features and Stall Detection STEPPER MOTOR CONTROLLER, 0.8 A, QCC32 Stepper Motor Driver and Controller with LIN Bus, Micro-stepping Features and Stall Detection - Automotive Version STEPPER MOTOR CONTROLLER, 0.8 A, QCC32
|
TE Connectivity, Ltd. ON Semiconductor
|
HAMLINMDCG4 |
MDCG-4 Features and Benefits
|
HAMLIN Position and Mov...
|
|