PART |
Description |
Maker |
AT697E-2E-MQ AT697E06 AT83C21GCXXX-PUTUL AT83C21GC |
Rad-Hard 32 bit SPARC V8 Processor GemCore Serial Lite PRO Rad Hard 512K x 8 Very Low Power CMOS SRAM CAN Controller for Space Application GemCore Serial Lite PRO
|
ATMEL Corporation http://
|
BWR-12/335-D5A BWR-5/700-D5A BWR-5/700-D48A BWR-15 |
12V 7-10W, dual output DC/DC converter DC-DC Converter, (4.7 to 7.25) V to (-12|12) V Rad-hard 4 to 16 line decoder/latch Rad-hard 3 to 8 line decoder latch Rad-hard octal bus buffer with 3 state outputs (non inverted) 型DC - DC电压转换 Rad-hard 8-input NAND gate 型DC - DC电压转换 Rad-hard octal bus buffer with 3 state outputs (inverted) 型DC - DC电压转换
|
Datel, Inc. Air Cost Control RECOM Electronic GmbH Electronic Theatre Controls, Inc.
|
MH1RT |
Rad Hard 1.6M Used Gates 0.35 m CMOS Sea of Gates / Embedded Gates
|
Atmel
|
CD4023BMS CD4012BMS CD4011BMS FN3079 CD4023B CD401 |
From old datasheet system CMOS NAND Gates NAND, 3-Input, Triple, Rad-Hard, CMOS, Logic NAND, 2-Input, Quad, Rad-Hard, CMOS, Logic NAND, 4-Input, Dual, Rad-Hard, CMOS, Logic
|
INTERSIL[Intersil Corporation]
|
M54HC85D M54HC85D1 M54HC85K M54HC85K1 M54HC8504 M5 |
RAD HARD 4-BIT MAGNITUDE COMPARATOR
|
STMicroelectronics
|
IRHF7310SE |
N-Channel Single Event Effect (SEE) Rad Hard HEXFET Transistor(N 沟道 单事件效Rad Hard HEXFET技术晶体管)
|
International Rectifier
|
54AC164245 RHRAC164245K01V RHRAC164245K1 |
Rad-hard 16-bit transceiver, 3.3 V to 5 V bidirectional level shifter
|
STMicroelectronics
|
FSL913A0D FSL913A0D1 FSL913A0D3 FSL913A0R FSL913A0 |
7A, -100V, 0.300 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs 7 A, 100 V, 0.3 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-205AF 7A, -100V, 0.300 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs 7A 100V的,0.300欧姆,拉德硬,SEGR性,P通道功率MOSFET 7A/ -100V/ 0.300 Ohm/ Rad Hard/ SEGR Resistant/ P-Channel Power MOSFETs 5A/ -100V/ 0.680 Ohm/ Rad Hard/ SEGR Resistant/ P-Channel Power MOSFETs
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
ISL70001SEH ISL70001SRHEVAL1Z ISL70001SRHF ISL7000 |
Rad Hard and SEE Hard 6A Synchronous Buck Regulator
|
Intersil Corporation
|
5962R9672201VCC 5962R9672201QXC 5962R9672302VCC 59 |
Line Receiver, Party, Triple, Rad-Hard Line Receiver, Triple, Rad-Hard Line Transmitter, Triple, Rad-Hard Radiation Hardened Triple Line Transmitter
|
Intersil Corporation
|
PE94302-EK 94302 94302-00 94302-01 94302-11 PE9430 |
50 Ω RF Digital Step Attenuator For Rad-Hard Space Applications 6-bit, 31.5 dB, DC - 4.0 GHz 50 ヘ RF Digital Step Attenuator For Rad-Hard Space Applications 6-bit, 31.5 dB, DC - 4.0 GHz
|
PEREGRINE[Peregrine Semiconductor Corp.]
|
M54HC16404 M54HC164D M54HC164D1 M54HC164K M54HC164 |
RAD-HARD 8 BIT SIPO SHIFT REGISTER RAD-HARD 8 BIT SIPO SHIFT REGISTER
|
ST Microelectronics STMicroelectronics
|