PART |
Description |
Maker |
2SB601 2SB601-Z 2SB601-S 2SB601L 2SB601M 2SB601K |
TRANSISTOR | BJT | DARLINGTON | PNP | 100V V(BR)CEO | 5A I(C) | TO-220AB PNP SILICON EPITAXIAL TRANSISTOR (DARLINGTON CONNECTION) FOR LOW-FREQUENCY POWER AMPLIFIERS AND LOW-SPEED SWITCHING Silicon transistor
|
NEC Corp. NEC[NEC]
|
2SB1198L-X-AE3-R 2SB1198G-X-AE3-R 2SB1198L-Q-AE3-R |
LOW FREQUENCY PNP TRANSISTOR 500 mA, 80 V, PNP, Si, SMALL SIGNAL TRANSISTOR LEAD FREE PACKAGE-3
|
http:// Unisonic Technologies Co., Ltd.
|
CSB1065 CSB1065N CSB1065R CSB1065P CSB1065Q |
10.000W Low Frequency PNP Plastic Leaded Transistor. 50V Vceo, 3.000A Ic, 56 - 390 hFE. Complementary CSD1506 10.000W Low Frequency PNP Plastic Leaded Transistor. 50V Vceo, 3.000A Ic, 56 - 120 hFE. Complementary CSD1506N 10.000W Low Frequency PNP Plastic Leaded Transistor. 50V Vceo, 3.000A Ic, 180 - 390 hFE. Complementary CSD1506R 10.000W Low Frequency PNP Plastic Leaded Transistor. 50V Vceo, 3.000A Ic, 82 - 180 hFE. Complementary CSD1506P 10.000W Low Frequency PNP Plastic Leaded Transistor. 50V Vceo, 3.000A Ic, 120 - 270 hFE. Complementary CSD1506Q
|
Continental Device India Limited
|
TSB1386 TSB1386CYRM |
Low Frequency PNP Transistor
|
Taiwan Semiconductor Company, Ltd
|
2SB1386G-X-AB3-R 2SB1386L-X-AB3-R |
LOW FREQUENCY PNP TRANSISTOR
|
Unisonic Technologies
|
2SB1386 |
PNP Silicon Low Frequency Transistor
|
SeCoS Halbleitertechnologie GmbH
|
2SD2150 2SC4115S 2SD2264 A5800368 2SD2150R |
Low Frequency Transistor(20V/ 3A) TRANSISTOR | BJT | NPN | 20V V(BR)CEO | 3A I(C) | SC-62 From old datasheet system Low Frequency Transistor (20V, 3A) Low Frequency Transistor(20V, 3A) Transistors > Small Signal Bipolar Transistors(up to 0.6W)
|
Rohm
|
ZXTD1M832TC ZXTD1M832 ZXTD1M832TA |
MPPSTM Miniature Package Power Solutions DUAL 12V PNP LOW SATURATION SWITCHING TRANSISTOR 4000 mA, 12 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR Dual PNP Low Sat Transistor
|
Zetex Semiconductor PLC ZETEX[Zetex Semiconductors]
|
2SB745 2SB745A 2SD661A 2SB0745 2SD661 |
Silicon PNP epitaxial planer type(For low-frequency and low-noise amplification) 100 mA, 55 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Panasonic, Corp. PANASONIC[Panasonic Semiconductor]
|
2SA1284 |
900mW Lead frame PNP transistor, maximum rating: -100V Vceo, -500mA Ic, 55 to 300 hFE. Complementary 2SC3244 FOR LOW FREQUENCY POWER AMPLIFY APPLICATION SILICON PNP EPITAXIAL TYPE
|
Isahaya Electronics Corporation
|
2SA1703 0123 2SC4483 |
PNP Epitaxial Planar Silicon Transistors for Low-Frequency Amplifier,Electronic Governor Applications(用于低频放大器,电子控制器应用的PNP硅外延平面型晶体 PNP/NPN Epitaxial Planar Silicon Transistors From old datasheet system NPN Epitaxial Planar Silicon Transistor Low-Frequency Amplifier, Electronic Governor Applications PNP Epitaxial Planar Silicon Transistor Low-Frequency Amplifier, Electronic Governor Applications
|
Sanyo Electric Co.,Ltd.
|
2SA673AD 2SA673D 2SA673C |
PNP transistor for Low frequency amplifier, 50V, 500mA
|
Hitachi Semiconductor
|