PART |
Description |
Maker |
1N4575 1N4766A 1N4767 1N4768A 1N4576 1N4767A 1N457 |
Low-level temperature-compensated zener reference diode. Max voltage 0.048 V. Low-level temperature-compensated zener reference diode. Max voltage 0.070 V. Low-level temperature-compensated zener reference diode. Max voltage 0.014 V. Low-level temperature-compensated zener reference diode. Max voltage 0.024 V. Low-level temperature-compensated zener reference diode. Max voltage 0.028 V. Low-level temperature-compensated zener reference diode. Max voltage 0.099 V. Low-level temperature-compensated zener reference diode. Max voltage 0.002 V. Low-level temperature-compensated zener reference diode. Max voltage 0.005 V. Low-level temperature-compensated zener reference diode. Max voltage 0.003 V.
|
Motorola
|
MPXV2010DP MPXV2010GP MPX2010 MPX2010D MPX2010DP M |
Compensated Pressure Sensor 10 KPA ON CHIP TEMPERATURE COMPENSATED CALIBRATED SILICON PRESSURE SENSORS
|
Freescale (Motorola) MOTOROLA[Motorola, Inc] MOTOROLA[Motorola Inc]
|
CMKTC825A |
SURFACE MOUNT ULTRAmini TEMPERATURE COMPENSATED SILICON ZENER DIODE announces the release of the CMKTC825A temperature compensated (TC) Zener diode packaged in a space saving ULTRAmini SOT-363 surface mount case.
|
CENTRAL[Central Semiconductor Corp]
|
MPXV5050VC6T1 |
High Temperature Accuracy Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
|
FREESCALE[Freescale Semiconductor, Inc]
|
MPXV6115VC6U |
High Temperature Accuracy ntegrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
|
FREESCALE[Freescale Semiconductor, Inc]
|
1N4903A 1N4903 1N4905A 1N4901A 1N4907A 1N4907 1N49 |
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES TSPC 5/ 4-ST-7,62 TSPC 5/11-STF-7,62 TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 温补参考稳压二极管 12.8 V, SILICON, VOLTAGE REFERENCE DIODE, DO-35
|
Compensated Deuices Inc... Compensated Devices Incorporated CDI-DIODE[Compensated Deuices Incorporated] Microsemi, Corp.
|
CPT-8-2015 CPT-8-2014 |
Temperature Compensated Power Amplifier 2 GHz - 8 GHz
|
TELEDYNE[Teledyne Technologies Incorporated]
|
CPT-18-6028 |
Temperature Compensated Power Amplifier 6 GHz - 18 GHz
|
TELEDYNE[Teledyne Technologies Incorporated]
|
1N4576A-1 |
Temperature Compensated
|
M/A-COM Technology Solu...
|
CMT-4-0504 |
Temperature Compensated Amplifier
|
TELEDYNE[Teledyne Technologies Incorporated]
|