PART |
Description |
Maker |
BPW-830V-P4 BPW-830V |
300W DC-DC ATX power supply Input Range: -40~-72VDC
|
BOSER Technology Co., Ltd
|
BPW-8410 |
80W 48V DC-DC Open Frame Power Supply Input Range: 36~72VDC
|
BOSER Technology Co., Ltd
|
HDC46 HDC46-48B-T033EI HDC46-48B-T050II |
36-72VDC INPUT RANGE DC-DC OPEN FRAME TRIPLE OUTPUT 45-50 WATTS INTERNAL SWITCHING POWER CONVERTERS
|
http:// HITRON ELECTRONICS CORPORTION
|
MA1512D-05RW MA1512D-12RW MA1512D-15RW |
2:1 Input Range, 15W Single & Dual Output DC/DC Con vert ers
|
MicroPower Direct, LLC
|
MA600MRWRI5 |
EN 60601 Approved 2:1 Input, DIP, 6W DC/DC Con vert ers
|
MicroPower Direct, LLC
|
MA600ERU |
4:1 Input, 6W DIP, Single & Dual Output DC/DC Con vert ers
|
MicroPower Direct, LLC
|
MPV1560S-12RI4 MPV1560S-15RI4 MPV1560S-24RI4 |
Ultra Wide Input, Compact Industrial Grade, PV Power DC/DC Con vert ers
|
MicroPower Direct, LLC
|
BD9302FP-E |
A wide input voltage range of 6 V to 18 V, Easy switching frequency setting in the range of 200 k to 2.5 MHz.
|
Rohm
|
AM26LS32DCB AM26LS32JCTR AM26LS32/BEA AM26LS33/B2C |
Micropower Precision Shunt Voltage Reference; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Wide Input Range, High Efficiency, Step-Down Switching Regulator; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Low Noise, Rail-to-Rail Precision Op Amp; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 1.1MHz, 0.4V/us Over-The-Top Micropower, Rail-To-Rail Input and Output Op Amp; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 1.1MHz, 0.4V/us Over-The-Top Micropower, Rail-To-Rail Input and Output Op Amp; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Positive High Voltage Hot Swap Controllers; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Line Receiver 线路接收
|
接收 Advanced Micro Devices, Inc.
|