PART |
Description |
Maker |
2SK2688-01 2SK2688-01S |
Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset N-channel MOS-FET
|
FUJI ELECTRIC HOLDINGS CO., LTD. FUJI[Fuji Electric]
|
AD82007 AD820ANZ AD820AR-REEL AD820AR-REEL7 AD820A |
Single-Supply, Rail-to-Rail, Low Power FET-Input Op Amp
|
Analog Devices
|
MTB16N25E_D ON2396 MTB16N25E MTB16N25E-D MOTOROLAI |
TMOS POWER FET 16 AMPERES 16 A, 250 V, 0.25 ohm, N-CHANNEL, Si, POWER, MOSFET From old datasheet system TMOS POWER FET 16 AMPERES 250 VOLTS TMOS E-FET High Energy Power FET D2PAK for Surface Mount
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola, Inc] ON Semiconductor
|
2SJ196 2SJ196-T 2SJ196-T/JD 2SJ196-T/JM 2SJ195FA |
Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset 晶体管| MOSFET的| P通道| 100V的五(巴西)直| 4A条(丁)|52VAR P-CHANNEL MOS FET FOR SWITCHING
|
Sanyo Electric Co., Ltd. NEC[NEC]
|
D2230UK |
Gold Metallised Multi-Purpose Silicon DMOS RF FET(5W-12.5V-1GHz,Single Ended)(镀金多用DMOS射频硅场效应5W-12.5V-1GHz,单端) METAL GATE RF SILICON FET 金属门射频硅场效应管 METAL GATE RF SILICON FET UHF BAND, Si, N-CHANNEL, RF POWER, MOSFET
|
TT electronics Semelab, Ltd.
|
TC1173 TC1173VUA TC1173VOA TC1173-5.0VOA TC1173-5. |
The TC1173 is a precision output (typically ±0.5%) CMOS low dropout regulator. Total supply current is typically 50A at full load (20 to 60 times lower than in bipolar regulators!). TC1173 key features include ultra low noise operati The TC1173 is a precision output (typically ±0.5%) CMOS low dropout regulator. Total supply current is typically 50µA at ... 300mA CMOS LDO with Shutdown ERROR output and Bypass
|
MICROCHIP[Microchip Technology]
|
MTB9N25E MTB9N25E-D |
TMOS E-FET High Energy Power FET D2PAK for Surface Mount N-Channel Enhancement-Mode Silicon Gate TMOS POWER FET 9.0 AMPERES 250 VOLTS
|
ON Semiconductor MOTOROLA[Motorola, Inc]
|
MAX914 MAX9140 MAX9140EUK-T MAX9140EXK-T MAX9140-M |
"40ns, Single, Low-Power SHDN & LE, 3V/ 5V, TTL Comparator" "40ns, Single, Low-Power, 3V/5V, TTL Comparator" "40ns, Dual, Low-Power, 3V/5V, TTL Comparator" 40ns Low-Power 3V/5V Rail-to-Rail Single-Supply Comparators 40ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators 0ns,低功耗,3V/5V,轨至轨单电源比
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|