PART |
Description |
Maker |
5P6M 2P4M 2P5M 2P6M 2P4M-YB-AZ 2P4M-YC-AZ 2P4M-AY- |
2A PLASTIC MOLDED THYRISTOR 4 A, 400 V, SCR PLASTIC PACKAGE-3 4 A, 600 V, SCR PLASTIC PACKAGE-3 4 A, 500 V, SCR PLASTIC PACKAGE-3
|
NEC[NEC] NEC Corp. Ironwood Electronics
|
EPF10K50RC240 EPF10K10LC84-4 EPF10K20TI144-4 EPF10 |
Embedded Programmable Logic Device Family IC,FPGA,1152-CELL,CMOS,QFP,144PIN,PLASTIC IC,FPGA,576-CELL,CMOS,LDCC,84PIN,PLASTIC IC,FPGA,360-CELL,CMOS,QFP,240PIN,PLASTIC
|
Altera Corporation
|
REC110L3F103W REC110L3E103W REC110L3D103W REC110L3 |
Precision Linear Transducers, Conductive Plastic, Compact, Robust, Large Measurement Range, High Accuracy, Long Life, Essentially Infinite Resolution, Easy Mounting Precision Linear Transducers Conductive Plastic (REC) Precision Linear Transducers/ Conductive Plastic (REC) Precision Linear Transducers, Conductive Plastic (REC) 精密线性传感器,导电塑料(承包 CRIMP TOOL; RoHS Compliant: NA 精密线性传感器,导电塑料(承包
|
VISAY[Vishay Siliconix] Vishay Intertechnology, Inc. Analog Devices, Inc.
|
PALLV22V10-10PC PALLV22V10-10JC |
EE PLD, 11 ns, PDIP24 0.300 INCH, SKINNY, PLASTIC, DIP-24 EE PLD, 11 ns, PQCC28 PLASTIC, LCC-28
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
PALLV22V10-10JC PALLV22V10-10PC |
EE PLD, 10 ns, PQCC28 PLASTIC, LCC-28 EE PLD, 10 ns, PDIP24 0.300 INCH, SKINNY, PLASTIC, DIP-24
|
Vantis, Corp.
|
BYW27-200TR BYW27-1000TR BYW27-100TR BYW27-400AMP |
1 A, 200 V, SILICON, SIGNAL DIODE PLASTIC PACKAGE-2 1 A, 1000 V, SILICON, SIGNAL DIODE PLASTIC PACKAGE-2 1 A, 100 V, SILICON, SIGNAL DIODE PLASTIC PACKAGE-2 1 A, 400 V, SILICON, SIGNAL DIODE PLASTIC PACKAGE-2 1 A, 600 V, SILICON, SIGNAL DIODE PLASTIC PACKAGE-2
|
Vishay Beyschlag TE Connectivity, Ltd. TOKO, Inc.
|
AT89LP52-20AU AT89LP52-20JU AT89LP51 AT89LP51-20AU |
8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PQFP44 10 X 10 MM, 1 MM HEIGHT, 0.80 MM PITCH, GREEN, PLASTIC, MS-026ACB, TQFP-44 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PDIP40 0.600 INCH, GREEN, PLASTIC, MS-011AC, DIP-40 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PQCC44 GREEN, PLASTIC, MS-018AC, LCC-44 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PQCC44 7 X 7 MM, 1 MM HEIGHT, 0.50 MM PITCH, GREEN, PLASTIC, MO-220VKKD-3, VQFN-44
|
ATMEL Corporation Atmel, Corp.
|
HD64180ZCPJ-6 HD64180ZCP-6 HD64180ZCP-4 HD64180ZFJ |
8-BIT, 6.17 MHz, MICROPROCESSOR, PQCC68 PLASTIC, LCC-68 8-BIT, 4 MHz, MICROPROCESSOR, PQCC68 PLASTIC, LCC-68 8-BIT, 8 MHz, MICROPROCESSOR, PQFP80 PLASTIC, FP-80 8-BIT, 6.17 MHz, MICROPROCESSOR, PQFP80 PLASTIC, FP-80 8-BIT, 10 MHz, MICROPROCESSOR, PQFP80 PLASTIC, FP-80 8-BIT, 10 MHz, MICROPROCESSOR, PDIP64 SHRINK, PLASTIC, DIP-64
|
Cypress Semiconductor, Corp. Samtec, Inc. Incon, Inc.
|
62684-451100HLF 62684-322100ALF 62684-362100 62684 |
PLASTIC TAPE PACKAGED PLASTIC TAPE PACKAGED0.5MM CONTACT SPACING CONNECTOR THIS PRODUCT IS THE CONNECTOR USED FOR FPC/FFC AND COPES WITH AUTOMATIC MOUTING(SMT)
|
FCI connector
|
|