PART |
Description |
Maker |
TEA6420 TEA6420D -TEA6420D |
BUS-CONTROLLED AUDIO MATRIX
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
TEA6420DT |
BUS-CONTROLLED AUDIO MATRIX SWITCH
|
ST Microelectronics
|
CXA2089Q |
I2C BUS Controlled Audio/Video Switch
|
SONY
|
CAT25C08L-1.8 CAT25C08SI-1.8TE13 CAT25C08S-1.8TE13 |
1K X 8 SPI BUS SERIAL EEPROM, PDIP8 LEAD FREE AND HALOGEN FREE, PLASTIC, DIP-8 1K X 8 SPI BUS SERIAL EEPROM, PDSO8 SOIC-8 1K X 8 SPI BUS SERIAL EEPROM, PDSO8 TSSOP-8 1K X 8 SPI BUS SERIAL EEPROM, PDSO8 LEAD FREE AND HALOGEN FREE, SOIC-8 128 X 8 SPI BUS SERIAL EEPROM, PDSO14 256 X 8 SPI BUS SERIAL EEPROM, PDSO14 512 X 8 SPI BUS SERIAL EEPROM, PDSO14
|
Fox Electronics
|
25C640 |
The 25C640 is a 64K-bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) compatible serial bus. The bus signals required are a clock input (SCK) plus separate data in (SI) and data
|
Microchip
|
AT93C46Y6-10YH-1.8 AT93C46-10SU-2.7/SL383 |
8 ULTRA THIN,MINI MAP,PB/HALO FREE,IND T(SERIAL EE) 64 X 16 MICROWIRE BUS SERIAL EEPROM, DSO8 64 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8
|
Atmel, Corp. ATMEL CORP
|
CAT93C66 CAT93C66U-TE13 CAT93C57YA-TE13 CAT93C66K- |
64 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 64 X 16 MICROWIRE BUS SERIAL EEPROM, DSO8 128 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 256 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 4-kb, 1 MHz @ 4.5 V, 500 kHz @ 2.5 V, 250 kHz @ 1.8 V
|
ON SEMICONDUCTOR Catalyst Semiconductor
|
M95320-SBN6T M95640-DW3TP M95320-MB3 M95320-MB6 M9 |
64/32/16/8 Kbit Serial SPI Bus EEPROM With High Speed Clock 64Kbit and 32Kbit Serial SPI Bus EEPROM With High Speed Clock I2C-bus controlled single and multistandard alignment-free IF-PLL demodulators 32Kbit4Kbit SPI总线串行EEPROM的高速时 Triple 8-bit analog-to-digital video converter for HDTV 32Kbit4Kbit SPI总线串行EEPROM的高速时 I2C-bus controlled multistandard alignment-free IF-PLL demodulator with FM radio 32Kbit4Kbit SPI总线串行EEPROM的高速时 2 X 80 W SE (4 Ohm) or 1 X 160 W BTL (8 Ohm) class-D amplifier 32Kbit4Kbit SPI总线串行EEPROM的高速时 Low voltage transmission circuits with dialler interface 32Kbit4Kbit SPI总线串行EEPROM的高速时 In Car Entertainment (ICE) car radio 32Kbit4Kbit SPI总线串行EEPROM的高速时 2 x 100 W class-D power amplifier 32Kbit4Kbit SPI总线串行EEPROM的高速时 Dual asynchronous receiver/transmitter (DUART) - Application: Data Communication ; Function: Receivers/Transmitters ; Number of pins: 44 ; Operating temperature: -40~85 Cel; Receiver/Transmitter type: Dual UARTs 32Kbit4Kbit SPI总线串行EEPROM的高速时 Dual asynchronous receiver/transmitter (DUART) 32Kbit4Kbit SPI总线串行EEPROM的高速时 32Kbit and 64Kbit Serial SPI Bus EEPROMs With High Speed Clock 32Kbit4Kbit SPI总线串行EEPROM的高速时 Perforated Panel for Medium Enclosure; For Use With:NEMA Type 1 Steel Medium Enclosures; NEMA Type:1; Enclosure Color:Gray; Enclosure Material:Steel RoHS Compliant: Yes 32Kbit4Kbit SPI总线串行EEPROM的高速时 Memory module temp sensor with integrated SPD, 3.3 V Dual Dolby* B-type noise reduction circuit for playback applications N-channel enhancement mode field-effect transistor - Configuration: Single N-channel ; ID DC: 2.5 A; Qgd (typ): 1.6 nC; RDS(on): 85@4.5V115@2.5V mOhm; VDSmax: 20 V Universal hi-fi audio processor for TV Alignment-free vision and FM sound IF-PLL demodulator for negative modulated TV standards I2C-bus controlled multistandard alignment-free IF-PLL for mobile reception New In Car Entertainment (NICE) car radio Front-end and PLL synthesizers for car radios HDMI transmitter up to 150 MHz pixel rate with 3 x 8-bit video inputs and 4 x I2S-bus with S/PDIF
|
ST Microelectronics STMicroelectronics N.V. 意法半导
|
WT62P1-N40 WT62P1-N42 WT62P1-N28 WT62P1-K42 WT62P1 |
microcontroller for digital controlled monitor with Universal Serial Bus (USB) interface 数字控制的通用串行总线(USB)显示器微控制器接口
|
TE Connectivity, Ltd. Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|
M61316SP M61311SP |
Bus Controlled 3ch Video Amp (15OMHz) I2C BUS CONTROLLED VIDEO PRE-AMP FOR HIGH RESOLUTION COLOR DISPLAY I2C总线控制的视频预先登记的高分辨率显示屏放大器
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor] Hitec RCD USA, Inc.
|
X9241AWP X9241AWPI X9241AMP X9241AWV X9241AWPIZ X9 |
Low Powr/2-Wire Serial Bus 低Powr/2-Wire串行总线 Low Powr/2-Wire Serial Bus QUAD 10K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO20
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|