PART |
Description |
Maker |
TDA1023 TDA1023T |
Proportional-control triac triggering circuit
|
NXP Semiconductors
|
SF3B41 S2008R12V S2008N12V S2008K12V S2008W12V S20 |
200 V, 6 A sensitive triac 200 V, 16 A alternistor triac 800 V, 6 A triac 200 V, 8 A alternistor triac 400 V, 25 A triac 400 V, 10 A triac Thyristor Product Catalog Cross Reference Data to Teccor Part Numbers (See datasheet appendix) 600 V, 10 A triac 200 V, 10 A alternistor triac 800 V, 4 A triac 400 V, 16 A alternistor triac
|
Teccor Electronics, Inc.
|
U2100B U2100B-XFPG3Y U2100B-XFPY U2100B-XY |
Timer Control for Triac and Relay
|
ATMEL Corporation
|
U2100B |
Timer Control for Triac and Relay
|
TEMIC Semiconductors
|
AN1114 |
BURST MODE TRIAC CONTROL BY USING ST52X301
|
SGS Thomson Microelectronics
|
T8A6CI |
BI-DIRECTIONAL TRIODE THYRISTOR 8A MOLD TRIAC (AC POWER CONTROL)
|
KEC Holdings KEC[KEC(Korea Electronics)]
|
T16A6CI |
BI-DIRECTIONAL TRIODE THYRISTOR 16A MOLD TRIAC (AC POWER CONTROL)
|
KEC[KEC(Korea Electronics)]
|
T12A6CI |
BI-DIRECTIONAL TRIODE THYRISTOR 10A MOLD TRIAC (AC POWER CONTROL)
|
KEC[KEC(Korea Electronics)]
|
CQ202-4M-2 CQ202-4D-2 CQ202-4N-2 |
4.0 AMP TRIAC 600 THRU 800 VOLTS 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC Leaded Thyristor TRIAC
|
Central Semiconductor, Corp. Central Semiconductor Corp.
|
STEVAL-IHM029V1 |
2000 W universal motor control demonstration board based on the STM8S103F2 MCU and T1235H Triac
|
ST Microelectronics STMicroelectronics 意法半导
|
SM16JZ47 SM16JZ47A SM16GZ47 SM16GZ47A |
400 V, 16 A, TRIAC BI-DIRECTIONAL TRIODE THYRISTOR SILICON PLANAR TYPE AC POWER CONTROL APPLICATIONS
|
TOSHIBA[Toshiba Semiconductor] Toshiba Corporation
|