PART |
Description |
Maker |
DLT431H DLT431M DLT431F DLT642N DLT431C DUT542K DL |
1 FUNCTIONS, 87 V, 1 A, DATA LINE FILTER 1 FUNCTIONS, 87 V, 5 A, DATA LINE FILTER 1 FUNCTIONS, 87 V, 0.45 A, DATA LINE FILTER 1 FUNCTIONS, 87 V, 0.15 A, DATA LINE FILTER 1 FUNCTIONS, 130 V, 3 A, DATA LINE FILTER 1 FUNCTIONS, 260 V, 5 A, DATA LINE FILTER 1 FUNCTIONS, 260 V, 10 A, DATA LINE FILTER 1 FUNCTIONS, 260 V, 15 A, DATA LINE FILTER 1 FUNCTIONS, 400 V, 1 A, DATA LINE FILTER 1 FUNCTIONS, 87 V, 15 A, DATA LINE FILTER 1 FUNCTIONS, 87 V, 10 A, DATA LINE FILTER 1 FUNCTIONS, 87 V, 3 A, DATA LINE FILTER 1 FUNCTIONS, 87 V, 0.3 A, DATA LINE FILTER 1 FUNCTIONS, 260 V, 3 A, DATA LINE FILTER 1 FUNCTIONS, 530 V, 3 A, DATA LINE FILTER 1 FUNCTIONS, 530 V, 1 A, DATA LINE FILTER
|
|
54-786-027 1201-066 51-702-021 |
1 FUNCTIONS, 200 V, 10 A, FEED THROUGH CAPACITOR 1 FUNCTIONS, 100 V, 10 A, DATA LINE FILTER 1 FUNCTIONS, 500 V, 25 A, DATA LINE FILTER
|
SPECTRUM CONTROL INC
|
CM7560R-105 CM7560R-104 CM7560R-125 CM7560R-124 CM |
PC Mount Common Mode Choke 2 FUNCTIONS, 0.7 A, DATA LINE FILTER 2 FUNCTIONS, 1.7 A, DATA LINE FILTER 2 FUNCTIONS, 4.5 A, DATA LINE FILTER
|
API Delevan
|
BM1012LF06 BM1012LFNP-B0R2 BM1012LFNP-B0R4 BM1012L |
2 FUNCTIONS, 2.75 A, DATA LINE FILTER ROHS COMPLIANT PACKAGE-4 2 FUNCTIONS, 2.5 A, DATA LINE FILTER ROHS COMPLIANT PACKAGE-4 DC COMMON MODE CHOKE COIL 2 FUNCTIONS, 3.9 A, DATA LINE FILTER
|
Sumida Corporation Sumida, Corp.
|
DLP31DN131ML4L DLP31DN321ML4L DLP31DN201ML4L DLP31 |
CHOKE COM MODE ARRY 130 OHM 1206 4 FUNCTIONS, 10 V, 0.12 A, DATA LINE FILTER CHOKE COM MODE ARRY 320 OHM 1206 4 FUNCTIONS, 10 V, 0.08 A, DATA LINE FILTER CHOKE COM MODE ARRY 200 OHM 1206 4 FUNCTIONS, 10 V, 0.1 A, DATA LINE FILTER CHOKE COM MODE ARRY 440 OHM 1206 4 FUNCTIONS, 10 V, 0.07 A, DATA LINE FILTER EMI COMMON MODE CHOKE 1206 90OHM@100MHZ
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD
|
CM1436-08DE CM1436-08DF CM1436-06DF CM1436-06DE |
4- and 8-Channel EMI Filter Arrays with ESD Protection 6 FUNCTIONS, DATA LINE FILTER LEAD FREE, TDFN-12 6 FUNCTIONS, DATA LINE FILTER TDFN-12
|
ON Semiconductor
|
DLW21SN121HQ2L DLW21SN670SQ2L DLW21SN371SQ2L DLW21 |
2 FUNCTIONS, 20 V, 0.28 A, DATA LINE FILTER EIA STD PACKAGE SIZE 0805, 4 PIN COMMON MODE CHOKE, DLW21SN670SQ2L 2 FUNCTIONS, 50 V, 0.4 A, DATA LINE FILTER 2 FUNCTIONS, 50 V, 0.28 A, DATA LINE FILTER EIA STD PACKAGE SIZE 0805, 4 PIN
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD
|
ZS2C2-272H ZS1A2-272H ZS1C2-272H ZS1B2-272H ZS2A2- |
1 FUNCTIONS, 50 V, 5 A, DATA LINE FILTER 1 FUNCTIONS, 100 V, 5 A, FEED THROUGH CAPACITOR 1 FUNCTIONS, 50 V, 5 A, FEED THROUGH CAPACITOR 1 FUNCTIONS, 200 V, 5 A, FEED THROUGH CAPACITOR 1 FUNCTIONS, 100 V, 5 A, DATA LINE FILTER 1 FUNCTIONS, 200 V, 5 A, DATA LINE FILTER
|
AVX, Corp.
|
NFR21GD4701012L NFR21GD4704702L |
EMI FILTER RC 47PF 100 OHM 35MA 50V 0805 1 FUNCTIONS, 50 V, 0.025 A, DATA LINE FILTER 47R-47PF RC FILTER 0805 1 FUNCTIONS, 50 V, 0.035 A, DATA LINE FILTER
|
Murata Manufacturing Co., Ltd.
|
ACML-1206-300 ACML-1206-3000 ACML-1206-600 ACML-12 |
SURFACE-MOUNT MULTI-LAYER CHIP BEADS 1 FUNCTIONS, 0.6 A, DATA LINE FILTER SURFACE-MOUNT MULTI-LAYER CHIP BEADS 1 FUNCTIONS, 0.2 A, DATA LINE FILTER SURFACE-MOUNT MULTI-LAYER CHIP BEADS 1 FUNCTIONS, 2 A, DATA LINE FILTER 1 FUNCTIONS, 6 A, FERRITE CHIP
|
Abracon, Corp. ABRACON CORP
|
|