PART |
Description |
Maker |
TC624EOA TC622VAT TC622VPA TC624CPA TC622CPA TC622 |
LOW COST, SINGLE TRIP POINT TEMPERATURE SENSOR (TC622 / TC624) LOW COST SINGLE TRIP POINT TEMPERATURE SENSOR LOW COST, SINGLE TRIP POINT TEMPERATURE SENSOR 低成本,单跳变点温度传感
|
TelCom Semiconductor, I... TELCOM[TelCom Semiconductor, Inc] TelCom Semiconductor, Inc.
|
MAX6505 MAXIM MAX6506 MAX6507 MAX6508 MAX6505UTP01 |
Trip temperature -10, 30 mA, dual trip SOT temperature switch Trip point 35, 30 mA, dual trip SOT temperature switch Trip point 20, 30 mA, dual trip SOT temperature switch Trip temperature 85, 30 mA, dual trip SOT temperature switch Trip temperature 90, 30 mA, dual trip SOT temperature switch Trip temperature 65, 30 mA, dual trip SOT temperature switch Trip temperature 45, 30 mA, dual trip SOT temperature switch Trip temperature 15, 30 mA, dual trip SOT temperature switch Trip point -15, 30 mA, dual trip SOT temperature switch Trip point -35, 30 mA, dual trip SOT temperature switch Trip point -10, 30 mA, dual trip SOT temperature switch Trip point -5, 30 mA, dual trip SOT temperature switch Trip point 0, 30 mA, dual trip SOT temperature switch Trip temperature 95, 30 mA, dual trip SOT temperature switch Trip temperature 110, 30 mA, dual trip SOT temperature switch Trip temperature -20, 30 mA, dual trip SOT temperature switch Trip temperature 75, 30 mA, dual trip SOT temperature switch Trip point 70, 30 mA, dual trip SOT temperature switch Trip point 10, 30 mA, dual trip SOT temperature switch Dual Trip SOT Temperature Switches Trip point 5, 30 mA, dual trip SOT temperature switch Trip point 75, 30 mA, dual trip SOT temperature switch Trip temperature -25, 30 mA, dual trip SOT temperature switch Trip temperature -15, 30 mA, dual trip SOT temperature switch Trip point -30, 30 mA, dual trip SOT temperature switch Trip temperature 35, 30 mA, dual trip SOT temperature switch Trip temperature 55, 30 mA, dual trip SOT temperature switch Trip temperature 70, 30 mA, dual trip SOT temperature switch Trip temperature 40, 30 mA, dual trip SOT temperature switch Trip temperature 105, 30 mA, dual trip SOT temperature switch Trip point 25, 30 mA, dual trip SOT temperature switch Trip point 45, 30 mA, dual trip SOT temperature switch
|
MAX6508 MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
AT76C509 |
AT76C509 single-chip WLAN MAC and Baseband with low power ARM7TDMIR RISC. Ethernet to Wireless Bridge Low-Cost Access Point
|
ATMEL Corporation
|
ADT6402SRJZ-RL7 ADT6401SRJZ-RL7 |
DIGITAL TEMP SENSOR-SINGLE TRIP POINT, 11BIT(s), 6Cel, RECTANGULAR, SURFACE MOUNT ROHS COMPLIANT, MO-178AB, SOT-23, 6 PIN
|
Analog Devices, Inc.
|
ADSP-21065LCCA-240 |
Low-Cost SHARC, 66 MHz, 198 MFLOPS, 3.3v, Floating Point
|
Analog Devices
|
AD8129 AD8130 AD8129ARM-REEL72 AD8130ARM-REEL72 AD |
Low-Cost 200MHz Differential Receiver Amplifier IC,DIFFERENTIAL AMPLIFIER,SINGLE,SOP,8PIN,PLASTIC From old datasheet system Low-Cost High-Speed Differential Receiver and Driver Low-Cost 270 MHz Differential Receiver Amplifiers 低成70 MHz的差分接收器放大 Low-Cost 270 MHz Differential Receiver Amplifiers SPECIALTY ANALOG CIRCUIT, PDSO8
|
AD[Analog Devices] adi Analog Devices, Inc.
|
ADSP-21262S |
ADSP-21262S 3rd Generation Low Cost 32-Bit Floating-Point SHARC DSP
|
Analog Devices
|
MAX708TESA MAX706T MAX708TCSA MAX708SEPA MAX708SMJ |
3V Voltage Monitoring, Low-Cost, ?? Supervisory Circuits 3V Voltage Monitoring, Low-Cost, レP Supervisory Circuits 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDIP8 103SR Series Unipolar Hall-Effect Digital Position Sensor with 15/32 in cylindrical stainless steel housing; two hex nuts; 1 m [39.4 in] jacketed cable; current sinking output; and Vdc supply voltage 3V Voltage Monitoring / Low-Cost / P Supervisory Circuits 3V Voltage Monitoring, Low-Cost, P Supervisory Circuits 3V VOLTAGE MONITORING, LOW-COST, ヌP SUPERVISORY CIRCUITS 3V Voltage Monitoring Low-Cost P Supervisory Circuits 3V Voltage Monitoring, Low-Cost, μP Supervisory Circuits
|
Maxim Integrated Produc... MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm http:// MAXIM - Dallas Semiconductor
|
MAX4401 MAX4402 MAX4400 MAX4403 |
Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown "?Dual low-cost, low-voltage, Rail to Rail op-amp" "Single low-cost, low-voltage, Rail to Rail op-amp with Shutdown"
|
MAXIM - Dallas Semiconductor
|
XBP24-AUI-001 |
Low-cost, easy-to-deploy modules provide critical end-point connectivity to Digi’s Drop-in Networking product family.
|
List of Unclassifed Man...
|
MAX4352-MAX4454 MAX4452 MAX4452EUK-T MAX4452EXK-T |
Low-Cost, 3V/ 5V, 620レA, 200MHz, Single-Supply Op Amps with Rail-to-Rail Outputs DUAL OP-AMP, 12000 uV OFFSET-MAX, 30 MHz BAND WIDTH, PDSO8 Low-Cost, 3V/ 5V, 620µA, 200MHz, Single-Supply Op Amps with Rail-to-Rail Outputs OP-AMP, 12000 uV OFFSET-MAX, 30 MHz BAND WIDTH, PDSO8 Low-Cost, 3V/ 5V, 620μA, 200MHz, Single-Supply Op Amps with Rail-to-Rail Outputs Low-Cost, 3V/ 5V, 620A, 200MHz, Single-Supply Op Amps with Rail-to-Rail Outputs Low-Cost / 3V/ 5V / 620A / 200MHz / Single-Supply Op Amps with Rail-to-Rail Outputs
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
|