PART |
Description |
Maker |
ST62P25C ST6225C ST6215C ST62P15CM6 ST62T25CM3 ST6 |
(ST62P15C / ST62P25C) 8-BIT MCU 8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET 8-BIT MICROCONTROLLER ( MCU ) WITH OTP. ROM. FASTROM. EPROM. A/D CONVERTER. OSCILLATOR SAFEGARD. SAFE RESET AND 28 PINS 8位微控制器(MCU)的与检察官办公室。光盘FASTROM。存储器。的A / D转换器。振荡器SAFEGARD。安全复位和28个引
|
ST Microelectronics 意法半导 STMicroelectronics N.V.
|
PIC16F74 PIC16F74I_L PIC16F74I_P PIC16F74I_PT PIC1 |
28/40-Pin 8-Bit CMOS FLASH Microcontrollers IC-SMD-8-BIT MCU
IC-8-BIT MCU
|
Microchip Technology
|
ST722311R6T3S ST722311R6T7S ST72511R6T1 ST72511R7T |
(ST72T311R - ST72T532R) 8-BIT MCU WITH NESTED INTERRUPTS 8-BIT MCU WITH NESTED INTERRUPTS, EEPROM, ADC, 16-BIT TIMERS, 8-BIT PWM ART, SPI, SCI, CAN INTERFACES
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
SST89E554RC-25-C-NJ SST89E564RD-25-C-NJ SST89E554R |
MCF5445X V4M CORE, MMU, FlashFlex51单片 FlashFlex51 MCU 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PQCC44 FlashFlex51 MCU 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQCC44 FlashFlex51 MCU 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQFP44 FlashFlex51 MCU 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PDIP40 FlashFlex51 MCU 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PDIP40 FlashFlex51 MCU 8-BIT, FLASH, 25 MHz, MICROCONTROLLER, PQFP44 FlashFlex51 MCU 8-BIT, FLASH, 25 MHz, MICROCONTROLLER, PQCC44 FlashFlex51 MCU 8-BIT, FLASH, 25 MHz, MICROCONTROLLER, PDIP40 FlashFlex51 MCU FlashFlex51单片 MCF547X V4ECORE MMU, FPU
|
http:// Silicon Storage Technology, Inc. SILICON STORAGE TECHNOLOGY INC
|
ADUC842 ADUC842BCP |
MicroConverter 1-Cycle 8052 MCU, 8-Channel 12-Bit ADC , Dual 12-Bit DAC , 62K-Byte Flash, Programmable PLL in 8 x 8mm Chip-scale-package (CSP) 12- Bit ADCs and DACs with Embedded Hi-Speed 62KB FLASH MCU
|
Analog Devices, Inc.
|
68HC705PL4B |
8-Bit Microcontroller Units (MCU).(8位微控制 8位微控制器单元(MCU)。(8位微控制器)
|
Motorola Mobility Holdings, Inc.
|
HT66F30 HT66F20 HT66F40 HT66F50 HT66F60 |
Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
|
Holtek Semiconductor Inc
|
HT68F2010 HT68FU60 HT68FU40 HT68F30 HT68F20 |
Enhanced I/O Flash Type MCU 8-Bit MCU with EEPROM
|
Holtek Semiconductor In... Holtek Semiconductor Inc
|
ST7MDT2-EMU2B ST7MDT5-EMU2B ST7MDT6-EMU2B ST7MDT7- |
REAL-TIME DEVELOPMENT TOOLS FOR THE ST7 MCU FAMILY 8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, I2C INTERFACES REAL-TIME DEVELOPMENT TOOLS FOR THE ST7 MCU FAMILY 3991
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
ST72311R ST722532R4T3S ST72512R4T3S ST722512R4T3S |
8-BIT MCU WITH NESTED INTERRUPTS, EEPROM, ADC, 16-BIT TIMERS, 8-BIT PWM ART, SPI, SCI, CAN INTERFACES 8-BIT MCU WITH NESTED INTERRUPTS, EEPROM, ADC, 16-BIT TIMERS, 8-BIT PWM ART, SPI, SCI, CAN INTERFACES 8位嵌套中断,EEPROM存储器,模数转换器,16位定时器8位PWM艺术,SPI和脊髓损伤,微控制器的CAN接口 8-BIT MCU WITH NESTED INTERRUPTS, EEPROM, ADC, 16-BIT TIMERS, 8-BIT PWM ART, SPI, SCI, CAN INTERFACES 8位嵌套中断,EEPROM存储器,模数转换器,16位定时器位PWM艺术,SPI和脊髓损伤,微控制器的CAN接口 Octal Buffers/Line Drivers With 3-State Outputs 24-PDIP -40 to 85 (ST72T311R - ST72T532R) 8-BIT MCU WITH NESTED INTERRUPTS
|
STMicroelectronics N.V. 意法半导 ST Microelectronics
|
MC912DG128PMPV MC912DT128PMPV MC912DG128X MC912DG1 |
Microcontrollers The MC68HC912DT128A microcontroller unit (MCU) is a 16-bit device composed of standard on-chip peripherals including a 16-bit central processing unit 16-BIT, FLASH, 8 MHz, MICROCONTROLLER, PQFP112 The MC68HC912DT128A microcontroller unit (MCU) is a 16-bit device composed of standard on-chip peripherals including a 16-bit central processing unit 该MC68HC912DT128A微控制器单元(MCU)是一6位设备的标准组成的片上外设包括一6位中央处理单
|
Motorola, Inc. Motorola Mobility Holdings, Inc. MOTOROLA INC
|
|