PART |
Description |
Maker |
ST722311R6T3S ST722311R6T7S ST72511R6T1 ST72511R7T |
(ST72T311R - ST72T532R) 8-BIT MCU WITH NESTED INTERRUPTS 8-BIT MCU WITH NESTED INTERRUPTS, EEPROM, ADC, 16-BIT TIMERS, 8-BIT PWM ART, SPI, SCI, CAN INTERFACES
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
ST62P03CM6 ST62P03CM1 ST62P03CM3 ST62T01CM6/TR ST6 |
(ST62P00C - ST62P03C) 8-BIT MCU 8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET 8-BIT MICROCONTROLLER (MCU) WITH OTP. ROM. FASTROM. EPROM. A/D CONVERTER. OSCILLATOR SAFEGUARD. SAFE RESET AND 16 PINS 8位微控制器(MCU)的与检察官办公室。光盘FASTROM。存储器。的A / D转换器。振荡器保障。安全复位和16个引
|
意法半导 ST Microelectronics STMicroelectronics N.V.
|
ADUC842 ADUC842BCP |
MicroConverter 1-Cycle 8052 MCU, 8-Channel 12-Bit ADC , Dual 12-Bit DAC , 62K-Byte Flash, Programmable PLL in 8 x 8mm Chip-scale-package (CSP) 12- Bit ADCs and DACs with Embedded Hi-Speed 62KB FLASH MCU
|
Analog Devices, Inc.
|
HT68F50 HT68F40 HT68F20 HT68F30 HT68F60 |
Enhanced I/O Flash Type MCU 8-Bit MCU with EEPROM
|
Holtek Semiconductor Inc
|
HT66F201006 |
Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
|
Holtek Semiconductor Inc
|
ST7MDT2-EMU2B ST7MDT5-EMU2B ST7MDT6-EMU2B ST7MDT7- |
REAL-TIME DEVELOPMENT TOOLS FOR THE ST7 MCU FAMILY 8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, I2C INTERFACES REAL-TIME DEVELOPMENT TOOLS FOR THE ST7 MCU FAMILY 3991
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
ST72T631K1B0 ST72T631K1B1 ST72T631K1D0 ST72T631K1D |
LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI LOW SPEED USB 8-BIT MCU FAMILY with up to 16K MEMORY, up to 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C
|
STMICROELECTRONICS[STMicroelectronics]
|
STR71XF STR712FR0XX STR71XF07 STR711FR1XX STR710FR |
ARM7TDMI 32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces(带Flash, USB, CAN 5个定时器, ADC, 10个通信接口的ARM7TDMI 32位MCU) ARM7TDMI2位微控制器的闪存,USB,可5定时器,ADC10通讯接口(带闪存,USB,可5个定时器,ADC10个通信接口的ARM7TDMI2位微控制器) ARM7TDMI?/a> 32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces ARM7TDMI?/a> 32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces ARM7TDMI?32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
|
STMicroelectronics N.V. 意法半导
|
ST72T141K2 ST72141 ST72141K2M3 |
8-BIT MCU WITH ELECTRIC-MOTOR CONTROL, ADC, 16-BIT TIMERS, SPI INTERFACE 8-BIT MICROCONTROLLER (MCU) FOR ELECTRIC-MOTOR CONTROL WITH 8K ROM/OTP/EPROM. 256 BYTES RAM.ADC. WDG. SPI & 2 TIMERS. SDIP32-SO34
|
STMicroelectronics
|
R5F56104WNBG R5F56108WNBG R5F56107VNFP R5F56106VNF |
32-Bit MCU The RX610 Group is an MCU with the high-speed, high-performance RX CPU as its core.
|
Renesas Electronics Corporation
|
ADUC812 ADUC812BS ADUC81203 EVAL-ADUC812QS EVAL-AD |
8-BIT, FLASH, 11.0592 MHz, MICROCONTROLLER, PQCC56 MicroConverter?, Multichannel 12-Bit ADC with Embedded Flash MCU MicroConverter庐, Multichannel 12-Bit ADC with Embedded Flash MCU
|
ANALOG DEVICES INC
|