PART |
Description |
Maker |
ACST28S ACST2 ACST2-8SB ACST2-8SB-TR ACST2-8SFP AC |
800 V, 2 A, SNUBBERLESS TRIAC, TO-220AB TO-220FPAB, 3 PIN 800 V, 2 A, SNUBBERLESS TRIAC DPAK-3 AC Switch family Alternating current switch
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
BTB12800CRG BTB12800CWRG BTA12 BTB12800BRG BTB1280 |
Medium current triac 600 V, 12 A, SNUBBERLESS TRIAC 12 A Snubberless, logic level and standard triacs 12 A Snubberless? logic level and standard triacs
|
STMicroelectronics
|
BTB06-600B BTB06-600BRG BTB06-600BW BTB06-600BWRG |
800 V, 6 A, SNUBBERLESS TRIAC, TO-220AB SNUBBERLESS?? LOGIC LEVEL & STANDARD SNUBBERLESS LOGIC LEVEL & STANDARD 缓冲器⑩,逻辑电平 (65.93 k) 5.93十一 INDICATOR BODY, ROUND; Lamp fitting type:Midget Groove; Approval Bodies:BEAB, CSA, VDE, UL; Current, contact max:6A; Depth, external:42mm; Diameter, bezel:18mm; IP rating:IP65; Operations, mechanical No. of:1000000; Temp, op. RoHS Compliant: Yes 240 x 128 pixel format, LED or EL Backlight SC70/SOT23-8, 50mA IOUT, Rail-to-Rail I/O Op Amps with Shutdown/Mute SNUBBERLESS LOGIC LEVEL & STANDARD SNUBBERLESS/ LOGIC LEVEL & STANDARD Transient Voltage Suppressor Diodes SNUBBERLESS⑩, LOGIC LEVEL & STANDARD From old datasheet system SNUBBERLESS, LOGIC LEVEL & STANDARD 6A TRIACS SNUBBERLESS? LOGIC LEVEL & STANDARD
|
STMicroelectronics N.V. International Rectifier, Corp. 意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
T1230-600W |
SNUBBERLESS TRIAC
|
STMicroelectronics
|
T1030W |
(T1020W / T1030W) SNUBBERLESS TRIAC
|
ST Microelectronics
|
T2035H-600IRG |
600 V, 20 A, SNUBBERLESS TRIAC, TO-220AB
|
STMICROELECTRONICS
|
T1235H-600T-TR T1235H-600GRG T1235H06 T1235H600T T |
600 V, 12 A, SNUBBERLESS TRIAC 12A TRIACS
|
STMICROELECTRONICS[STMicroelectronics]
|
BTA208X-500B |
Three quadrant triacs high commutation(三象限双向高换向可控 500 V, 8 A, SNUBBERLESS TRIAC
|
NXP Semiconductors N.V.
|
2-1393030-0 SSRT-240D25 |
“Hockey Puck Solid State Relay With Snubberless Triac Output Hockey Puck Solid State Relay With Snubberless Triac Output
|
Tyco Electronics
|
T1020-600W T1030-600W |
(T1020-600W / T1030-600W) SNUBBERLESS TRIAC
|
ST Microelectronics
|
MY31W MY31 MY31C MY31D MY31T |
Triac; Thyristor Type:Logic Level; Peak Repetitive Off-State Voltage, Vdrm:600V; On State RMS Current, IT(rms):8A; Gate Trigger Current (QI), Igt:5mA Triac; Thyristor Type:Snubberless; Peak Repetitive Off-State Voltage, Vdrm:800V; On State RMS Current, IT(rms):8A; Gate Trigger Current (QI), Igt YELLOW LED LAMPS
|
MICRO-ELECTRONICS[Micro Electronics]
|