PART |
Description |
Maker |
IC62C256 IC62C256-45T IC62C256-45TI IC62C256-45U I |
70ns; 5V; 32K x 8 low power CMOS static RAM ASYNCHRONOUS STATIC RAM, Low Speed A.SRAM 45ns; 5V; 32K x 8 low power CMOS static RAM
|
Integrated Circuit Solution... ICSI[Integrated Circuit Solution Inc]
|
P4C1256L-70SI P4C1256L P4C1256L-55PC P4C1256L-55PI |
LOW POWER 32K x 8 STATIC CMOS RAM
|
List of Unclassifed Manufacturers ETC[ETC]
|
W24257AJ-8N W24L257AJ-8A |
32K X 8 High Speed CMOS Static RAM 32K X 8 STANDARD SRAM, 8 ns, PDSO28 32K×8 High-Speed CMOS Static RAM(32K×8位高速CMOS静态RAM)
|
Winbond Electronics, Corp. Winbond Electronics Corp
|
KM684000LI KM684000LI-10 KM684000LI-10L KM684000LI |
512Kx8 bit CMOS static RAM, 85ns, low power Quadruple Bilateral Analog Switch 14-TSSOP -40 to 85 524288亩字× 8位高速CMOS静态RAM 524,288K WORD x 8 BIT HIGH SPEED CMOS STATIC RAM 524288亩字× 8位高速CMOS静态RAM RES 1.6K-OHM 1% 0.063W 200PPM THK-FILM SMD-0603 TR-7-PA 512Kx8 bit CMOS static RAM, 100ns, low power 512Kx8 bit CMOS static RAM, 70ns, low power
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor] Samsung Electronic
|
IC62VV1008LL IC62VV1008L IC62VV1008L-100B IC62VV10 |
70ns; 1.8V; 1M x 8 ultra low power CMOS static RAM 1 M x 8 bit Low Voltage and Ultra Low Power CMOS Static RAM ASYNCHRONOUS STATIC RAM, Low Power A.SRAM 100ns; 1.8V; 1M x 8 ultra low power CMOS static RAM
|
ICSI[Integrated Circuit Solution Inc]
|
IS62LV256AL-20J IS62LV256AL-20JI IS62LV256AL-20T I |
32K X 8 LOW VOLTAGE CMOS STATIC RAM
|
ISSI[Integrated Silicon Solution, Inc]
|
K6T0808C1D-RL55 K6T0808C1D-TP70 K6T0808C1D-TL55 K6 |
32K X 8 STANDARD SRAM, 70 ns, PDSO28 32Kx8 bit Low Power CMOS Static RAM 32Kx8位低功耗CMOS静态RAM D2 - GLENAIR 32Kx8位低功耗CMOS静态RAM
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor] Samsung Electronic
|
IC62VV12816LL IC62VV12816L IC62VV12816L-70B IC62VV |
ASYNCHRONOUS STATIC RAM, Low Power A.SRAM 128Kx16 bit 1.8V and Ultra Low Power CMOS Static RAM 70ns; 1.8V; 128K x 16 ultra low power CMOS static RAM
|
ICSI[Integrated Circuit Solution Inc]
|
IC62LV1024AL IC62LV1024ALL-45B IC62LV1024ALL-45BI |
70ns; 2.7-3.3V; 128K x 8 low-power and low Vcc CMOS static RAM ASYNCHRONOUS STATIC RAM, Low Power A.SRAM 128K x 8 Ultra Low Power and Low VCC SRAM From old datasheet system 55ns; 2.7-3.3V; 128K x 8 low-power and low Vcc CMOS static RAM
|
ICSI[Integrated Circuit Solution Inc]
|
IDT71256SA70 IDT71256SA70PZ IDT71256SA70T IDT71256 |
Asynchronous Communications Element With Autoflow Control 48-TQFP 0 to 70 32K X 8 STANDARD SRAM, 70 ns, PDSO28 CMOS STATIC RAM 256K (32K x 8-BIT)
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
IDT71256 IDT71256L IDT71256L100D IDT71256L100DB ID |
Precision Adjustable (Programmable) Shunt Reference 8-CDIP -55 to 125 的CMOS静态RAM 256K2K的8位) Dual Pulse-Width-Modulation Control Circuit 16-SSOP 的CMOS静态RAM 256K2K的8位) CMOS STATIC RAM 256K (32K x 8-BIT) 32K X 8 STANDARD SRAM, 25 ns, CDIP28 Single UART with 16-Byte FIFOs and Auto Flow Control 44-PLCC 0 to 70 的CMOS静态RAM 256K2K的8位) CABLE SMA/SMA 36 RG-142 的CMOS静态RAM 256K2K的8位) CMOS STATIC RAM 256K (32K x 8-BIT) 32K X 8 STANDARD SRAM, 120 ns, CDIP28 Dual-Channel Pulse-Width-Modulation (PWM) Control Circuit 16-SSOP -20 to 85 的CMOS静态RAM 256K2K的8位) CMOS STATIC RAM 256K (32K x 8-BIT) 的CMOS静态RAM 256K2K的8位) CMOS STATIC RAM 256K (32K x 8-BIT) 32K X 8 STANDARD SRAM, 30 ns, PDSO28 CMOS STATIC RAM 256K (32K x 8-BIT) 32K X 8 STANDARD SRAM, 30 ns, PDIP28 Replaced by TL16C550C : Single UART with 16-Byte FIFO 40-PDIP 0 to 70 Single UART with 16-Byte FIFOs and Auto Flow Control 48-LQFP 0 to 70 1.8-V to 5-V Dual UART with 16-Byte FIFOs 48-TQFP 0 to 70 Replaced by TL16C550C : Single UART with 16-Byte FIFO 44-PLCC 0 to 70 Replaced by TL16C550C : Single UART with 16-Byte FIFOs 44-PLCC 0 to 70 Replaced by TL16C550C : Single UART with 16-Byte FIFOs 44-PLCC -40 to 85 Quad Pulse-Width-Modulation Control Circuit 48-LQFP -20 to 75 CMOS Static RAM 256k ( 32k X 8-bit )
|
INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Technology, Inc. IDT[Integrated Device Technology] Integrated Device Technolog...
|