PART |
Description |
Maker |
SZ25A9.1 SZ25A8.7 SZ25A4.7 SZ25A7.5 SZ25A2.4 SZ25A |
250mW and 400mW 2.4 - 43 VOLTS ZENER DIODES 8.7 V, 0.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 250mW and 400mW 2.4 - 43 VOLTS ZENER DIODES 4.7 V, 0.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 250mW and 400mW 2.4 - 43 VOLTS ZENER DIODES 6.2 V, 0.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 250mW and 400mW 2.4 - 43 VOLTS ZENER DIODES 2.7 V, 0.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 250mW and 400mW 2.4 - 43 VOLTS ZENER DIODES 3.6 V, 0.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 250mW and 400mW 2.4 - 43 VOLTS ZENER DIODES 8.2 V, 0.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 250mW and 400mW 2.4 - 43 VOLTS ZENER DIODES 3.3 V, 0.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
Solid States Devices, Inc. Solid State Devices, Inc.
|
1N3515 |
REF/REG DIODE, 250MW < P(D) s 400MW
|
New Jersey Semi-Conductor Products, Inc.
|
CMDZ9V1 CMDZ8V2 CMDZ10V CMDZ11V CMDZ13V CMDZ12V CM |
SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
|
Central Semiconductor Corp Central Semiconductor C...
|
CMDZ5221B10 CMDZ5225B CMDZ5257B CMDZ5254B CMDZ5242 |
SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
|
Central Semiconductor Corp
|
CMDZ7L5 CMDZ5L6 CMDZ12L CMDZ15L CMDZ11L |
250mW,Low Level Zener Diode(250mW, 7.5 V,低电平齐纳二极管) 250mW,Low Level Zener Diode(250mW, 5.6V,低电平齐纳二极管) 5.6 V, 0.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 250mW,Low Level Zener Diode(250mW, 12V,低电平齐纳二极管) 12 V, 0.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 250mW,Low Level Zener Diode(250mW, 15V,低电平齐纳二极管) 15 V, 0.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 250mW,Low Level Zener Diode(250mW, 11V,浣??骞抽?绾充????)
|
Central Semiconductor Corp. Central Semiconductor, Corp.
|
SOT-363RF SOT-363RFG |
250mW High Speed Switching Array
|
Taiwan Semiconductor Company, Ltd
|
1N5998C |
REF / REG DIODE, 400MW < P(D) < 1W
|
New Jersey Semi-Conductor Products, Inc.
|
KP022J P0120002P |
250mW GaAs Power FET (Pb-Free Type)
|
EUDYNA[Eudyna Devices Inc]
|
HWD2182 |
250mW Audio Power Amplifier with Shutdown Mode
|
N.A. ETC
|
SOD-123 |
400mW Schottky Barrier Switching Diode
|
Shenzhen Luguang Electronic Technology Co., Ltd
|
1N6085D 1N6090A 1N6087D 1N6088B 1N6088A 1N6082B 1N |
Diode Zener Single 5.6V 1% 400mW 2-Pin DO-7 Diode Zener Single 9.1V 10% 400mW 2-Pin DO-7 Diode Zener Single 6.8V 1% 400mW 2-Pin DO-7 Diode Zener Single 7.5V 5% 400mW 2-Pin DO-7 Diode Zener Single 7.5V 10% 400mW 2-Pin DO-7 Diode Zener Single 4.3V 5% 400mW 2-Pin DO-7 Diode Zener Single 4.7V 10% 400mW 2-Pin DO-7
|
New Jersey Semiconductors
|