PART |
Description |
Maker |
NP0900SBMCT3G NP3500SCMCT3G NP2300SBMCT3G NP2600SB |
Low Cap TSPD Surge Devices - 80A 98 V, 30 A, SILICON SURGE PROTECTOR, DO-214AA Low Cap TSPD Surge Devices 400 V, SILICON SURGE PROTECTOR, DO-214AA Low Cap TSPD Surge Devices - 80A 260 V, 30 A, SILICON SURGE PROTECTOR, DO-214AA Low Cap TSPD Surge Devices - 80A 300 V, 30 A, SILICON SURGE PROTECTOR, DO-214AA Low Cap TSPD Surge Devices - 80A 130 V, 30 A, SILICON SURGE PROTECTOR, DO-214AA Low Cap TSPD Surge Devices
|
ON Semiconductor
|
1-1337604-0 |
SMB SURFACE MOUNT STRAIGHT PCB SOCKET 50 OHM SMB; SMB SMT Skt 50Ohm Gold Pltd ( Greenpar )
|
Tyco Electronics
|
83CNQ080ASM 83CNQ080A 83CNQ100ASM 83CNQ100ASL 83CN |
80V 80A Schottky Common Cathode Diode in a D61-8-SL package 100V 80A Schottky Common Cathode Diode in a D61-8-SL package 80V 80A Schottky Common Cathode Diode in a D61-8-SM package 100V 80A Schottky Common Cathode Diode in a D61-8-SM package SCHOTTKY RECTIFIER From old datasheet system
|
IRF[International Rectifier]
|
80PFR120W 82PFR120W |
800V 80A Std. Recovery Diode in a DO-5 package 1200V 80A Std. Recovery Diode in a DO-5 package
|
International Rectifier
|
MBRS1540T3 MBRS1540T3G |
1.5A 40V Schottky Rectifier; Package: SMB; No of Pins: 2; Container: Tape and Reel; Qty per Container: 2500 1.5 A, 40 V, SILICON, RECTIFIER DIODE, DO-214AA Surface Mount Schottky Power Rectifier SMB Power Surface Mount Package
|
ON Semiconductor
|
89CNQ150ASM 89CNQ 89CNQ135A 89CNQ135ASL 89CNQ135AS |
150V 80A Schottky Common Cathode Diode in a D61-8 package SCHOTTKY RECTIFIER 150V 80A Schottky Common Cathode Diode in a D61-8-SM package 135V 80A Schottky Common Cathode Diode in a D61-8-SM package 150V 80A Schottky Common Cathode Diode in a D61-8-SL package
|
IRF[International Rectifier]
|
87CNQ020SM 87CNQ020SL 87CNQ020 INTERNATIONALRECTIF |
SCHOTTKY RECTIFIER 肖特基整流器 20V 80A Schottky Common Cathode Diode in a D61-8-SM package 20V 80A Schottky Common Cathode Diode in a D61-8-SL package 20V 80A Schottky Common Cathode Diode in a D61-8 package
|
International Rectifier, Corp. IRF[International Rectifier]
|
85CNQ015 85CNQ015SM 85CNQ015SL |
15V 80A Schottky Common Cathode Diode in a D61-8 package SCHOTTKY RECTIFIER 80 Amp 15V 80A Schottky Common Cathode Diode in a D61-8-SM package 15V 80A Schottky Common Cathode Diode in a D61-8-SL package
|
IRF[International Rectifier]
|
MBRS2H100T3G |
2A 100V SCHOTTKY SMB PACKAGE
|
ON Semiconductor
|
PE34471LF |
CABLE ASSEMBLY RG142B/U SMB PLUG RIGHT ANGLE TO SMB JACK BULKHEAD(LEAD FREE)
|
Pasternack Enterprises, Inc.
|
88CNQ060ASL 88CNQ060ASM 88CNQ060A |
60V 80A Schottky Common Cathode Diode in a D61-8 package
|
International Rectifier
|