PART |
Description |
Maker |
FQPF9N90C FQPF9N90CT FQP9N90C |
N-Channel QFETMOSFET 900V, 8A, 1.4 N-Channel QFET MOSFET 900 V, 8.0 A, 1.4 Ohm
|
Fairchild Semiconductor
|
STE26NA90 6245 -STE26NA90 |
N-Channel 900V-0.25惟-26A-ISOTOP Fast Power MOSFET(N娌??蹇?????MOSFET) From old datasheet system N - CHANNEL 900V - 0.25ohm- 26A - ISOTOP FAST POWER MOSFET N - CHANNEL 900V - 0.25 Ohm - 26A - ISOTOP FAST POWER MOSFET
|
STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
STB6NK90Z STB6NK90ZT4 STP6NK90ZFP STP6NK90Z STW7NK |
N-channel 900V - 1.56Ω - 5.8A - TO-220/TO-220FP/D2PAK/TO-247 Zener-protected SuperMESH?Power MOSFET N-CHANNEL 900V - 1.56ohm - 5.8A TO-220/TO-220FP/D2PAK Zener-Protected SuperMESH⑩Power MOSFET N沟道900V - 1.56ohm - 5.8A TO-220/TO-220FP/D2PAK齐保护的SuperMESH⑩功率MOSFET N-CHANNEL 900V 1.56 OHM 5.8A TO-220/TO-220FP D2PAK ZENER-PROTECTED SUPERMESH POWER MOSFET N-CHANNEL 900V - 1.56ohm - 5.8A TO-220/TO-220FP/D2PAK Zener-Protected SuperMESHPower MOSFET N-channel 900V - 1.56Ω - 5.8A - TO-220/TO-220FP/D2PAK/TO-247 Zener-protected SuperMESH Power MOSFET N-channel 900V - 1.56Ω - 5.8A - TO-220/TO-220FP/D2PAK/TO-247 Zener-protected SuperMESH?/a> Power MOSFET N-channel 900V - 1.56ヘ - 5.8A - TO-220/TO-220FP/D2PAK/TO-247 Zener-protected SuperMESH⑩ Power MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|
STY30NK90Z |
N-CHANNEL 900V - 0.25 OHM - 26A MAX247 ZENER-PROTECTED SUPERMESH POWER MOSFET N-CHANNEL 900V - 0.21ohm - 26A Max247 Zener-Protected SuperMESH MOSFET
|
ST Microelectronics
|
STD2NK90Z06 STD2NK90Z-1 STD2NK90ZT4 STP2NK90Z |
N-channel 900V - 5Ω - 2.1A - TO-220 /DPAK/IPAK Zener-Protected SuperMESH MOSFET 2.1 A, 900 V, 6.5 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA
|
STMicroelectronics
|
STW7NC90Z |
N-CHANNEL 900V 1.55 OHM 6A TO-247 ZENER-PROTECTED POWERMESH III MOSFET N-CHANNEL 900V - 1.55ohm - 6A TO-247 Zener-Protected PowerMESH?III MOSFET N-CHANNEL 900V - 1.55ohm - 6A TO-247 Zener-Protected PowerMESH⑩III MOSFET N-CHANNEL MOSFET
|
STMICROELECTRONICS[STMicroelectronics] 意法半导 ST Microelectronics
|
FQPF2N90 |
900V N-Channel MOSFET 1.4 A, 900 V, 7.2 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
STU8NC90Z STU8NC90ZI |
N-CHANNEL 900V 1.1 OHM 7.6A MAX220 / I-MAX220 ZENER-PROTECTED POWERMESH III MOSFET
|
SGS Thomson Microelectronics
|
STY16NA90 6004 |
N - CHANNEL 900V - 0.5 ohm - 16A - Max247 EXTREMELY LOW GATE CHARGE POWER MOSFET From old datasheet system N - CHANNEL 900V - 0.5 - 16A - Max247 EXTREMELY LOW GATE CHARGE POWER MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
FQA9N90C |
900V N-Channel Q-FET 900V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|