PART |
Description |
Maker |
GMR30H150CTPF3T GMR30H150C GMR30H150CTA3R GMR30H15 |
HIGH VOLTAGE POWER SCHOTTKY RECTIFIE
|
GAMMA[Gamma Microelectronics Inc.]
|
KBP206 KBP208 |
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE GLASS PASSIVATED BRIDGE RECTIFIE
|
Yea Shin Technology Co., Ltd
|
SMBJ5V0 SMBJ7.0A SMBJ5.0A SMBJ6.0A SMBJ90A SMBJ100 |
DEVICES FOR BIPOLAR APPLICATIONS 600 Watt Transient Voltage Suppressor(Reverse Stand-off Voltage:17V)(600W瞬变电压抑制反向隔离电压17V 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA 600 Watt Transient Voltage Suppressor(Reverse Stand-off Voltage:9.0V)(600W瞬变电压抑制反向隔离电压9.0V 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA 600 Watt Transient Voltage Suppressor(Reverse Stand-off Voltage:8.0V)(600W瞬变电压抑制反向隔离电压8.0V 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA 600 Watt Transient Voltage Suppressor(Reverse Stand-off Voltage:7.5V)(600W瞬变电压抑制反向隔离电压7.5V 600 Watt Transient Voltage Suppressor(Reverse Stand-off Voltage:6.5V)(600W瞬变电压抑制反向隔离电压6.5V 600 Watt Transient Voltage Suppressor(Reverse Stand-off Voltage:6.0V)(600W瞬变电压抑制反向隔离电压6.0V 600 Watt Transient Voltage Suppressor(Reverse Stand-off Voltage:8.5V)(600W瞬变电压抑制反向隔离电压8.5V 600 Watt Transient Voltage Suppressor(Reverse Stand-off Voltage:22V)(600W瞬变电压抑制反向隔离电压2V 600 Watt Transient Voltage Suppressors
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor] http://
|
P6SMB47CAT3G |
600 Watt Peak Power Zener Transient Voltage Suppressors 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA
|
ON Semiconductor
|
P6KE180CA P6KE20CA P6KE16CA P6KE24CA P6KE8V2CA P6K |
600W TRANSIENT VOLTAGE SUPPRESSOR 2.5-V 460-Kbps RS-232 Transceiver With /-15-kV ESD Protection 20-SSOP -40 to 85 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 600W TRANSIENT VOLTAGE SUPPRESSOR 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 18-Bit D-Type Flip-Flops with 3-State Outputs 56-SSOP -40 to 85 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 RF Down-Converter 20-QFN 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15
|
Fairchild Semiconductor DIODES[Diodes Incorporated] Diodes Inc. Diodes, Inc. Vishay Intertechnology, Inc.
|
1SMB22AT3 1SMB24AT3 1SMB18AT3 1SMB6.0AT3 1SMB5.0AT |
From old datasheet system 600 WATT PEAK POWER PLASTIC SURFACE MOUNT ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
http:// MOTOROLA[Motorola, Inc] ON Semi MOTOROLA[Motorola Inc] Motorola Inc Motorola, Inc. Motorola Mobility Holdings, Inc.
|
R720366XXWA R5010210XXWA R9G00822XXWA R9G00622XXWA |
600 A, 3600 V, SILICON, RECTIFIER DIODE 100 A, 200 V, SILICON, RECTIFIER DIODE 2200 A, 800 V, SILICON, RECTIFIER DIODE 2200 A, 600 V, SILICON, RECTIFIER DIODE 2200 A, 400 V, SILICON, RECTIFIER DIODE 450 A, 150 V, SILICON, RECTIFIER DIODE 550 A, 50 V, SILICON, RECTIFIER DIODE 550 A, 150 V, SILICON, RECTIFIER DIODE 2500 A, 1300 V, SILICON, RECTIFIER DIODE 300 A, 900 V, SILICON, RECTIFIER DIODE 1800 A, 200 V, SILICON, RECTIFIER DIODE 1200 A, 3100 V, SILICON, RECTIFIER DIODE 2000 A, 2300 V, SILICON, RECTIFIER DIODE 3600 A, 2300 V, SILICON, RECTIFIER DIODE 100 A, 150 V, SILICON, RECTIFIER DIODE
|
POWEREX INC
|
SDR4006HFPTXV SDR4004HFNS SDR4004HFNTX SDR4004HFNT |
40 A, 600 V, SILICON, RECTIFIER DIODE 40A 35nsec 400 to 600 V Hyper Fast Rectifier
|
SOLID STATE DEVICES INC SSDI[Solid States Devices, Inc]
|
STPSC406 STPSC406B-TR STPSC406D |
4 A, 600 V, SILICON CARBIDE, RECTIFIER DIODE 600 V power Schottky silicon carbide diode
|
STMicroelectronics
|
P6KE6.8U16 P6KE6.8U11 P6KE6.8CAH12 P6KE75M12 P6KE2 |
600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15
|
Rectron Semiconductor TE Connectivity, Ltd. RECTRON LTD
|
MXSMBJP6KE8.2CE3TR MXSMBGP6KE9.1CATR MXSMBJP6KE8.2 |
600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA ROHS COMPLIANT, PLASTIC, SMBJ, 2 PIN 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-215AA PLASTIC, SMBG, 2 PIN 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA PLASTIC, SMBJ, 2 PIN 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-215AA ROHS COMPLIANT, PLASTIC, SMBG, 2 PIN 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA
|
Microsemi, Corp. MICROSEMI CORP-SCOTTSDALE
|
SMBJ75C-W RECTRONLTD-TFMBJ75A-W TFMBJ170C-W SMBJ43 |
600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA
|
RECTRON LTD
|
|