PART |
Description |
Maker |
STS4PF20V |
P-CHANNEL 20V - 0.090 OHM - 4A SO-8 2.7V-DRIVE STRIPFET II POWER MOSFET
|
SGS Thomson Microelectronics
|
AF2301P AF2301PW AF2301PWA AF2301PWLA AF2301PWL |
V(ds): -20V; V(gs): -8V; -2.3A; 20V P-channel enchancement mode MOSFET 20V P-Channel Enhancement Mode MOSFET Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:21-41 RoHS Compliant: No MS27467T21B41S
|
Anachip Corp ETC
|
STS4DPF20L 8006 |
DUAL P-CHANNEL 20V - 0.07 OHM - 4A SO-8 STRIPFET POWER MOSFET DUAL P-CHANNEL 20V - 0.07 ohm - 4A SO-8 STripFET⑩ POWER MOSFET From old datasheet system DUAL P-CHANNEL 20V - 0.07 OHM - 4A SO-8 STRIPFET POWER MOSFET Dual P-CHANNEL POWER MOSFET DUAL P-CHANNEL 20V - 0.07 ohm - 4A SO-8 STripFETPOWER MOSFET 双P沟道20V 0.07欧姆- 4A条的SO - 8 STripFET⑩功率MOSFET
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics STMicroelectronics N.V.
|
IRLR3715 IRLU3715 IRLR3715TRR |
TRANSISTOR | MOSFET | N-CHANNEL | 20V V(BR)DSS | 54A I(D) | TO-252AA 晶体管| MOSFET的| N沟道| 20V的五(巴西)直| 54A条(丁)|52AA SMPS MOSFET 20V Single N-Channel HEXFET Power MOSFET in a D-Pak package 20V Single N-Channel HEXFET Power MOSFET in a I-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|
ITF87068SQT |
9A, 20V, 0.015 Ohm, P-Channel, 2.5V Specified Power MOSFET(9A, 20V, 0.015Ω P沟道2.5V专用功率MOS场效应管)
|
Intersil Corporation
|
FDMA520PZ FDMA520PZ08 |
Single P-Channel PowerTrench? MOSFET -20V, -7.3A, 30mΩ Single P-Channel PowerTrench㈢ MOSFET -20V, -7.3A, 30mヘ
|
Fairchild Semiconductor
|
ZXMN2B14FHTA ZXMN2B14FH |
20V N-CHANNEL ENHANCEMENT MODE MOSFET WITH LOW GATE DRIVE CAPABILITY 20V SOT23 N-channel enhancement mode MOSFET
|
Diodes Incorporated
|
KE3587-G |
N-channel:VDS=20V ID=4A Drain-Source Voltage Vds 20V
|
TY Semiconductor Co., Ltd
|
STS2DPF20V |
DUAL P-CHANNEL 20V - 0.14ohm - 2A SO-8 2.7V-DRIVE STripFET II POWER MOSFET 2 A, 20 V, 0.25 ohm, 2 CHANNEL, P-CHANNEL, Si, POWER, MOSFET DUAL P-CHANNEL 20V - 0.14ohm - 2A SO-8 2.7V-DRIVE STripFETII POWER MOSFET DUAL P-CHANNEL 20V - 0.14ohm - 2A SO-8 2.7V-DRIVE STripFET⑩ II POWER MOSFET DUAL P-CHANNEL 20V 0.014 OHM 2A SO-8 2.7V-DRIVE STRIPFET II POWER MOSFET
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
STB160NF02L 7459 |
N-CHANNEL 20V - 0.0018ohm - 160A D2PAK STripFET POWER MOSFET N-CHANNEL 20V - 0.0018ohm - 160A D2PAK STripFET?/a> POWER MOSFET N-CHANNEL 20V - 0.0018 OHM - 160A D2PAK STRIPFET POWER MOSFET From old datasheet system N-CHANNEL 20V - 0.0018ohm - 160A D2PAK STripFET⑩ POWER MOSFET N-CHANNEL 20V - 0.0018 OHM - 160A D2PAK STRIPFET POWER MOSFET
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
NTF6P02T3 NTF6P02T3-D NTF6P02T3G NTF6P02T3/D |
Receptacle With A Wire Wrap Tail NTF6P02T3 Power MOSFET -6.0 Amps, -20 Volts P?Channel SOT23(-6.0A,-20V,P通道,SOT-23封装的功率MOSFET) 10 A, 20 V, 0.05 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-261AA Power MOSFET -6.0 Amps, -20 Volts P??annel SOT?23 Power MOSFET -6.0 Amps, -20 Volts P-Channel SOT-223 20V P-ch HD3e SOT223
|
ONSEMI ON Semiconductor
|
IRF3711ZL IRF3711ZS IRF3711Z |
20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 20V Single N-Channel HEXFET Power MOSFET in a TO-262 package 20V Single N-Channel HEXFET Power MOSFET in a TO-220AB package
|
International Rectifier
|