PART |
Description |
Maker |
FDB6676S FDP6676S FDB6676SS62Z |
76 A, 30 V, 0.0065 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB From old datasheet system 30V N-Channel PowerTrench SyncFET™ 30V N-Channel PowerTrench SyncFET⑩ 30V N-Channel PowerTrench SyncFET TM
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
STW45NM50FD STW45NM50F |
N-CHANNEL 500V - 0.07ohm - 45A TO-247 FDmesh?Power MOSFET With FAST DIODE N-CHANNEL 500V 0.07 OHM 45A TO-247 FDMESH POWER MOSFET N-CHANNEL 500V - 0.07ohm - 45A TO-247 FDmesh⑩Power MOSFET With FAST DIODE
|
STMICROELECTRONICS[STMicroelectronics]
|
STN3NF06 |
N-CHANNEL 60V - 0.07 OHM - 4A SOT-223 STRIPFET II POWER MOSFET N-CHANNEL 60V - 0.07ohm - 4A SOT-223 STripFET⑩ II POWER MOSFET N-CHANNEL 60V - 0.07ohm - 4A SOT-223 STripFET II POWER MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
FDN372S |
30V N-Channel PowerTrenchSyncFET 2600 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 30V N-Channel PowerTrench SyncFET
|
Fairchild Semiconductor, Corp.
|
FDS6670AS08 FDS6670AS |
30V N-Channel PowerTrench? SyncFET 30V N-Channel PowerTrench庐 SyncFET??/a> 30V N-Channel PowerTrench㈢ SyncFET⑩
|
Fairchild Semiconductor
|
FDP6670AS08 FDB6670AS FDP6670AS |
30V N-Channel PowerTrench? SyncFET?/a> 30V N-Channel PowerTrench庐 SyncFET??/a> 30V N-Channel PowerTrench㈢ SyncFET⑩
|
Fairchild Semiconductor
|
STS3DNF30L 6336 |
N-Channel 30V-0.055Ω-3.5A-SO-8 PowerMESH MOSFET(N沟道MOSFET) N沟道30V的,0.055Ω- 3.5A SO - 8封装PowerMESH MOSFET的(不适用沟道MOSFET的) N - CHANNEL 30V - 0.055 - 3.5A - SO-8 PowerMESH TM MOSFET From old datasheet system N - CHANNEL 30V - 0.055ohm - 3.5A - SO-8 PowerMESH MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|
FDS6676AS08 |
30V N-Channel PowerTrench? SyncFET 30V N-Channel PowerTrench㈢ SyncFET⑩
|
Fairchild Semiconductor
|
HP4936DY FN4469 HP4936DYT |
5.8A, 30V, 0.037 Ohm, Dual N-Channel,Logic Level Power MOSFET(5.8A, 30V, 0.037 Ω,双N沟道,逻辑电平功率MOS场效应管) 5.8 A, 30 V, 0.037 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET TRANSISTOR | MOSFET | MATCHED PAIR | N-CHANNEL | 30V V(BR)DSS | 5.8A I(D) | SO 5.8 A, 30 V, 0.037 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET 5.8A/ 30V/ 0.037 Ohm/ Dual N-Channel/ Logic Level Power MOSFET 5.8A, 30V, 0.037 Ohm, Dual N-Channel, Logic Level Power MOSFET From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
RDS035 RDS035L03 |
Switching (30V, 3.5A) TRANSISTOR,MOSFET,MATCHED PAIR,N-CHANNEL,30V V(BR)DSS,3.5A I(D),SO
|
Rohm
|
STS5DNE30L 6147 |
N - CHANNEL 30V - 0.039 Ohm - 5A SO-8 STripFET POWER MOSFET N - CHANNEL 30V - 0.039ohm - 5A SO-8 STripFETO POWER MOSFET From old datasheet system N - CHANNEL 30V - 0.039 - 5A SO-8 STripFET TM POWER MOSFET
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 ST Microelectronics
|