PART |
Description |
Maker |
STB30N10 6216 |
From old datasheet system N - CHANNEL 100V - 0.06ohm - 30A - D2PAK POWER MOS TRANSISTOR
|
STMICROELECTRONICS[STMicroelectronics]
|
FDS6911 |
Fast switching speed, Low gate charge Dual N-Channel Logic Level PowerTrench? MOSFET 20V, 7.5A, 13mΩ Dual N-Channel Logic Level PowerTrench㈢ MOSFET 20V, 7.5A, 13mヘ Dual N-Channel Logic Level PowerTrench??MOSFET 20V, 7.5A, 13m??/td>
| SOP
|
List of Unclassifed Manufacturers FAIRCHILD[Fairchild Semiconductor]
|
SST3585 SST358512 |
3.5A, 20V, RDS(ON) 75m -2.5A, -20V, RDS(ON) 160m N And P-Channel Enhancement Mode Power MOSFET
|
SeCoS Halbleitertechnologie GmbH
|
IRF7601 IRF7601TR |
20V Single N-Channel HEXFET Power MOSFET in a Micro 8 package Power MOSFET(Vdss=20V, Rds(on)=0.035ohm) Power MOSFET(Vdss=20V/ Rds(on)=0.035ohm) N-Channel HEXFET Power MOSFET(N沟道 HEXFET 功率MOS场效应管) N沟道HEXFET功率MOSFET的(不适用沟道的HEXFET功率马鞍山场效应管) N-Channel HEXFET Power MOSFET(N娌?? HEXFET ???MOS?烘?搴??)
|
International Rectifier, Corp.
|
STS4DPFS20L |
P-CHANNEL 20V - 0.07ohm - 4A SO-8 STripFET MOSFET PLUS SCHOTTKY RECTIFIER P-CHANNEL POWER MOSFET P-CHANNEL 20V - 0.07ohm - 4A SO-8 STripFET⑩ MOSFET PLUS SCHOTTKY RECTIFIER P-CHANNEL 20V 0.07 OHM 4A SO-8 STRIPFET MOSFET PLUS SCHOTTKY RECTIFIER
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
STS2DPF20V |
DUAL P-CHANNEL 20V - 0.14ohm - 2A SO-8 2.7V-DRIVE STripFET II POWER MOSFET 2 A, 20 V, 0.25 ohm, 2 CHANNEL, P-CHANNEL, Si, POWER, MOSFET DUAL P-CHANNEL 20V - 0.14ohm - 2A SO-8 2.7V-DRIVE STripFETII POWER MOSFET DUAL P-CHANNEL 20V - 0.14ohm - 2A SO-8 2.7V-DRIVE STripFET⑩ II POWER MOSFET DUAL P-CHANNEL 20V 0.014 OHM 2A SO-8 2.7V-DRIVE STRIPFET II POWER MOSFET
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
STB160NF02L 7459 |
N-CHANNEL 20V - 0.0018ohm - 160A D2PAK STripFET POWER MOSFET N-CHANNEL 20V - 0.0018ohm - 160A D2PAK STripFET?/a> POWER MOSFET N-CHANNEL 20V - 0.0018 OHM - 160A D2PAK STRIPFET POWER MOSFET From old datasheet system N-CHANNEL 20V - 0.0018ohm - 160A D2PAK STripFET⑩ POWER MOSFET N-CHANNEL 20V - 0.0018 OHM - 160A D2PAK STRIPFET POWER MOSFET
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
STT5NF20V |
N-CHANNEL 20V - 0.030 ohm - 5A SOT23-6L 2.7V-DRIVE STripFET II POWER MOSFET N-CHANNEL 20V 0.030 OHM 5A SOT23-6L 2.7-DRIVE STRIPFET II POWER MOSFET N-CHANNEL 20V - 0.030 ohm - 5A SOT23-6L 2.7V-DRIVE STripFETII POWER MOSFET N沟道20V 0.030欧姆- 5A条采用SOT23 - 6L 2.7 -驱动STripFET⑩二功率MOSFET
|
ST Microelectronics STMicroelectronics N.V.
|
IRF3711LPBF IRF3711S IRF3711STRR IRF3711SPBF IRF37 |
20V Single N-Channel HEXFET Power MOSFET in a TO-262 package 20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 20V Single N-Channel HEXFET Power MOSFET in a TO-220AB package
|
International Rectifier
|
IRF7F3704 |
HEXFET? POWER MOSFET THRU-HOLE (TO-39) 20V, N-CHANNEL HEXFET㈢ POWER MOSFET THRU-HOLE (TO-39) 20V, N-CHANNEL
|
IRF[International Rectifier]
|