PART |
Description |
Maker |
5962F9467602VPA 5962F9467602VPC HS7B-1100RH-Q HS7- |
Radiation Hardened/ Ultra High Speed Current Feedback Amplifier with Offset Adjust Radiation Hardened, Ultra High Speed
Current Feedback Amplifier(抗辐射超高速电流反馈放大器) Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:Gray; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Radiation Hardened, Ultra High Speed Current Feedback Amplifier VIDEO AMPLIFIER, CDIP8 Radiation Hardened, Ultra High Speed Current Feedback Amplifier 1 CHANNEL, VIDEO AMPLIFIER, CDIP8 Radiation Hardened, Ultra High Speed Current Feedback Amplifier
|
Intersil Corporation Intersil, Corp.
|
HS0-6254RH-Q HS1-6254RH HS-6254RH 5962F9764101VXC |
Radiation Hardened Ultra High Frequency
NPN Transistor Array(抗辐射甚高频NPN晶体管阵 1500PF 50V 0805 BJT Radiation Hardened Ultra High Frequency NPN Transistor Array 辐射加固超高频NPN晶体管阵
|
Intersil Corporation Intersil, Corp.
|
5962F9675601VPA HS-1120RH FN4101 HFA1100IJ HFA11XX |
Radiation Hardened, Ultra High Speed
Current Feedback Amplifier with Offset Adjust(抗辐射超高速电流反馈放大器(可调节漂移 Radiation Hardened/ Ultra High Speed Current Feedback Amplifier with Offset Adjust Radiation Hardened, Ultra High Speed Current Feedback Amplifier with Offset Adjust From old datasheet system
|
INTERSIL[Intersil Corporation]
|
HCTS374D HCTS374DMSR HCTS374HMSR HCTS374K HCTS374K |
From old datasheet system Radiation Hardened Octal D-Type Flip-Flop, Three-State, Positive Edge Triggered Radiation Hardened Octal Transparent Latch/ Three-State
|
INTERSIL[Intersil Corporation]
|
ACTS630D ACTS630HMSR ACTS630K ACTS630MS 5962F96721 |
Radiation Hardened Octal Three-State Transparent Latch Dual J-K Negative-Edge-Triggered Flip-Flop With Clear And Preset 16-SOIC 0 to 70 Radiation Hardened EDAC (Error Detection and Correction) ACT SERIES, 16-BIT ERROR DETECT AND CORRECT CKT, UUC28
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
FSPYC260D1 FSPYC260F FSPYC260F4 FN4850 FSPYC260R4 |
From old datasheet system Radiation Hardened/ SEGR Resistant N-Channel Power MOSFETs Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs(抗辐N沟道MOS场效应管) 抗辐射,抗SEGR N沟道功率MOSFET(抗辐射沟道马鞍山场效应管) Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs 58 A, 200 V, 0.031 ohm, N-CHANNEL, Si, POWER, MOSFET
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
5962F0152101QXC 5962F0152101VXC ISL74422ARHQF ISL7 |
Radiation Hardened 9A, Non-Inverting Power MOSFET Drivers BUF OR INV BASED MOSFET DRIVER, CDFP16 Radiation Hardened 9A. Non-Inverting Power MOSFET Drivers 辐射加固9A条。非反向功率MOSFET驱动 Power MOSFET Drivers, Rad-Hard, 9A, Non-Inverting Radiation Hardened 9A/ Non-Inverting Power MOSFET Drivers
|
Intersil, Corp. Intersil Corporation
|
HS9-OP470ARH-Q HS-OP470AR HS-OP470ARH 5962R9853301 |
16 AMP SPDT MINIATURE POWER RELAY Radiation Hardened, Very Low Noise
Quad Operational Amplifier(抗辐射低噪声四路运算放大 Radiation Hardened, Very Low Noise Quad Operational Amplifier Radiation Hardened/ Very Low Noise Quad Operational Amplifier
|
Intersil Corporation
|
M3G2803R305R4TCKA M3G2803R305R4TCKC |
HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
|
International Rectifier
|
MSK106RHG MSK106ERHG MSK106HRHG MSK106KRHG MSK106R |
RADIATION HARDENED HIGH POWER OP-AMP
|
MSK[M.S. Kennedy Corporation]
|