PART |
Description |
Maker |
STPS30L30CT STPS30L30CG STPS30L30CTS |
30V 30A Schottky Common Cathode Diode in a D-Pak package SCHOTTKY RECTIFIER
|
IRF[International Rectifier]
|
CDBD1545A CDBD1545C CDBD1540C CDBD1530C CDBD1530 |
SMD Schottky Barrier Rectifier 15.0 A SMD schottky barrier rectifier. Max repetitive peak reverse voltage 30 V. Common cathod. 15.0 A SMD schottky barrier rectifier. Max repetitive peak reverse voltage 40 V. Common cathod. 15.0 A SMD schottky barrier rectifier. Max repetitive peak reverse voltage 45 V. Common cathod. 15.0 A SMD schottky barrier rectifier. Max repetitive peak reverse voltage 45 V. Common anode.
|
Comchip Technology
|
OM5219XX OM5218RC OM5218XX OM5235DC OM5235RC OM523 |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 100V0A条高可靠性超快速共阴极二极管采用TO - 258AA封装 HERMETIC JEDEC TO-258AA HIGH EFFICIENCY, CENTER-TAP RECTIFIER 100V 30A Hi-Rel Ultra-Fast Common Cathode Diode in a TO-258AA package 300V 30A Hi-Rel Ultra-Fast Common Cathode Diode in a TO-258AA package 400V 30A Hi-Rel Ultra-Fast Common Cathode Diode in a TO-258AA package 600V 30A Hi-Rel Ultra-Fast Common Cathode Diode in a TO-258AA package 150V 30A Hi-Rel Ultra-Fast Common Cathode Diode in a TO-258AA package 200V 30A Hi-Rel Ultra-Fast Common Cathode Diode in a TO-258AA package
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC] International Rectifier
|
SB300-09R |
90V/ 30A Rectifier 90V 30A Rectifier 90V, 30A Rectifier Schottky Barrier Diode (Twin Type Cathode Common)
|
SANYO[Sanyo Semicon Device]
|
30CLJQ045 |
30A 45V Hi-Rel Schottky Common Cathode Diode in a SMD-0.5 package SCHOTTKY RECTIFIER
|
IRF[International Rectifier]
|
SB300-05H |
50V/ 30A Rectifier 50V, 30A Rectifier Schottky Barrier Diode (Twin Type Cathode Common)
|
SANYO[Sanyo Semicon Device]
|
TCQ30B04 |
Schottky Barrier Diode - 30A 40V Cathode Common
|
NIEC[Nihon Inter Electronics Corporation]
|
MBR2535CT-1 |
35V 30A Schottky Common Cathode Diode in a TO-262 package
|
International Rectifier
|
152CMQ030 |
SCHOTTKY RECTIFIER 30V 150A Schottky Common Cathode Diode in a D-60 (Isolated) package
|
International Rectifier
|
162CMQ030 |
30V 160A Schottky Common Cathode Diode in a TO-249AA (Isolated) package SCHOTTKY RECTIFIER
|
International Rectifier
|
ENA0930 |
Schottky Barrier Diode (Twin Type 隆陇 Cathode Common) 160V, 30A Rectifier
|
Sanyo Semicon Device
|
30SLJQ030SCS |
30V 30A Hi-Rel Schottky Discrete Diode in a SMD-0.5 package DLA Number 1N7078U3
|
International Rectifier
|