PART |
Description |
Maker |
STB9NC60 STB9NC60-1 B9NC60 |
N-CHANNEL 600V - 0.6ohm - 9A - D2PAK/I2PAK PowerMesh?II MOSFET N-CHANNEL 600V - 0.6ohm - 9A - D2PAK/I2PAK PowerMeshII MOSFET N-CHANNEL 600V - 0.6ohm - 9A - D2PAK/I2PAK PowerMesh⑩II MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
JANTXV2N6786 JANTX2N6786 |
POWER MOSFET N-CHANNEL(BVdss=400V, Rds(on)=3.6ohm, Id=1.25A)
|
IRF[International Rectifier]
|
STW10NC70Z |
N-CHANNEL 700V 0.6OHM 10.6A TO-247 ZENER-PROTECTED POWERMESH III MOSFET
|
SGS Thomson Microelectronics
|
SSU2N60B SSR2N60B SSR2N60 SSU2N60BTU SSR2N60BTF SS |
600V N-Channel MOSFET 600V N-Channel MOSFET 1.8 A, 600 V, 5 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251 600V N-Channel B-FET / Substitute of SSU2N60A 600V N-Channel B-FET / Substitute of SSR2N60A
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
FQD3N60CTMWS FQU3N60C |
N-Channel QFETMOSFET 600V, 2.4A, 3.4 N-Channel QFET® MOSFET 600V, 2.4A, 3.4Ohms
|
Fairchild Semiconductor
|
FQPF10N60C FQP10N60C |
600V N-Channel Advance Q-FET C-Series 600V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
IRFBC30AS IRFBC30L IRFBC30AL IRFBC30ASTRL IRFBC30A |
600V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 600V Single N-Channel HEXFET Power MOSFET in a TO-262 package HEXFET? Power MOSFET Power MOSFET(Vdss=600V/ Rds(on)max=2.2ohm/ Id=3.6A) 600V,3.6A,N-Channel HEXFET Power MOSFET for SMPS(600V,3.6A,N沟道 HEXFET 功率MOS场效应管,用于开关模式电 Power MOSFET(Vdss=600V, Rds(on)max=2.2ohm, Id=3.6A) 功率MOSFET(减振钢板基本\u003d 600V电压的Rds(on)最大值\u003d 2.2ohm,身份证\u003d 3.6A
|
IRF[International Rectifier] International Rectifier, Corp.
|
HGTG40N60B3 FN3943 |
70A, 600V, UFS Series N-Channel IGBT(70A, 600V锛?娌??缁????????浣??) 70A, 600V, UFS Series N-Channel IGBT(70A, 600V,N沟道绝缘栅双极晶体管) 70 A, 600 V, N-CHANNEL IGBT, TO-247 From old datasheet system
|
HARRIS SEMICONDUCTOR Intersil, Corp. Intersil Corporation
|
HGTG30N60B3D |
60A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode(60A, 600V, UFS系列 带超快二极管N沟道绝缘栅双极型晶体 60 A, 600 V, N-CHANNEL IGBT, TO-247
|
Intersil, Corp.
|
STP2NC60 STP2NC60FP 7506 |
N-CHANNEL 600V - 7ohm - 1.9A - TO-220/TO-220FP PowerMesh?II MOSFET N-CHANNEL 600V 7 OHM 1.9A TO-220-TO-220FP POWERME N-CHANNEL 600V 7 OHM 1.9A TO-220/TO-220FP POWERMESH II MOSFET From old datasheet system N-CHANNEL 600V - 7ohm - 1.9A - TO-220/TO-220FP PowerMesh⑩II MOSFET N-CHANNEL 600V 7 OHM 1.9A TO-220/TO-220FP POWERMESH II MOSFET
|
意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|