PART |
Description |
Maker |
STP90NF03L STB90NF03L-1 |
N-CHANNEL 30V 0.0056 OHM 90A TO-220/I2PAK LOW GATE CHARGE STRIPFET POWER MOSFET
|
ST Microelectronics
|
FDU6676ASNL FDU6676AS FDU6676ASF071 |
N-Channel PowerTrench SyncFET TM 30V, 90A, 5.8mOhm
|
FAIRCHILD[Fairchild Semiconductor]
|
STB90NF03L-1 STP90NF03L |
N-CHANNEL 30V - 0.0056ohm - 90A TO-220/I2PAK LOW GATE CHARGE STripFET?/a> POWER MOSFET N-CHANNEL 30V - 0.0056ohm - 90A TO-220/I2PAK LOW GATE CHARGE STripFET POWER MOSFET N-CHANNEL 30V - 0.0056ohm - 90A TO-220/I2PAK LOW GATE CHARGE STripFET⑩ POWER MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
STS3DNF30L 6336 |
N-Channel 30V-0.055Ω-3.5A-SO-8 PowerMESH MOSFET(N沟道MOSFET) N沟道30V的,0.055Ω- 3.5A SO - 8封装PowerMESH MOSFET的(不适用沟道MOSFET的) N - CHANNEL 30V - 0.055 - 3.5A - SO-8 PowerMESH TM MOSFET From old datasheet system N - CHANNEL 30V - 0.055ohm - 3.5A - SO-8 PowerMESH MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|
FDB887010 FDB8870F085 FDB8870-F085 |
30V N-Channel PowerTrenchMOSFET N-Channel PowerTrench? MOSFET 30V, 160A, 3.9mΩ
|
Fairchild Semiconductor
|
HUF76105DK8 FN4380 HUF76105DK8T |
5A/ 30V/ 0.050 Ohm/ Dual N-Channel/ Logic Level UltraFET Power MOSFET From old datasheet system 5A, 30V, 0.050 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET 5A, 30V, 0.050 Ohm, Dual N-Channel,Logic Level UltraFET Power MOSFET(5A, 30V, 0.050 Ω,双N沟道,逻辑电平,UltraFET功率MOS场效应管) TRANSISTOR | MOSFET | MATCHED PAIR | N-CHANNEL | 30V V(BR)DSS | 5A I(D) | SO 5 A, 30 V, 0.072 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET, MS-012AA
|
Intersil Corporation Intersil, Corp.
|
FDS6676AS08 |
30V N-Channel PowerTrench? SyncFET 30V N-Channel PowerTrench㈢ SyncFET⑩
|
Fairchild Semiconductor
|
FDS6299S07 |
30V N-Channel PowerTrench? SyncFET 30V N-Channel PowerTrench㈢ SyncFET⑩
|
Fairchild Semiconductor
|
ATP20812 ATP208-TL-H ENA1396A ATP208 |
N-Channel Power MOSFET, 40V, 90A, 6mOhm, Single ATPAK General-Purpose Switching Device Applications
|
ON Semiconductor Sanyo Semicon Device
|
FDC855N |
30V Single N-Channel, Logic Level, PowerTrench MOSFET; Package: SSOT-6; No of Pins: 6; Container: Tape & Reel 6100 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, MO-193AA Single N-Channel, Logic Level, PowerTrench㈢ MOSFET 30V, 6.1A, 27mヘ Single N-Channel, Logic Level, PowerTrench? MOSFET 30V, 6.1A, 27mΩ
|
Fairchild Semiconductor, Corp.
|
FQI45N03L FQB45N03L |
30V LOGIC N-Channel MOSFET TRANSISTOR | MOSFET | N-CHANNEL | 30V V(BR)DSS | 45A I(D) | TO-263AB
|
http:// FAIRCHILD[Fairchild Semiconductor]
|