PART |
Description |
Maker |
STB80NF55L-06 STB80NF55L-06T4 |
TRANSISTOR | MOSFET | N-CHANNEL | 55V V(BR)DSS | 80A I(D) | TO-263AB N - CHANNEL 55V - 0.005 ohm - 80A D2PAK STripFET POWER MOSFET
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
LOB1-R0523FI LOB1-R0221FI LOB1-R022JI LOB1-R00562F |
RESISTOR, 1 W, 1 %, 0.0523 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.0221 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 5 %, 0.022 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.00562 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.00604 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 5 %, 0.0062 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.01 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.0147 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.00523 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.0232 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.0332 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.00576 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.0059 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.00649 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 5 %, 0.0051 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.00698 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 5 %, 0.0068 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.00511 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.0422 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 5 %, 0.047 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 5 %, 0.033 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.0237 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 5 %, 0.01 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.0133 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.0226 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.00665 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.0357 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.00549 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 5 %, 0.005 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.00634 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.005 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.00619 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.0475 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.00681 ohm, THROUGH HOLE MOUNT AXIAL LEADED
|
Welwyn Components, Ltd.
|
HUF75337S3S HUF75337P3 HUF75337G3 FN4369 |
75A/ 55V/ 0.014 Ohm/ N-Channel UltraFET Power MOSFETs From old datasheet system 75A, 55V, 0.014 Ohm, N-Channel UltraFET Power MOSFETs(75A, 55V, 0.014 Ω, N沟道UltraFET功率MOS场效应管)
|
INTERSIL[Intersil Corporation]
|
BUK663R5-55C |
N-channel TrenchMOS intermediate level FET 120 A, 55 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET
|
NXP Semiconductors N.V.
|
SI7483DP-E3 |
14 A, 30 V, 0.005 ohm, P-CHANNEL, Si, POWER, MOSFET POWERPAK, SO-8
|
Vishay Intertechnology, Inc.
|
HUF75332G305 HUF75332S3S HUF75332G3 HUF75332P3 HUF |
55V N-Channel UltraFET Power MOSFET 60A, 55V, 0.019 Ohm, N-Channel UltraFET Power MOSFETs
|
FAIRCHILD[Fairchild Semiconductor]
|
HUF75332S3S HUF75332P3 HUF75332G3 FN4489 |
60A/ 55V/ 0.019 Ohm/ N-Channel UltraFET Power MOSFETs 60A, 55V, 0.019 Ohm, N-Channel UltraFET Power MOSFETs From old datasheet system
|
INTERSIL[Intersil Corporation]
|
HUF75345S3S HUF75345P3 HUF75345G3 FN4365 |
75A/ 55V/ 0.007 Ohm/ N-Channel UltraFET Power MOSFETs 75A, 55V, 0.007 Ohm, N-Channel UltraFET Power MOSFETs From old datasheet system
|
INTERSIL[Intersil Corporation]
|
2SK4081-ZK-E1-AY 2SK4081 2SK4081-S15-AY 2SK4081-S2 |
2 A, 600 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA SWITCHING N-CHANNEL POWER MOS FET
|
NEC
|
STB80NF55-08 STB80NF55-08-1 STP80NF55-08 |
N - CHANNEL POWER MOSFET N-CHANNEL 55V - 0.0065 ohm - 80A D2PAK/I2PAK/TO-220 STripFETII POWER MOSFET N-CHANNEL 55V - 0.0065 OHM - 80A D2PAK/I2PAK/TO-220 STRIPFET II POWER MOSFET N-CHANNEL 55V - 0.0065 ohm - 80A D2PAK/I2PAK/TO-220 STripFET II POWER MOSFET N-CHANNEL 55V - 0.0065 ohm - 80A D2PAK/I2PAK/TO-220 STripFET⑩ II POWER MOSFET N-CHANNEL 55V - 0.0065 ohm - 80A D2PAK/I2PAK/TO-220 STripFET?/a> II POWER MOSFET
|
意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
IRF5Y3205CM |
55V Single N-Channel Hi-Rel MOSFET in a TO-257AA package THRU-HOLE (TO-257AA) 55V, N-CHANNEL POWER MOSFET N-CHANNEL(Vdss=55V, Rds(on)=0.022ohm, Id=18A*)
|
IRF[International Rectifier]
|
|