PART |
Description |
Maker |
FQP8N80C FQPF8N80C |
800V N-Channel Advance Q-FET C-Series 800V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
FQI5N80 FQB5N80 FQI5N80TU |
800V N-Channel QFET 800V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
STU9NC80Z STU9NC80ZI STU9NC80 |
OLD PRODUCT: NOT SUITABLE FOR NEW DESIGN-IN N-CHANNEL 800V - 0.82ohm - 8.6A Max220/I-Max220 Zener-Protected PowerMESHIII MOSFET N-CHANNEL 800V - 0.82ohm - 8.6A Max220/I-Max220 Zener-Protected PowerMESH⑩III MOSFET N-CHANNEL 800V - 0.82ohm - 8.6A Max220/I-Max220 Zener-Protected PowerMESH?III MOSFET
|
意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
APT8075 APT8075BN APT8090BN |
POWER MOS V 800V 13.0A 0.75 Ohm / 800V 12.0A 0.90 Ohm N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
|
ADPOW[Advanced Power Technology]
|
STP4NK80ZFP STP4NK80Z STD4NK80Z 9250 STD4NK80Z-1 |
N-CHANNEL 800V - 3ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH?/a> Power MOSFET N-CHANNEL 800V - 3 OHM - 3A TO-220/TO-220FP/DPAK/IPAK ZENER-PROTECTED SUPERMESH POWER MOSFET N-CHANNEL 800V - 3ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH⑩ Power MOSFET From old datasheet system N-Channle MOSFET N-CHANNEL 800V - 3 OHM - 3A TO-220/TO-220FP/DPAK/IPAK ZENER-PROTECTED SUPERMESH POWER MOSFET N-CHANNEL 800V - 3ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH Power MOSFET N-CHANNEL 800V - 3ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH?/a> Power MOSFET N-CHANNEL 800V - 3ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESHPower MOSFET N沟道800V 3ohm -A TO-220/TO-220FP/DPAK/IPAK齐保护的SuperMESH⑩功率MOSFET
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics STMicroelectronics N.V.
|
IRFK4HE50 |
800V,26A,N-Channel HEXFET Power MOSFET(800V,26A,N沟道 HEXFET 功率MOS场效应管) 800V的,26A,N沟道HEXFET功率MOSFET00V的,26A条,沟道的HEXFET功率马鞍山场效应管)
|
International Rectifier, Corp.
|
STP5NB80 STP5NB80FP 6418 |
From old datasheet system N - CHANNEL 800V - 1.8W - 5A - TO-220/TO-220FP
PowerMESH] MOSFET N - CHANNEL 800V - 1.8ohm - 5A - TO-220/TO-220FP PowerMESH MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
STP10NK80Z STP10NK80ZFP STW10NK80Z |
N-CHANNEL 800V - 0.78 OHM - 9A TO-220/TO-220FP/TO-247 ZENER-PROTECTED SUPERMESH POWER MOSFET N-CHANNEL 800V - 0.78ohm - 9A TO-220/TO-220FP/TO-247 Zener-Protected SuperMESH⑩Power MOSFET N-CHANNEL Power MOSFET N-CHANNEL 800V - 0.78ohm - 9A TO-220/TO-220FP/TO-247 Zener-Protected SuperMESHPower MOSFET N-CHANNEL 800V - 0.78ohm - 9A TO-220/TO-220FP/TO-247 Zener-Protected SuperMESH?Power MOSFET
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
2SK956 2SK1010 2SK1507-01 2SK958 2SK1547-01 2SK138 |
TRANSISTOR | MOSFET | N-CHANNEL | 800V V(BR)DSS | 4A I(D) | TO-247 晶体管| MOSFET的| N沟道| 800V的五(巴西)直| 4A条(丁)|47 Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset 晶体管| MOSFET的| N沟道| 500V五(巴西)直| 6A条(丁)|20 TRANSISTOR | MOSFET | N-CHANNEL | 900V V(BR)DSS | 3A I(D) | TO-247 MOSFET transistors TRANSISTOR | MOSFET | N-CHANNEL | 800V V(BR)DSS | 9A I(D) | TO-247 Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset From old datasheet system TRANSISTOR,MOSFET,N-CHANNEL,600V V(BR)DSS,9A I(D),TO-220 TRANSISTOR|MOSFET|N-CHANNEL|500VV(BR)DSS|6AI(D)|TO-220
TRANSISTOR,MOSFET,N-CHANNEL,800V V(BR)DSS,9A I(D),TO-247
|
Toshiba, Corp. Mallory Sonalert Products, Inc. Fuji Semiconductors, Inc.
|
STW7NC80Z |
N-CHANNEL 800V 1.5OHM 6A TO-247 ZENER-PROTECTED POWERMESH MOSFET N-CHANNEL 800V - 1.5ohm - 6A TO-247 Zener-Protected PowerMESH⑩III MOSFET N-CHANNEL 800V - 1.5ohm - 6A TO-247 Zener-Protected PowerMESH?III MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|