PART |
Description |
Maker |
STL80N4LLF3 L80N4LLF3 |
N-channel 40V - 0.0042ohm - 80A - PowerFLAT (6x5) STripFET Power MOSFET for DC-DC conversion
|
STMICROELECTRONICS[STMicroelectronics]
|
FDB844110 FDB8441-F085 FDB8441F085 |
40V N-Channel PowerTrenchMOSFET N-Channel PowerTrench? MOSFET 40V, 80A, 2.5mΩ
|
Fairchild Semiconductor
|
FDB844311 FDB8443-F085 FDB8443F085 |
40V N-Channel PowerTrenchMOSFET. N-Channel PowerTrench? MOSFET 40V, 80A, 3.0mΩ
|
Fairchild Semiconductor
|
FDD468508 FDD4685F085 |
P-Channel PowerTrenchMOSFET -40V, -32A, 35m P-Channel PowerTrench? MOSFET -40V, -32A, 35mΩ
|
Fairchild Semiconductor
|
STD95N04 STP95N04 -STD95N04 |
N-CHANNEL 40V - 5.4mohm - 80A - DPAK - TO-220 STripFET Power MOSFET N沟道40V 5.4mohm - 80A的DPAK -20 STripFET功率MOSFET N-CHANNEL 40V - 5.1mOhm - 80A DPAK Planar STripFET MOSFET
|
STMicroelectronics N.V. ST Microelectronics, Inc. STMICROELECTRONICS[STMicroelectronics]
|
IRF7469 IRF7469TR |
40V Single N-Channel HEXFET Power MOSFET in a SO-8 package Power MOSFET(Vdss=40V, Id=9.0A)
|
IRF[International Rectifier]
|
STP100NF04 STB100NF04 STB100NF04-1 |
N-CHANNEL 40V - 0.0043ohm - 120A TO-220/D2PAK/I2PAK STripFET?/a> II POWER MOSFET N-CHANNEL 40V 0.0043 OHM 120A TO-220/D2PAK/I2PAK STRIPFET II POWER MOSFET N-CHANNEL 40V - 0.0043ohm - 120A TO-220/D2PAK/I2PAK STripFET II POWER MOSFET N-CHANNEL 40V - 0.0043ohm - 120A TO-220/D2PAK/I2PAK STripFET⑩ II POWER MOSFET N-CHANNEL 40V - 0.0043ohm - 120A TO-220/D2PAK/I2PAK STripFETII POWER MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
IRF1404L IRF1404S IRF1404STRR IRF1404STRL IRF1404S |
40V Single N-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss=40V/ Rds(on)=0.004ohm/ Id=162A) Power MOSFET(Vdss=40V, Rds(on)=0.004ohm, Id=162A?
|
International Rectifier
|
EN7671A 2SK3738-TL-E 2SK3738-12 EN7671 |
N-Channel JFET, 40V, 50 to 130uA, 0.13mS, SMCP N-Channel Junction Silicon FET Impedance Converter Applications
|
ON Semiconductor Sanyo Semicon Device
|
IRL1004L IRL1004S IRL1004STRL IRL1004STRR |
40V Single N-Channel HEXFET Power MOSFET in a TO-262 package 40V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier
|
CDBUR40 |
Small Signal Schottky Diodes, V-RRM=40V, V-R=40V, I-O=200mA
|
Comchip Technology
|
CDBZ2240LL-HF |
Halogen Free Low VF Schottky Barrier, V-RRM=40V, V-R=40V, I-O=2A
|
Comchip Technology
|