PART |
Description |
Maker |
STW30NM60D |
N-CHANNEL 600V - 0.125 OHM - 30A TO-247 FAST DIODE MDMESH MOSFET N-CHANNEL 600V - 0.125 - 30A TO-247 Fast Diode MDmesh MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
STGW50NB60M 9107 |
N-CHANNEL 50A - 600V - TO-247 PowerMESH??IGBT N-CHANNEL 50A - 600V - TO-247 PowerMESH?/a> IGBT N-CHANNEL 50A - 600V - TO-247 POWERMESH IGBT From old datasheet system N-CHANNEL 50A - 600V - TO-247 PowerMESH⑩ IGBT
|
??????浣? STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
STB15NM60N STI15NM60N STP15NM60N STF/I15NM60N STF1 |
N-channel 600V - 0.270ヘ - 14A - D2/I2PAK - TO-220/FP - TO-247 Second generation MDmesh⑩ Power MOSFET N-channel 600V - 0.270Ω - 14A - D2/I2PAK - TO-220/FP - TO-247 Second generation MDmesh Power MOSFET N-channel 600V - 0.270Ω - 14A - D2/I2PAK - TO-220/FP - TO-247 Second generation MDmesh?/a> Power MOSFET N-channel 600V - 0.270楼? - 14A - D2/I2PAK - TO-220/FP - TO-247 Second generation MDmesh垄芒 Power MOSFET
|
STMicroelectronics
|
STGW30NC120HD0710 STGW30NC120HD |
N-channel 1200V - 30A - TO-247 very fast PowerMESH IGBT
|
STMicroelectronics
|
STGW30NC120HD GW30NC120HD |
N-CHANNEL 30A - 1200V - TO-247 VERY FAST PowerMESH-TM IGBT
|
STMICROELECTRONICS[STMicroelectronics]
|
STGW30NC120HD STGW30NC120HD_07 GW30NC120HD STGW30N |
N-channel 1200V - 30A - TO-247 Very fast PowerMESH TM IGBT
|
STMICROELECTRONICS[STMicroelectronics]
|
STGW39NC60VD07 STGW39NC60VD |
N-channel 40A - 600V - TO-247 Very fast switching PowerMESH IGBT N-channel 40A - 600V - TO-247 Very fast switching PowerMESH⑩ IGBT
|
STMicroelectronics
|
HGTG30N60B3D |
60A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode(60A, 600V, UFS系列 带超快二极管N沟道绝缘栅双极型晶体 60 A, 600 V, N-CHANNEL IGBT, TO-247
|
Intersil, Corp.
|
STGW30N90D GW30N90D |
N-channel 900V - 30A - TO-247 Very fast PowerMESH IGBT N沟道900V - 30A47 IGBT的非常快速PowerMESH
|
STMicroelectronics N.V.
|
FFH30S60S FFH30S60STU |
30A, 600V STEALTH II Rectifier; Package: TO-247; No of Pins: 2; Container: Rail 30 A, 600 V, SILICON, RECTIFIER DIODE Stealth 2 Rectifier
|
Fairchild Semiconductor, Corp.
|
SBR30A45PT |
RECTIFIER SBR DUAL 30A 45V 250A-ifsm 500mV-vf 0.5mA-ir TO-247 50/TUBE 30 A, 45 V, SILICON, RECTIFIER DIODE, TO-247
|
Diodes, Inc.
|
STW14NK60Z STP14NK60Z07 STB14NK60Z STP14NK60Z STB1 |
N-channel 600V - 0.45Ω - 13.5A TO-220/FP-D2/I2PAK-TO-247 Zener-protected SuperMESHTM Power MOSFET N-channel 600V - 0.45ヘ - 13.5A TO-220/FP-D2/I2PAK-TO-247 Zener-protected SuperMESHTM Power MOSFET
|
STMicroelectronics
|