PART |
Description |
Maker |
STGW20NB60H |
N-CHANNEL 20A - 600V TO-247 POWERMESH IGBT
|
ST Microelectronics
|
STGW20NB60HD |
N-CHANNEL 20A - 600V TO-247 POWERMESH IGBT
|
ST Microelectronics
|
STGW20NB60K |
N-CHANNEL 20A 600V TO-247 SHORT CIRCUIT PROOF POWERMESH IGBT
|
ST Microelectronics
|
STW16NB60 |
N-CHANNEL 600V - 0.3ohm - 16A TO-247 PowerMeshMOSFET N沟道600V 0.3ohm - 16A条,247 PowerMesh⑩MOSFET N-CHANNEL 600V - 0.3ohm - 16A TO-247 PowerMesh⑩ MOSFET N-CHANNEL 600V 0.3 OHM 16A TO-247 POWERMESH MOSFET N-CHANNEL 600V - 0.3ohm - 16A TO-247 PowerMesh MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|
STGW20NB60KD |
N-CHANNEL 20A - 600V - TO-247 SHORT CIRCUIT PROOF PowerMESH IGBT N沟道20A 600V47短路证明PowerMESHIGBT
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|
W20NM60FD F20NM60D P20NM60FD STF20NM60D STP20NM60F |
N-CHANNEL 600V - 0.26ohm - 20A TO-220-TO-220FP-TO-247 FDmesh POWER MOSFET (with FAST DIODE)
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
STB13NK60Z05 STP13NK60Z STP13NK60ZFP STW13NK60Z ST |
N-CHANNEL 600V-0.48ヘ-13A-TO-220/FP-D?/I?PAK-TO-247 Zener-Protected SuperMESH⑩ MOSFET N-CHANNEL 600V-0.48Ω-13A-TO-220/FP-D2/I2PAK-TO-247 Zener-Protected SuperMESH?/a> MOSFET N-CHANNEL 600V-0.48Ω-13A-TO-220/FP-D2/I2PAK-TO-247 Zener-Protected SuperMESH MOSFET N-CHANNEL 600V-0.48楼?-13A-TO-220/FP-D漏梅/I漏梅PAK-TO-247 Zener-Protected SuperMESH垄芒 MOSFET
|
STMicroelectronics
|
STP20NK50Z STW20NK50Z |
N-CHANNEL POWER MOSFET N-CHANNEL 500V - 0.23ohm - 20A TO-220/TO-247 Zener-Protected SuperMESH⑩Power MOSFET N-CHANNEL 500V - 0.23 OHM - 20A TO-220/TO-247 ZENER-PROTECTED SUPERMESH POWER MOSFET N-CHANNEL 500V - 0.23ohm - 20A TO-220/TO-247 Zener-Protected SuperMESHPower MOSFET N-CHANNEL 500V - 0.23ohm - 20A TO-220/TO-247 Zener-Protected SuperMESH?Power MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
STP10NK60Z STP10NK60ZFP STB10NK60Z STB10NK60Z-1 ST |
N-CHANNEL 600V-0.65ohm-10A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH?┬ower MOSFET N-CHANNEL 600V-0.65ohm-10A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH⑩Power MOSFET N沟道600V.65ohm - 10A条TO-220/FP/D2PAK/I2PAK/TO-247齐纳保护SuperMESH⑩功率MOSFET N-CHANNEL Power MOSFET N-CHANNEL 600V-0.65ohm-10A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESHPower MOSFET N-CHANNEL 600V - 0.65 OHM - 10A TO-220/TO-220FP/D2PAK/I2PAK/TO-247 ZENER-PROTECTED SUPERMESH POWER MOSFET
|
STMicroelectronics N.V. ST Microelectronics
|
STP13NK60Z STP13NK60ZFP STB13NK60 STB13NK60Z STB13 |
N-CHANNEL 600V-0.48ohm-13A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH?Power MOSFET N-CHANNEL 600V-0.48ohm-13A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH⑩Power MOSFET N-CHANNEL 600V-0.48ohm-13A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH?┬ower MOSFET N-CHANNEL 600V-0.48ohm-13A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESHPower MOSFET N-CHANNEL 600V - 0.48 OHM - 13A TO-220/TO-220FP/D2PAK/I2PAK/TO-247 ZENER-PROTECTED SUPERMESH POWER MOSFET N-CHANNEL 600V - 0.48 OHM - 13A TO-220/TO-220FP/D2PAK/I2PAK/TO-247 ZENER-PROTECTED SUPERMESH POWER MOSFET
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
HGTG30N60C3D FN4041 |
63A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes(63A, 600V, UFS系列 N沟道绝缘栅双极型晶体 63 A, 600 V, N-CHANNEL IGBT, TO-247 From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|