PART |
Description |
Maker |
STGB7NB60HD STGB7NB60HDT4 |
N-CHANNEL 7A - 600V DPAK PowerMESH IGBT N沟道A - 600V的IGBT的DPAK封装PowerMESH N-CHANNEL 7A - 600V DPAK PowerMESH IGBT N-CHANNEL 7A - 600V - D2PAK POWERMESH IGBT
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
STGD3NB60SD STGD3NB60SDT4 |
N-CHANNEL 3A - 600V DPAK Power MESH IGBT N-CHANNEL 3A - 600V DPAK Power MESH IGBT N-CHANNEL 3A - 600V DPAK POWERMESH IGBT
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
STGP7NB60F STGD7NB60FT4 STGD7NB60F |
14 A, 600 V, N-CHANNEL IGBT, TO-220AB Transient Surge Protection Thyristor; Thyristor Type:Sidac; Package/Case:MS-013; Reel Quantity:1500; Repetitive Reverse Voltage Max, Vrrm:58V; Capacitance:70pF; Forward Voltage:5V; Holding Current:120mA; Leakage Current:5uA RoHS Compliant: NA N-CHANNEL 7A 600V TO-220/DPAK POWERMESH IGBT N-CHANNEL 7A - 600V - T0-220 / DPAK PowerMESH IGBT
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
STGD10NC60H GD10NC60H |
N-channel 10A - 600V - DPAK Very fast PowerMESH?/a> IGBT N-channel 10A - 600V - DPAK Very fast PowerMESH⑩ IGBT N-channel 10A - 600V - DPAK Very fast PowerMESH IGBT
|
STMicroelectronics
|
STP5NK60ZFP STD5NK60Z STD5NK60ZT4 STP5NK60Z |
N-CHANNEL 600V - 1.2ohm - 5A TO-220/TO-220FP/DPAK Zener-Protected SuperMESHPower MOSFET N沟道600V 1.2ohm - 5A条TO-220/TO-220FP/DPAK齐纳保护SuperMESH?功率MOSFET N-CHANNEL 600V - 1.2ohm - 5A TO-220/TO-220FP/DPAK Zener-Protected SuperMESH Power MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|
GB3NB60KD GD3NB60K GP3NB60K GP3NB60KD GP3NB60KDFP |
N-CHANNEL 3A - 600V - TO-220/DPAK/D2PAK PowerMESH IGBT N-CHANNEL 600V 3A TO-220/TO-220FP/DPAK/D2PAK POWERMESH IGBT
|
ST Microelectronics
|
STD5NM60-1 STP8NM60FP STD5NM60 STP8NM60 |
N-CHANNEL 600V - 0.9ohm - 8A TO-220/TO-220FP/DPAK/IPAK MDmesh?/a> Power MOSFET N-CHANNEL 600V - 0.9ohm - 8A TO-220/TO-220FP/DPAK/IPAK MDmesh Power MOSFET N-CHANNEL 600V - 0.9ohm - 8A TO-220/TO-220FP/DPAK/IPAK MDmesh⑩ Power MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
STGD3NC60HD |
N-CHANNEL 3A - 600V DPAK Very Fast PowerMESH IGBT
|
STMicroelectronics
|
STD5NM60 |
N-CHANNEL 600V - 0.8ohm - 5A DPAK MDmesh Power MOSFET
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
STD1NB60 |
N - CHANNEL 600V - 7.4ohm - 1A - IPAK/DPAK PowerMESH MOSFET
|
http:// STMicroelectronics SGS Thomson Microelectronics
|
STGB7NB60KD STGD7NB60K STGD7NB60KT4 STGP7NB60K STG |
N-CHANNEL 600V 7A TO-220/TO-220FP/DPAK/D2PAK POWERMESH IGBT
|
ST Microelectronics
|