PART |
Description |
Maker |
STD1NC60 STD1NC60T4 STD1NC60-1 |
N-CHANNEL 600V - 7ohm - 1.4A - DPAK/IPAK PowerMesh⑩II MOSFET N沟道600V 7ohm - 1.4A的DPAK /像是iPak PowerMesh第二MOSFET的⑩ N-CHANNEL 600V - 7ohm - 1.4A - DPAK/IPAK PowerMesh?II MOSFET N-CHANNEL 600V - 7ohm - 1.4A - DPAK/IPAK PowerMeshII MOSFET N-CHANNEL 600V 7 OHM 1.4A DPAK/IPAK POWERMESH II MOSFET N-CHANNEL 600V 7 OHM 1.4A DPAK/IPAK POWERMESH II MOSFET
|
STMicroelectronics N.V. 意法半导 ST Microelectronics
|
STD2NM60 STD2NM60-1 |
N-CHANNEL 600V - 2.8ohm - 2A DPAK/IPAK Zener-Protected MDmesh?Power MOSFET N-CHANNEL 600V - 2.8ohm - 2A DPAK/IPAK Zener-Protected MDmesh⑩Power MOSFET N-CHANNEL 600V - 2.8ohm - 2A DPAK/IPAK Zener-Protected MDmeshPower MOSFET
|
http:// STMICROELECTRONICS[STMicroelectronics] 意法半导
|
STGD7NB60S STGD7NB60ST4 |
N-CHANNEL 7A - 600V DPAK POWERMESH IGBT N-CHANNEL 7A - 600V DPAK Power MESH IGBT N-CHANNEL 7A - 600V DPAK Power MESH IGBT
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
STGP7NB60F STGD7NB60FT4 STGD7NB60F |
14 A, 600 V, N-CHANNEL IGBT, TO-220AB Transient Surge Protection Thyristor; Thyristor Type:Sidac; Package/Case:MS-013; Reel Quantity:1500; Repetitive Reverse Voltage Max, Vrrm:58V; Capacitance:70pF; Forward Voltage:5V; Holding Current:120mA; Leakage Current:5uA RoHS Compliant: NA N-CHANNEL 7A 600V TO-220/DPAK POWERMESH IGBT N-CHANNEL 7A - 600V - T0-220 / DPAK PowerMESH IGBT
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
STF6NM60N STP6NM60N STD6NM60N STD6NM60N-1 |
N-channel 600V - 0.85Ω - 4.6A - TO-220 - TO-220FP - IPAK - DPAK Second generation MDmesh Power MOSFET N-channel 600V - 0.85Ω - 4.6A - TO-220 - TO-220FP - IPAK - DPAK Second generation MDmesh?/a> Power MOSFET N-channel 600V - 0.85ヘ - 4.6A - TO-220 - TO-220FP - IPAK - DPAK Second generation MDmesh⑩ Power MOSFET
|
STMicroelectronics
|
STP5NK60ZFP STD5NK60Z STD5NK60ZT4 STP5NK60Z |
N-CHANNEL 600V - 1.2ohm - 5A TO-220/TO-220FP/DPAK Zener-Protected SuperMESHPower MOSFET N沟道600V 1.2ohm - 5A条TO-220/TO-220FP/DPAK齐纳保护SuperMESH?功率MOSFET N-CHANNEL 600V - 1.2ohm - 5A TO-220/TO-220FP/DPAK Zener-Protected SuperMESH Power MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|
GB3NB60KD GD3NB60K GP3NB60K GP3NB60KD GP3NB60KDFP |
N-CHANNEL 3A - 600V - TO-220/DPAK/D2PAK PowerMESH IGBT N-CHANNEL 600V 3A TO-220/TO-220FP/DPAK/D2PAK POWERMESH IGBT
|
ST Microelectronics
|
STGD3NB60HD |
N-CHANNEL 6A - 600V - DPAK PowerMESH IGBT
|
STMicroelectronics
|
STGD7NB60S 6206 |
N-CHANNEL 7A - 600V DPAK PowerMESH TM IGBT From old datasheet system
|
STMicro
|
STGD7NC60HT4 STGP7NC60H |
N-CHANNEL 7A - 600V TO-220/DPAK Very Fast PowerMESH IGBT
|
ST Microelectronics
|
STGP3NB60K GD3NB60K GP3NB60K STGD3NB60K STGD3NB60K |
N-CHANNEL 3A - 600V - TO-220/DPAK/D2PAK PowerMES TM IGBT
|
STMICROELECTRONICS[STMicroelectronics]
|
STGD7NC60H STGP7NC60H STGD7NC60HT4 |
N-CHANNEL 14A - 600V TO-220/DPAK VERY FAST POWERMESH IGBT
|
STMICROELECTRONICS[STMicroelectronics]
|