PART |
Description |
Maker |
STGB7NB40LZ |
N-CHANNEL CLAMPED 14A - D2PAK INTERNALLY CLAMPED PowerMESH⑩ IGBT N-CHANNEL CLAMPED 14A - D2PAK INTERNALLY CLAMPED PowerMESH IGBT
|
STMICROELECTRONICS[STMicroelectronics]
|
STGB20NB37LZ |
N-CHANNEL CLAMPED 20A - D2PAK INTERNALLY CLAMPED POWERMESH IGBT
|
ST Microelectronics
|
MGP20N40CL_D ON1864 MGP20N40CL |
SMARTDISCRETES Internally Clamped, N-Channel IGBT From old datasheet system 20 AMPERES VOLTAGE CLAMPED N-CHANNEL IGBT V ce(on) = 1.8 VOLTS 400 VOLTS (CLAMPED)
|
ONSEMI[ON Semiconductor]
|
STGB10NC60KDT4 STGP10NC60KD STGF10NC60KD GB10NC60K |
N-channel 600V - 10A - D2PAK / TO-220 / TO-220FP Short circuit rated PowerMESH IGBT
|
STMICROELECTRONICS[STMicroelectronics]
|
STGF14NC60KD STGF10NC60KD07 STGP10NC60KD GB10NC60K |
N-channel 600V - 10A - D2PAK / TO-220 / TO-220FP Short circuit rated PowerMESH TM IGBT
|
STMICROELECTRONICS[STMicroelectronics]
|
STGB10NC60KT4 STGP10NC60K STGD10NC60K STGD10NC60KT |
N-channel 600V - 10A - D2PAK / TO-220 / DPAK Short circuit rated PowerMESH TM IGBT
|
STMICROELECTRONICS[STMicroelectronics]
|
ISL9V2040S3ST ISL9V2040D3S04 ISL9V2040D3ST ISL9V20 |
10A, 400V Logic Level, Voltage Clamped, Avalanche Energy Rated, ESD Protected IGBT EcoSPARKTM 200mJ, 400V, N-Channel Ignition IGBT
|
FAIRCHILD[Fairchild Semiconductor]
|
STB4NC60 8256 STB4NC60T4 |
INTEGRATED EC000 MPU N沟道600V 1.8ohm - 4.2A D2PAK封装MOSFET的第二PowerMesh N-CHANNEL 600V - 1.8ohm - 4.2A D2PAK PowerMesh?II MOSFET N-CHANNEL 600V 1.8 OHM 4.2A D2PAK POWERMESH II MOSFET From old datasheet system N-CHANNEL 600V - 1.8ohm - 4.2A D2PAK PowerMesh⑩II MOSFET N-CHANNEL 600V 1.8 OHM 4.2A D2PAK POWERMESH II MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
SBR10100CTB SBR10100CTB-13 SBR10100CTB-G SBR10100C |
RECTIFIER SBR DUAL 10A 100V 120A-ifsm 800mV-vf 0.2mA-ir D2PAK 50/TUBE 10 A, 100 V, SILICON, RECTIFIER DIODE, TO-263AB 10 A, 100 V, SILICON, RECTIFIER DIODE, TO-263AB ROHS COMPLIANT, PLASTIC, TO-263, D2PAK-3 10 A, 100 V, SILICON, RECTIFIER DIODE, TO-263AB GREEN, PLASTIC, TO-263, D2PAK-3
|
Diodes, Inc. DIODES INC
|
STP60NS04ZB 9161 |
N-CHANNEL CLAMPED 10mohm - 60A TO-220 FULLY PROTECTED MESH OVERLAY MOSFET N-CHANNEL CLAMPED 10mohm - 60A TO-220 FULLY PROTECTED MESH OVERLAY⑩ MOSFET From old datasheet system N-CHANNEL CLAMPED 10MOHM 60A TO-220 FULLY PROTECTED MESH OVERLAY MOSFET N-CHANNEL CLAMPED 10MOHM 60A TO-220 FULLY PROTECTED MESH OVERLAY MOSFET
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
STB160NF03L 7460 |
N-CHANNEL 30V 0.0021 OHM - 160A D2PAK STRIPFET POWER MOSFET N-CHANNEL 30V - 0.0021ohm - 160A D2PAK STripFET POWER MOSFET N-CHANNEL 30V 0.0021 OHM - 160A D2PAK STRIPFET POWER MOSFET From old datasheet system N-CHANNEL 30V - 0.0021ohm - 160A D2PAK STripFET⑩ POWER MOSFET N-CHANNEL 30V - 0.0021ohm - 160A D2PAK STripFETPOWER MOSFET N沟道30V 0.0021ohm - 160A章采用D2PAK STripFET⑩功率MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] STMicroelectronics N.V.
|