PART |
Description |
Maker |
ISL84517IH-T ISL84517IB-T ISL84517IB ISL84517 ISL8 |
GIGATRUE 550 CAT PATCH CABLE NO BOOT 7FT RED 512 x 36 synchronous FIFO memory 120-HLQFP 0 to 70 低电压,双电源,聚苯乙烯,模拟开 Low-Voltage Dual Supply SPST Analog Switches Low-Voltage, Dual Supply, SPST, Analog Switches Low-Voltage/ Dual Supply/ SPST/ Analog Switches Analog Switch, SPST, Single, NClosed, Ron = 13 @ V, Ron Flatness Max 3Ω, .5V to V Supply Analog Switch, SPST, Single, NOpen, Ron = 13 @ V, Ron Flatness Max 3Ω, .5V to V Supply
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
BC859W BC859BW |
Low current (max. 100 mA). Low voltage (max. 45 V). Collector-base voltage VCBO -30 PNP General Purpose Transistor
|
TY Semiconductor Co., Ltd TY Semicondutor
|
MAX990EUA-T MAX994 MAX989EUA-T MAX990ESA MAX990EKA |
Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators DUAL COMPARATOR, 7000 uV OFFSET-MAX, 300 ns RESPONSE TIME, PDSO8 Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators DUAL COMPARATOR, 7000 uV OFFSET-MAX, PDSO8 Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators COMPARATOR, 7000 uV OFFSET-MAX, PBGA6
|
Maxim Integrated Products, Inc.
|
2PB709AS 2PB709AR |
Low current (max. 100 mA) Low voltage (max. 45 V).Collector-base voltage VCBO -45 V
|
TY Semiconductor Co., Ltd
|
STG368005 STG3680 |
LOW VOLTAGE 0.5/0.8Ω MAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE LOW VOLTAGE 0.5/0.8楼? MAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
|
STMicroelectronics
|
CX380D5 |
Solid-State PC Board Relay; Output Device:SCR; Output Voltage Max:530Vrms; Output Voltage Min:48Vrms; Control Voltage Max:15VDC; Control Voltage Min:4VDC; Load Current Max:5A; Switching:Zero Cross; Operating Voltage Max:530V
|
CRYDOM CORP
|
AZV358G-G1 AZV358M-E1 AZV358M-G1 AZV358GTR-G1 AZV3 |
DUAL LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS DUAL OP-AMP, 9000 uV OFFSET-MAX, 1 MHz BAND WIDTH, PDSO8 DUAL LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
|
BCD Semiconductor Manufacturing Limited BCD SEMICONDUCTOR MANUFACTURING LTD BCD Semiconductor Manuf...
|
STG4259 STG4259BJR |
Low voltage 0.3Ω max dual SPDT switch with break-before-make feature and 15KV ESD protection Low voltage 0.3ヘ max dual SPDT switch with break-before-make feature and 15KV ESD protection
|
STMicroelectronics
|
X221 X251 X252 X222 X242 X253-883B X211 X211-883B |
X200 Series CMOS ; Output Voltage Max:280Vrms; Load Current Max:6A; Switching:Zero Cross RoHS Compliant: Yes Solid-State Panel Mount Relay; Output Device:SCR; Output Voltage Max:280Vrms; Output Voltage Min:24Vrms; Control Voltage Max:32VDC; Control Voltage Min:3VDC; Load Current Max:90A; Switching:Random; Leaded Process Compatible:Yes RoHS Compliant: Yes Hot Swap Controller IC; Hot Swap Controller Type:Negative Voltage; Controlled Voltage Min:-10V; Controlled Voltage Max:-80V; Number of Controlled Voltages:1; Package/Case:8-SOIC; Power Good Output:Active Low X200 SERIES (CMOS) STANDARD SPECFITIONS X200系列(CMOS)技术标准SPECFITIONS
|
List of Unclassifed Man... List of Unclassifed Manufacturers N.A. ETC[ETC] Electronic Theatre Controls, Inc. Xsis Electronics
|
M5218AFP M5218AL M5218AP M5218FP M5218P M5218 M521 |
DUAL OP-AMP, 6000 uV OFFSET-MAX, 7 MHz BAND WIDTH, PDIP8 DUAL OP-AMP, 6000 uV OFFSET-MAX, 7 MHz BAND WIDTH, PSIP8 From old datasheet system DUAL LOW-NOISE OPERATIONAL AMPLIFIERS(DUAL POWER SUPPLY TYPE) Dual Low Noise Operational Amplifier
|
MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric Corporation
|