PART |
Description |
Maker |
BCM56101 BCM5848U |
24-PORT FAST ETHERNET AND 2-PORT GIGABIT ETHERNET MULTILAYER SWITCH WITH ONE 10-GIGABIT ETHERNET/HIGIG PORT 24端口快速以太网端口千兆以太网多层交换机,可以用一10-GIGABIT以太 HIGIG港口
|
Broadcom Corp. Broadcom, Corp.
|
ZL50417 |
Unmanaged 16 port Fast Ethernet 2 port 1Gb Ethernet Switch
|
Zarlink Semiconductor
|
1N5811 1N5811US 1N5807-1 JANTX1N5811 JAN1N5809 1N5 |
Low Power, Two-Port, Hi-Speed USB2.0 (480Mbps) Switch; ; No of Pins: 10; Container: Tape & Reel ULTRA FAST RECTIFIERS UltraFastRectifiers
UltraFastRectifier(lessthan100ns)
ULTRA FAST RECTIFIERS
|
MICROSEMI CORP-SCOTTSDALE MICROSEMI[Microsemi Corporation]
|
FSW-0811 |
8-Port Fast Ethernet Switch
|
Level One
|
ADV7623BSTZ ADV7623BSTZ-P ADV7623BSTZ-RL ADV7623BS |
HDMI Transceiver with Fast Port Switching
|
Analog Devices
|
TE100-S88EPLUS TE100-S16EPLUS TE100-S16R TE100-S24 |
16-Port 10/100Mbps Fast Ethernet Switch
|
List of Unclassifed Manufacturers ETC[ETC]
|
ZL50416 |
Managed 16-Port Fast Ethernet Switch
|
ZARLINK
|
ST1284 ST1284-01 ST1284-01A8 ST1284-01A8RL ST1284- |
PARALLEL PORT SINGLE TERMINATION NETWORK WITH /-15KV ESD PROTECTION PARALLEL PORT SINGLE TERMINATION NETWORK WITH ±15kV ESD PROTECTION PARALLEL PORT SINGLE TERMINATION NETWORK WITH 15kV ESD PROTECTION PARALLEL PORT SINGLE TERMINATION NETWORK WITH 【15KV ESD PROTECTION RECTIFIER FAST-RECOVERY SINGLE 1A 400V 30A-ifsm 1.3V-vf 150ns 5uA-ir DO-41 5K/REEL-13 并行端口终端网络与单15kV ESD保护 PARALLEL PORT SINGLE TERMINATION NETWORK WITH 5kV ESD PROTECTION 并行端口终端网络与单5kV ESD保护
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
FSW-2215 FSW-2218 |
8-port 10/100Mbps Fast Etherent Switch w/ Internal Power
|
Level One
|
MC74F399D MC74F399N MC54F399J ON1296 MC74F339D MC7 |
From old datasheet system QUAD 2-PORT REGISTER FAST SCHOTTKY TTL
|
MOTOROLA[Motorola Inc] MOTOROLA[Motorola, Inc]
|