PART |
Description |
Maker |
ISL83070E07 ISL83076E ISL83076EIBZA ISL83070EIBZA |
卤15kV ESD Protected, 3.3V, Full Fail-safe,Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers(卤15kV ESD 淇??, 3.3V宸ヤ?,RS-485/RS-422?跺??? ±15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers 隆戮15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers 【15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers ±15kV ESD Protected, 3.3V, Full Fail-safe,Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers(±15kV ESD 保护, 3.3V工作,RS-485/RS-422收发 ± 15kV的ESD保护.3伏,全面故障保护,低功耗,高速或摆率限制,RS-485/RS-422收发器(± 15kV的ESD保护.3V的工作的RS-485/RS-422收发器)
|
Intersil Corporation Intersil, Corp.
|
ISL848306 ISL8483IBZ ISL8483IBZ-T ISL8483IPZ ISL84 |
5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers(5V, 低功 高速或带有限斜率功能的RS-485/RS-422收发
|
INTERSIL[Intersil Corporation]
|
8339 ST485EXN ST485EBD ST485EBDR ST485EBN ST485ECD |
LOW POWER RS-485/RS422 TRANSCEIVER ±15KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER 【15KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER 【5KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER ±5KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER
|
ST Microelectronics 意法半导 STMICROELECTRONICS[STMicroelectronics]
|
ISL3283E ISL3282E ISL3281E ISL3280E ISL3284E ISL32 |
6.5kV ESD Protected, 125C, 3.0V to 5.5V, SOT-23 Package, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers ±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers ±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps Full Fail-safe, Low Power, RS-485/RS-422 Receivers 【16.5kV ESD Protected, 125∑C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps Full Fail-safe, Low Power, RS-485/RS-422 Receivers ±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23 Package, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers; Temperature Range: -40°C to 85°C; Package: 6-SOT-23 T&R LINE RECEIVER, PDSO6 6.5kV ESD Protected, 125C, 3.0V to 5.5V, TDFN Package, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers 6.5kV ESD Protected, 125C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
|
Integrated Device Techn... Integrated Device Technology Intersil Corporation Intersil, Corp.
|
ST485B ST485C |
Low power RS-485/RS-422 transceiver
|
STMicroelectronics
|
ST485 ST485XDR ST485XN ST485CN ST485BD ST485BDR ST |
Low power RS-485/RS-422 transceiver
|
STMICROELECTRONICS[STMicroelectronics]
|
ST490AB |
Low power high speed RS-485/RS-422 transceiver
|
http://
|
SP3488 SP3489 SP3489CP SP3489CT SP3489EP SP3489ET |
3.3V Low Power Quad RS-485/RS-422 Line Receivers
|
SIPEX[Sipex Corporation]
|
ISL3293E ISL3298ENBSP ISL3297ENBSP ISL3296E ISL329 |
6.5kV ESD Protected, 125C, 3.0V to 5.5V, SOT-23/TDFN Packaged, Low Power, RS-485/RS-422 Transmitters ±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23/TDFN Packaged, Low Power, RS-485/RS-422 Transmitters 【16.5kV ESD Protected, 125∑C, 3.0V to 5.5V, SOT-23/TDFN Packaged, Low Power, RS-485/RS-422 Transmitters ±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23/TDFN Packaged, Low Power, RS-485/RS-422 Transmitters; Temperature Range: -40°C to 85°C; Package: 8-TDFN T&R LINE DRIVER, PDSO8 ±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23/TDFN Packaged, Low Power, RS-485/RS-422 Transmitters; Temperature Range: Full-Range Ind; Package: 8-TDFN T&R LINE DRIVER, PDSO8 ±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23/TDFN Packaged, Low Power, RS-485/RS-422 Transmitters; Temperature Range: -40°C to 85°C; Package: 6-SOT-23 T&R LINE DRIVER, PDSO6
|
Intersil Corporation Intersil, Corp.
|
MAX3483 MAX3483CPA MAX3483CSA MAX3483EPA MAX3483ES |
3.3V Powered, 10Mbps and Slew-Rate Limited, True RS-485/RS-422 Transceivers 3.3V-Powered 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered / 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers QVGA-HVGA 27-Bit Display Serial Interface Receiver 48-BGA MICROSTAR JUNIOR -40 to 85 SWITCH, 6MM S0/8.5MM HT TACT 3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDIP14
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maixm Maxim Integrated Products, Inc.
|
|