PART |
Description |
Maker |
ADDAC80 ADDAC87CBI-I ADDAC87CBI-V ADDAC85MILCBII8 |
Complete Low Cost Hybrid 12-Bit D/A Converter, -55 to 125C Complete Low Cost Hybrid 12-Bit D/A Converter, -25 to 85C Complete Low Cost Hybrid 12-Bit D/A Converter 0to 70C Complete Low Cost Hybrid 12-Bit D/A Converter, -25 to 85°C Complete Low Cost Hybrid 12-Bit D/A Converter, -55 to 125°C From old datasheet system IC,D/A CONVERTER,SINGLE Complete low cost, linearity error /- 1/2 LBS, binary input
|
Analog Devices adi
|
SGM706 |
Low-Cost, Microprocessor Supervisory Circuit
|
Shengbang Microelectron...
|
AD73311LAR AD73311LARU EVAL-AD73311LEB AD73311LARS |
Low Cost/ Low Power CMOS General Purpose Analog Front End Low Cost, Low Power CMOS General Purpose Analog Front End Single-Channel, 3 V Front-End Processor for General Purpose Applications Including Speech and Telephony; Package: SSOP; No of Pins: 20; Temperature Range: Industrial SPECIALTY TELECOM CIRCUIT, PDSO20
|
Analog Devices, Inc.
|
ADM1020 ADM1020AR-REEL ADM1020AR-REEL7 |
8-Lead, Low-Cost, System Temperature Monitor SPECIALTY ANALOG CIRCUIT, PDSO8 8-Lead/ Low-Cost/ System Temperature Monitor
|
Analog Devices, Inc. AD[Analog Devices]
|
YF10T8 YF01T8 YF03T8 YF06T8 YF-T8 |
Low cost type Printed circuit terminals All parts are approved by UL, VDE and CSA
|
List of Unclassifed Manufacturers ETC[ETC]
|
FMS6243MTC14X |
Low-Cost, 3-Channel, SD Video Filter Drivers with External Delay Control SPECIALTY CONSUMER CIRCUIT, PDSO14
|
Fairchild Semiconductor, Corp.
|
MAX5360 MAX5360LEUK MAX5360MEUK MAX5360NEUK MAX536 |
4 V,low-cost, low-power, 6-bit DAC with 2-wire serial interface Low-Cost, Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package 低成本,低功耗,6位DAC,带线串行接口,采用SOT23封装 Low-Cost, Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package SERIAL INPUT LOADING, 20 us SETTLING TIME, 6-BIT DAC, PDSO5 Low-Cost / Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package Low-Cost Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package 2 V,low-cost, low-power, 6-bit DAC with 2-wire serial interface
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
KM7101 |
Ultra-Low Cost, 136uA, 4.9MHz Rail-to-Rail I/O Amplifier From old datasheet system an ultra-low cost, low power, voltage feed-back
|
Fairchild Semiconductor
|
MAX6001 MAX6001EUR-T MAX6002 MAX6002EUR-T MAX6003 |
Low-Cost Low-Power Low-Dropout SOT23-3 Voltage References " Low-Cost, Low-Power, Low-Dropout, SOT23-3 Voltage References" Low-Cost / Low-Power / Low-Dropout / SOT23-3 Voltage References Circular Connector; MIL SPEC:MIL-C-5015 E/F/R; Body Material:Metal; Series:MS3106E; Number of Contacts:3; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] MAXIM INTEGRATED PRODUCTS INC
|