PART |
Description |
Maker |
CPDF3V3UP-HF |
Halogen Free ESD Diodes, V-C=5.5V, V-ESD=15kV SMD ESD Protection Diode
|
Comchip Technology
|
MAX3202E MAX3202EEB MAX3202EET MAX3203 MAX3203EEB |
Low-Capacitance 2/3/4/6-Channel 15kV ESD Protection Arrays for High-Speed Data Interfaces "Six-channel, 5pF, ?5kV ESD Protection Diodes" "Quad, 5pF, ?5kV ESD Protection Diodes" "Dual, 5pF, ?5kV ESD Protection Diodes" Low-Capacitance / 2/3/4/6-Channel / 15kV ESD Protection Arrays for High-Speed Data Interfaces Low-Capacitance, 2/3/4/6-Channel, ±15kV ESD-Protection Arrays for High-Speed Data Interfaces
|
MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
CPDVR065V0U-HF |
Halogen Free ESD Array, V-C=11V, V-PV=15kV, V-BD=0V SMD ESD Protection Diode
|
Comchip Technology
|
MAX4927ETN_ MAX4927 MAX4927ETN |
1000 Base-T, ±15kV ESD Protection LAN Switch 1000 Base-T, 【15kV ESD Protection LAN Switch
|
MAXIM[Maxim Integrated Products]
|
MAX4385E MAX4385EEUK-T MAX4386EESD MAX4386EEUD MAX |
Low-Cost, 230MHz, Single/Quad Op Amps with Rail-to-Rail Outputs and ±15kV ESD Protection Low-Cost / 230MHz / Single/Quad Op Amps with Rail-to-Rail Outputs and 15kV ESD Protection Low-Cost, 230MHz, Single/Quad Op Amps with Rail-to-Rail Outputs and ±15kV ESD Protection Low-Cost, 230MHz, Single/Quad Op Amps with Rail-to-Rail Outputs and 15kV ESD Protection " Low- Cost, 230MHz, Single Op Amps with Rail-to- Rail Outputs and ?5kV ESD in SOT23" Low-Cost, 230MHz, Single/Quad Op Amps with Rail-to-Rail Outputs and 【15kV ESD Protection Low-Cost, 230MHz, Single/Quad Op Amps with Rail-to-Rail Outputs and 5kV ESD Protection Low-Cost.230MHz.Single/Quad Op Amps with Rail-to-Rail Outputs and ±.15kV ESD Protection
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MAX3535E MAX3535ECWI MAX3535EEWI MXL1535EEWI MXL15 |
3V to 5V 2500VRMS Isolated RS-485/RS-422 Transceivers with 15kV ESD Protection 3V to 5V, 2500VRMS Isolated RS-485/RS-422 Transceivers with 【15kV ESD Protection
|
MAXIM[Maxim Integrated Products]
|
MAX4030E MAX4031E |
Low-Cost, 144MHz, Dual/Triple Op Amps with ±15kV ESD Protection
|
Maxim
|
SP3497E SP3497EEN-L SP3497EEN-L_TR SP3495E SP3495E |
HIGH SPEED 3.3V RS-485/RS-422 TRANSCEIVERS WITH /-15KV ESD PROTECTION AND ADVANCED FAILSAFE
|
Exar Corporation
|
MAX3206EETC MAX3202 MAX3202E MAX3202EEBS-T MAX3202 |
Low-Capacitance, 2/3/4/6-Channel, 【15kV ESD Protection Arrays for High-Speed Data Interfaces
|
MAXIM[Maxim Integrated Products]
|
MAX3443E MAX3443EESA MAX3443EAPA MAX3443EASA MAX34 |
【60V Fault-Protected, 10Mbps, Fail-Safe RS-485 Transceiver with 【15kV ESD Protection ±60V Fault-Protected, 10Mbps, Fail-Safe RS-485 Transceiver with ±15kV ESD Protection
|
Maxim Integrated Produc... MAXIM[Maxim Integrated Products]
|
SX8651ICSTRT1 SX8651IWLTRT1 |
Multitouch 4-wire Resistive Touchscreen Controller with 15kV ESD Protection Multitouch 4-wire Resistive Touchscreen Controller with 15kV ESD Protection
|
Semtech Corporation
|