PART |
Description |
Maker |
ST232CN |
5V POWERED MULTI-CHANNEL RS-232 DRIVERS AND RECEIVERS
|
ST Microelectronics
|
CA82C37A-8ED CA82C37A-5ED CA82C37A-10CD CA82C37A-1 |
/- 15 kV ESD protected 5 V RS-232 transceiver 3.3 V powered, 15 kV ESD protected, up to 12 Mbps true RS-485/RS-422 transceiver DMA Controller 5 V powered multi-channel RS-232 drivers and receivers DMA控制
|
Linear Technology, Corp.
|
LCA15C LCA05C LCA05C10 LCA08C LCA24C |
High powered multi-line tvs array
|
Protek Devices
|
LCD24C LCD12C |
HIGH POWERED MULTI-LINE TVS ARRAY
|
Protek Devices
|
VS10P05C VSB10P05LCI VSB10P05C VSB10P08 VSB10P08C |
HIGH POWERED MULTI-LINE VSIP? TVS ARRAY
|
Protek Devices
|
MAX232A MAX232C MAX232D MAX244 MAX232CPE MAX236 MA |
5V-Powered, Multichannel RS-232 Drivers/Receivers 5V-Powered / Multichannel RS-232 Drivers/Receivers Gender:Socket; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:17-35 +5V-Powered,Multi-Channel RS-232 Drivers/Receivers Circular Connector; No. of Contacts:29; Series:MS27466; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:25; Circular Contact Gender:Socket; Circular Shell Style:Wall Mount Receptacle RoHS Compliant: No LJT 6C 6#22M PIN PLUG +5V-Powered,Multichannel RS-232 Drivers/Receivers +5供电,多路RS - 232驱动接收 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors HEX LINE TRANSCEIVER, PQCC44 +5V-Powered,Multichannel RS-232 Drivers/Receivers +5v-powered,多路RS - 232驱动接收 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 5V的高速RS - 232收发器与0.1uF电容 TV 37C 37#22D SKT RECP 5 LINE DRIVER, PDSO20 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors TRIPLE LINE TRANSCEIVER, PDIP24 Quadruple Bus Buffer Gates With 3-State Outputs 14-PDIP -40 to 85 16-Bit Buffers/Drivers With 3-State Outputs 48-SSOP -40 to 85 5V RS-232 Transceivers with 0.1uF External Capacitors
|
Maxim Integrated Products, Inc. Buffer和线驱动 MAXIM INTEGRATED PRODUCTS INC
|
GP712 |
IEEE 802.15.4 Multi-Stack Multi-Channel Communications Controller
|
TriQuint Semiconductor
|
MAX1112 MAX1112CAP MAX1112CPP MAX1112EAP MAX1112EP |
5V, Low-Power, Multichannel, Serial 8-Bit ADCs 5V, Low-Power, Multi-Channel, Serial 8-Bit ADCs 5V, Low-Power, Multi-Channel,Serial 8-Bit ADCs 5V Low-Power Multi-Channel Serial 8-Bit ADCs 5 V, low-power, multi-channel, serial 8-bit ADC. 8-channel single-ended or 4-channel differential inputs
|
Maixm MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX232A MAX232AC MAX232ACPE MAX232ACSE MAX232ACWE |
5V-powered, multichannel RS-232 driver-receiver. 5V-Powered, Multichannel RS-232 Drivers/Receivers 5V-Powered Multichannel RS-232 Drivers/Receivers From old datasheet system
|
MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
J-26 J-63 J-62 J-21 J-64 J-13 J-16 J-41 226-R 616- |
Dual Mode™ 5V Programmable Micropower Voltage Regulators 5V, RS-232 Transceivers with 0.1µF External Capacitors 450MHz CDMA/OFDM LNA/Mixer 5V-Powered, Multichannel RS-232 Drivers/Receivers Direct-Conversion Tuner ICs for Digital DBS Applications 6-Channel, Multi-Range, 5V, 12-Bit DAS with 12-Bit Bus Interface and Fault Protection Low-Power Dual-/Triple-Voltage SC70 µP Supervisory Circuits Fuse 保险 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 5V的高RS - 232收发器与0.1uF电容
|
Dialight PLC Exar, Corp.
|
TMUX1511 TMUX1511PWR |
<font color=red>[Old version datasheet]</font> Low-Capacitance, 1:1 (SPST) 4-Channel, Powered-Off Protected Switch with 1.8 V Logic
|
TI store
|