PART |
Description |
Maker |
BC328-16/E6 BC328/E6 BC328-40/E6 BC327/E6 BC327-40 |
IC MAX 7000 CPLD 64 100-TQFP MAX II CPLD 570 LE 256-FBGA MAX II CPLD 570 LE 100-TQFP MAX 7000 CPLD 192 MC 160-PQFP MAX 7000 CPLD 32 MC 44-TQFP MAX 3000A CPLD 32 MC 44-TQFP MAX 7000 CPLD 256 MC 100-FBGA 晶体管|晶体管|进步党| 45V的五(巴西)总裁| 800mA的一(c)|26AA 800 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-226AA
|
Mitsubishi Electric, Corp. VISHAY SEMICONDUCTORS
|
ST20-JPIUK ST20-JPI ST20-JPI110 ST20-JPI220 ST20-J |
MAX 7000 CPLD 512 MC 144-TQFP 计算机并行端口JTAG接口 PC PARALLEL PORT TO JTAG INTERFACE 计算机并行端口JTAG接口 CYCLONE III FPGA 119K 780FBGA MAX 7000 CPLD 256 MC 208-RQFP PC PARALLEL PORT TO JTAG INTERFACE
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics SGS Thomson Microelectronics
|
TSC51C1XXX-12IB TSC51C1XXX-A12IB TSC51C1XXX-A16IB |
IC FLEX 10K FPGA 20K 144-TQFP IC FLEX 10KV FPGA 50K 356-BGA IC MAX 7000 CPLD 64 68-PLCC IC FLEX 10KV FPGA 50K 240-PQFP IC FLEX 10KE FPGA 50K 240-PQFP IC FLEX 10K FPGA 50K 240-RQFP IC FLEX 10KA FPGA 30K 208-PQFP IC FLEX 10KS FPGA 50K 240-PQFP IC MAX 7000 CPLD 64 84-PLCC IC FLEX 10K FPGA 40K 208-RQFP IC MAX 7000 CPLD 32 44-PLCC IC MAX 7000 CPLD 64 100-TQFP IC FLEX 10K FPGA 30K 208-RQFP 8-BIT MICROCONTROLLER 8位微控制 IC FLEX 10KA FPGA 30K 240-PQFP 8位微控制
|
Marvell Semiconductor, Inc. STMicroelectronics N.V.
|
BC338-25ZL1 BC337-25ZL1 BC337-25RL1 BC337-16RL1 BC |
TRANSISTOR | BJT | NPN | 25V V(BR)CEO | 800MA I(C) | TO-92 IC MAX 7000 CPLD 64 68-PLCC IC CONFIG DEVICE 440KBIT 32-TQFP 晶体管|晶体管|叩| 45V的五(巴西)总裁| 800mA的一c)|2 晶体管|晶体管|叩| 25V的五(巴西)总裁| 800mA的一c)|2 IC MAX 7000 CPLD 64 44-PLCC 晶体管|晶体管|叩| 45V的五(巴西)总裁| 800mA的一(c)|2
|
Rectron Semiconductor
|
YGV617QFP144 YGV617QFP160 |
IC MAX 7000 CPLD 64 44-PLCC IC CONFIG DEVICE 4MBIT 100-PQFP 非VGA视频控制
|
Bourns, Inc.
|
ST24LC21BB1 ST24LW21B1 ST24FC21M1 ST24FW21B1 ST24L |
1 Kbit (x8) Dual Mode Serial EEPROM for VESA PLUG & PLAY IC CONFIG DEVICE 8MBIT 100-PQFP I2C串行EEPROM IC ACEX 1K FPGA 100K 484-FBGA FPGA, FLEX 10K, 10K GATES, TQFP144; Logic IC family:FPGA; Logic IC Base Number:10; Logic IC function:EPF10K10; Voltage, supply:5.0V; Case style:TQFP; Gates, No. of:10000; I/O lines, No. of:102; Pins, No. of:144; Temp, op. RoHS Compliant: Yes IC CONFIG DEVICE 1.6MBIT 32-TQFP MAX 3000A CPLD 32 MC 44-PLCC
|
SGS Thomson Microelectronics Honeywell International, Inc.
|
XCR3512XL-7PQ208I XCR3512XL XCR3512XL-10FT256I XCR |
XCR3512XL: 512 Macrocell CPLD EE PLD, 10 ns, PBGA324 XCR3512XL: 512 Macrocell CPLD EE PLD, 7.5 ns, PQFP208 XCR3512XL: 512 Macrocell CPLD EE PLD, 10 ns, PBGA256 XCR3512XL: 512 Macrocell CPLD
|
XILINX INC Xilinx, Inc. XILINX[Xilinx, Inc]
|
IDT72235LB IDT72205LB IDT72225LB IDT72215LB IDT722 |
4K x 18 SyncFIFO, 5.0V 2K x 18 SyncFIFO, 5.0V 1K x 18 SyncFIFO, 5.0V 512 x 18 SyncFIFO, 5.0V 256 x 18 SyncFIFO, 5.0V CMOS SyncFIFO? Low Voltage 28-Bit Flat Panel Display Link Serializers; Package: TSSOP; No of Pins: 56; Container: Tape & Reel TUBING, TFE 20GA TUBE, THN, TEF, NAT, 24AWG 256 X 18 OTHER FIFO, 10 ns, PQFP64 PLASTIC, TQFP-64 256 X 18 OTHER FIFO, 15 ns, PQFP64 PLASTIC, TQFP-64 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 256 X 18 OTHER FIFO, 15 ns, PQFP64 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 512 X 18 OTHER FIFO, 15 ns, PQFP64 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 2K X 18 OTHER FIFO, 15 ns, PQFP64 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 1K X 18 OTHER FIFO, 15 ns, PQFP64 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 4K X 18 OTHER FIFO, 15 ns, PQFP64 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 的CMOS SyncFIFOO 256 × 1812 × 18024 × 18048 × 18096 × 18 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 1K X 18 OTHER FIFO, 6.5 ns, PQCC68 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 2K X 18 OTHER FIFO, 6.5 ns, PQFP64
|
http:// IDT[Integrated Device Technology] Integrated Device Technology, Inc. Cypress Semiconductor, Corp. INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Technolog...
|
TS971IDT TS971IYD TS971IYDT TS971IYLT TS97107 TS97 |
DUAL OP-AMP, 7000 uV OFFSET-MAX, 12 MHz BAND WIDTH, PDSO8 Output rail-to-rail very low noise operational amplifier QUAD OP-AMP, 7000 uV OFFSET-MAX, 12 MHz BAND WIDTH, PDIP14
|
STMicroelectronics
|
Z0110NA/2AL2 Z0110NN/2AL2 Z0107MA/1AA2 Z0109MA/1AA |
TRIAC|800V V(DRM)|1A I(T)RMS|TO-92 MEMORY 16MBYTES 3 VOLT STRATAFLASH 56-LEAD TSOP 256MB SDRAM SODIMM IC APEX 20KE FPGA 200K 484-FBGA IC, ISP EPM7192SQC160-7 IC MAX 7000 CPLD 32 44-PLCC FPGA Logic IC; Logic Type:Programmable; No. of Macrocells:102; Package/Case:144-TQFP; Leaded Process Compatible:No; Number of Circuits:1728; Peak Reflow Compatible (260 C):No; Mounting Type:surface mount RoHS Compliant: No CPLD Logic IC; Logic Type:Programmable; No. of Macrocells:64; Package/Case:68-PLCC; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Mounting Type:Surface Mount RoHS Compliant: No 8Mb Boot Block Flash TRIAC|700V V(DRM)|1A I(T)RMS|SOT-223 可控硅| 700V的五(DRM)的| 1A条口(T)的有效值|采用SOT - 223 TRIAC|800V V(DRM)|1A I(T)RMS|SOT-223 可控硅| 800V的五(DRM)的| 1A条口(T)的有效值|采用SOT - 223 Programmable Logic IC; Logic Type:Programmable; Package/Case:84-PLCC; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Mounting Type:Surface Mount RoHS Compliant: No 可控硅| 800V的五(DRM)的| 1A条口T)的有效值|2 TRIAC|600V V(DRM)|1A I(T)RMS|TO-92 可控硅| 600V的五(DRM)的| 1A条口T)的有效值|92 TRIAC|700V V(DRM)|1A I(T)RMS|TO-92 可控硅| 700V的五(DRM)的| 1A条口(T)的有效值|2 TRIAC|600V V(DRM)|1A I(T)RMS|SOT-223 可控硅| 600V的五(DRM)的| 1A条口(T)的有效值|采用SOT - 223 TRIAC|800V V(DRM)|1A I(T)RMS|SOT-223 可控硅| 800V的五(DRM)的| 1A条口T)的有效值|采用SOT - 223
|
Electronic Theatre Controls, Inc. NXP Semiconductors N.V. OMRON Scientific Technologies, Inc. Supertex, Inc. TE Connectivity, Ltd. Omron Electronics, LLC
|
EPM7256SRI208-10 EPM7064STC100-10 EPM7064SLI44-7 E |
最000可编程逻辑器件1.13公尺 MAX 7000 Programmable Logic Device(1.13 M) 最000可编程逻辑器件.13公尺 MAX 7000 Programmable Logic Device(1.13 M) 最7000可编程逻辑器件.13公尺
|
Altera, Corp.
|
|