PART |
Description |
Maker |
PA503T G11239EJ1V0DS00 UPA503T-T1 UPA503T-T2 UPA50 |
100 mA, 50 V, 2 CHANNEL, P-CHANNEL, Si, SMALL SIGNAL, MOSFET MOS Field Effect Transistor From old datasheet system Silicon transistor
|
NEC
|
2SK3782 |
N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTOR FOR IMPEDANCE CONVERTER OF ECM N沟道硅片结型场效应晶体管的阻抗流脑转 N-channel Silicon J-FET
|
NEC, Corp. NEC[NEC]
|
2SJ201O 2SJ201 |
Field Effect Transistor Silicon P Channel MOS Type High Power Amplifier Application TRANSISTOR | MOSFET | P-CHANNEL | 200V V(BR)DSS | 12A I(D) | TO-247VAR
|
TOSHIBA
|
SSM3K03FE |
100 mA, 20 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET TOSHIBA Field Effect Transistor Silicon N Channel MOS Type Field Effect Transistor Silicon N Channel MOS Type High Speed Switching Applications Analog Switch Applications
|
TOSHIBA[Toshiba Semiconductor]
|
MJE2955T03 MJE34003 MJE52103 MJE585203 MJE80203 MR |
COMPLEMENTARY SILICON POWER TRANSISTORS COMPLEMETARY SILICON POWER TRANSISTORS SILICON NPN TRANSISTOR HIGH VOLTAGE PNP POWER TRANSISTOR SILICON NPN POWER DARLINGTON TRANSISTOR RF Power Field Effect Transistors 880 MHz, 40 W AVG. 26 V SINGLE N-CDMA N-Channel Enhancement-Mode Lateral MOSFETs RF LDMOS Wideband Integrated Power Amplifiers GENERAL PURPOSE L TO X-BAND GaAs MESFET 10 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-220AB
|
FREESCALE NEC STMICROELECTRONICS[STMicroelectronics]
|
TPCP8H02 |
TOSHIBA Multi-Chip Transistor Silicon NPN Epitaxial Type, Field Effect Transistor Silicon N Channel MOS Type
|
Toshiba Semiconductor
|
2N6550 |
N-Channel Silicon Junction Field-Effect Transistor TRANSISTOR | JFET | N-CHANNEL | 20V V(BR)DSS | 10MA I(DSS) | TO-46
|
InterFET Corporation
|
2SK231202 2SK231207 2SK2312 |
TOSHIBA FIELD EFFECT TRANSISTOR SILICON N CHANNEL MOS TYPE (L2-PI-MOSV) CHOPPER Regulator, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (L2−?MOSV) TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (L2−ば-MOSV)
|
Toshiba Semiconductor
|
2SJ619 |
ZD-3.6V- 1 W TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (L2MOSV) Field Effect Transistor Silicon P Channel MOS Type (L2-PI-MOSV) Switching Regulator and DC-DC Converter Applications Motor Drive Applications
|
Toshiba Corporation Toshiba Semiconductor Sanyo Semicon Device
|
2SK3388 |
Field Effect Transistor Silicon N Channel MOS Type (pi-MOSV) Switching Regulator, DC-DC Converter Applications Motor Drive Applications TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
|
TOSHIBA[Toshiba Semiconductor]
|
ECH8901 |
PNP Epitaxial Planar Silicon Transistor P-Channel Silicon MOSFET
|
Sanyo Semicon Device
|