PART |
Description |
Maker |
2SA1350 2SA1350D |
Silicon PNP Transistor Silicon PNP Epitaxial TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 100MA I(C) | SPAK
|
HITACHI[Hitachi Semiconductor]
|
2SA1460 2SA1460-AZ 2SA1460-L-AZ 2SA1460L 2SA1460K |
TRANSISTOR | BJT | PNP | 45V V(BR)CEO | 1A I(C) | TO-221VAR 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 1000 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP SILICON TRANSISTOR
|
Electronic Theatre Controls, Inc. ETC List of Unclassifed Manufacturers
|
Q62702-F1582 BF569W Q62702-F1322 |
From old datasheet system PNP Silicon RF Transistor (For oscillators mixer and self-oscillating mixer stages in UHF TV-tuner) PNP Silicon RF Transistor kein Status PNP Silicon RF Transistor (For oscillators, mixer and self-oscillating mixer stages in UHF TV-tuner) NPN Silicon RF Transistor (For low-distortion broadband output amplifier stages in antenna and telecommunications) NPN硅射频晶体管(低失真输出天线的宽带和电信放大级)
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG
|
KSB1149 KSB1149OS KSB1149OSTU KSB1149YS KSB1149YST |
PNP Silicon Darlington Transistor PNP Epitaxial Silicon Transistor Low Collector Saturation Voltage Built-in Damper Diode at E-C
|
FAIRCHILD[Fairchild Semiconductor]
|
BC807-40LT1 BC807-40LT3G BC807-16LT1 BC807-16LT3 B |
General Purpose Transistors(PNP Silicon) 500 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB Silicon Transistor Plastic
|
ONSEMI[ON Semiconductor]
|
BC80725MTFNL BC80816MTF FAIRCHILDSEMICONDUCTORCORP |
PNP Epitaxial Silicon Transistor 800 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP Epitaxial Silicon Transistor; Package: SOT-23; No of Pins: 3; Container: Tape & Reel 800 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Fairchild Semiconductor, Corp.
|
2SA1843 2SA1843M 2SA1843L |
Silicon power transistor PNP SILICON EPITAXIAL POWER TRANSISTOR FOR HIGH-SPEED SWITCHING 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 5A I(C) | SIP 晶体管|晶体管|进步党| 60V的五(巴西)总裁| 5A条一(c)|园区
|
NEC Corp.
|
2SA1652 2SA1652K |
PNP epitaxial type silicon transistor PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset
|
NEC[NEC] NEC Corp.
|
FMMTA92 FMMTA93 FMMTA92TA FMMTA92R |
200 mA, 300 V, PNP, Si, SMALL SIGNAL TRANSISTOR SOT23 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR PNP High Voltage Transistor
|
ZETEX PLC Diodes Incorporated ZETEX[Zetex Semiconductors]
|
BC807U |
General Purpose Transistors - PNP Silicon AF Transistor Array for AF input stages and drivers PNP Silicon Transistor Array
|
INFINEON[Infineon Technologies AG]
|
KSA733YIUTA KSA733CGBU KSA733CGBUNL |
PNP Epitaxial Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Ammo 150 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 PNP Epitaxial Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Bulk 150 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 PNP Epitaxial Silicon Transistor 150 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|