PART |
Description |
Maker |
2SA1742 2SA1742K 2SA1742-K |
7 A, 60 V, PNP, Si, POWER TRANSISTOR Silicon powor transistor PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset
|
NEC[NEC]
|
2SA915 2SA915L 2SA915-K 2SA915-AZ 2SA915K |
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 50 mA, 120 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP SILICON TRANSISTOR TRANSISTOR | BJT | PNP | 120V V(BR)CEO | 50MA I(C) | TO-221VAR
|
List of Unclassifed Manufacturers ETC Electronic Theatre Controls, Inc.
|
Q62702-F1582 BF569W Q62702-F1322 |
From old datasheet system PNP Silicon RF Transistor (For oscillators mixer and self-oscillating mixer stages in UHF TV-tuner) PNP Silicon RF Transistor kein Status PNP Silicon RF Transistor (For oscillators, mixer and self-oscillating mixer stages in UHF TV-tuner) NPN Silicon RF Transistor (For low-distortion broadband output amplifier stages in antenna and telecommunications) NPN硅射频晶体管(低失真输出天线的宽带和电信放大级)
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG
|
2SA1386A 2SA1386 |
Silicon PNP Epitaxial Planar Transistor(PNP外延平面晶体 15 A, 180 V, PNP, Si, POWER TRANSISTOR Silicon PNP Epitaxial Planar Transistor(Audio and General Purpose)
|
Sanken Electric Co., Ltd. SANKEN[Sanken electric]
|
MPQ3799 MPQ3798 |
PNP SILICON QUAD TRANSISTOR PNP SILICON QUAD TRANSISTOR 50 mA, 40 V, 4 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-116
|
Central Semiconductor Corp. Central Semiconductor, Corp.
|
2SB601 2SB601-Z 2SB601-S 2SB601L 2SB601M 2SB601K |
TRANSISTOR | BJT | DARLINGTON | PNP | 100V V(BR)CEO | 5A I(C) | TO-220AB PNP SILICON EPITAXIAL TRANSISTOR (DARLINGTON CONNECTION) FOR LOW-FREQUENCY POWER AMPLIFIERS AND LOW-SPEED SWITCHING Silicon transistor
|
NEC Corp. NEC[NEC]
|
MMUN2134LT1 MMUN2111LT1 MMUN2112LT1 MMUN2113LT1 MM |
Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network SSP PNP PNP SILICON BIAS RESISTOR TRANSISTOR 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB
|
ONSEMI[ON Semiconductor]
|
BC556B BC556 BC558B BC557B BC557C BC557A |
PNP Amplifier Transistor(集电发射极电45V,集电极-基极电压-50V的PNP放大器晶体管) 100 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-226AA Amplifier Transistors(PNP Silicon) From old datasheet system
|
Motorola Mobility Holdings, Inc. ONSEMI[ON Semiconductor]
|
BD180 ON0190 |
POWER TRANSISTOR PNP SILICON CASE 77-09 TO-225AA TYPE From old datasheet system Plastic Medium Power Silicon PNP Transistor
|
Motorola Inc ON Semiconductor MOTOROLA[Motorola, Inc]
|
BC807U |
General Purpose Transistors - PNP Silicon AF Transistor Array for AF input stages and drivers PNP Silicon Transistor Array
|
INFINEON[Infineon Technologies AG]
|
2SC4615 2SA1772 2SA1772ETP-FA |
1000 mA, 400 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP Epitaxial Planar Silicon Transistor for High-Voltage Driver Applications(高电压驱动器应用的PNP硅外延平面型晶体 进步党硅外延平面晶体管的高压驱动器应用(高电压驱动器应用的新进步党硅外延平面型晶体管 NPN Triple Diffused Planar Silicon Transistor High-Voltage Driver Applications PNP Epitaxial Planar Silicon Transistor High-Voltage Driver Applications
|
Sanyo Electric Co., Ltd.
|